Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HC6856YSRAC35 Datasheet(PDF) 2 Page - Honeywell Solid State Electronics Center

Part # HC6856YSRAC35
Description  32K x 8 STATIC RAM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

HC6856YSRAC35 Datasheet(HTML) 2 Page - Honeywell Solid State Electronics Center

  HC6856YSRAC35 Datasheet HTML 1Page - Honeywell Solid State Electronics Center HC6856YSRAC35 Datasheet HTML 2Page - Honeywell Solid State Electronics Center HC6856YSRAC35 Datasheet HTML 3Page - Honeywell Solid State Electronics Center HC6856YSRAC35 Datasheet HTML 4Page - Honeywell Solid State Electronics Center HC6856YSRAC35 Datasheet HTML 5Page - Honeywell Solid State Electronics Center HC6856YSRAC35 Datasheet HTML 6Page - Honeywell Solid State Electronics Center HC6856YSRAC35 Datasheet HTML 7Page - Honeywell Solid State Electronics Center HC6856YSRAC35 Datasheet HTML 8Page - Honeywell Solid State Electronics Center HC6856YSRAC35 Datasheet HTML 9Page - Honeywell Solid State Electronics Center Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
HC6856
2
FUNCTIONAL DIAGRAM
NCS
CE
NWE
NOE
MODE
DQ
L
H
H
L
Read
Data Out
L
H
L
X
Write
Data In
H
X
XX
XX
Deselected
High Z
X
L
XX
XX
Disabled
High Z
TRUTH TABLE
NCS
A:0-8,12-13
CE
NWE
NOE
CS • CE
WE • CS • CE
NWE • CS • CE • OE
Column Decoder
Data Input/Output
Row
Decoder
32,768 x 8
Memory
Array
A:9-11,14
#
Signal
All controls must be
enabled for a signal to
pass. (#: number of
buffers, default = 1)
1 = enabled
Signal
4
DQ:0-7
(0 = high Z)
8
8
11
SIGNAL DEFINITIONS
A: 0-14
Address input pins (A) which select a particular eight-bit word within the memory array.
DQ: 0-7
Bidirectional data pins which serve as data outputs during a read operation and as data inputs during a write
operation.
NCS
Negative chip select, when at a low level allows normal read or write operation. When at a high level it forces
the SRAM to a precharge condition, holds the data output drivers in a high impedance state and disables all
the input buffers. If this signal is not used it must be connected to VSS.
NWE
Negative write enable, when at a low level activates a write operation and holds the data output drivers in a
high impedance state. When at a high level it allows normal read operation.
NOE
Negative output enable, when at a high level holds the data output drivers in a high impedance state. When
at a low level, the data output driver state is defined by NCS, NWE and CE. If this signal is not used it must
be connected to VSS.
CE
Chip enable, when at a high level allows normal operation. When at a low level it forces the SRAM to a
precharge condition, holds the data output drivers in a high impedance state and disables all the input buffers.
If this signal is not used it must be connected to VDD.
Notes:
X: VI=VIH or VIL
XX: VSS
≤VI≤VDD
NOE=H: High Z output state maintained for
NCS=X, CE=X, NWE=X


Similar Part No. - HC6856YSRAC35

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HC68T1M2 INTERSIL-HC68T1M2 Datasheet
474Kb / 24P
   CMOS Serial Real-Time Clock With RAM and Power Sense/Control
HC68T1M2Z INTERSIL-HC68T1M2Z Datasheet
474Kb / 24P
   CMOS Serial Real-Time Clock With RAM and Power Sense/Control
logo
NXP Semiconductors
HC68VBIGRS/D NXP-HC68VBIGRS/D Datasheet
1Mb / 120P
   General Release Specification
Rev. 3.1 08/2005
More results

Similar Description - HC6856YSRAC35

ManufacturerPart #DatasheetDescription
logo
Honeywell Solid State E...
HX6256 HONEYWELL-HX6256 Datasheet
780Kb / 13P
   32K x 8 Static RAM
logo
Cypress Semiconductor
CY62256V CYPRESS-CY62256V Datasheet
316Kb / 13P
   32K x 8 Static RAM
CY7C199 CYPRESS-CY7C199 Datasheet
317Kb / 13P
   32K x 8 Static RAM
CY7C199N CYPRESS-CY7C199N Datasheet
488Kb / 10P
   32K x 8 Static RAM
CY7C199 CYPRESS-CY7C199_06 Datasheet
315Kb / 11P
   32K x 8 Static RAM
logo
Weida Semiconductor, In...
WCMS0808U1X WEIDA-WCMS0808U1X Datasheet
224Kb / 10P
   32K x 8 Static RAM
logo
Cypress Semiconductor
CY7C199B CYPRESS-CY7C199B Datasheet
257Kb / 15P
   32K x 8 Static RAM
CY7C199C CYPRESS-CY7C199C Datasheet
117Kb / 12P
   32K x 8 Static RAM
logo
Weida Semiconductor, In...
WCFS0808C1E WEIDA-WCFS0808C1E Datasheet
193Kb / 10P
   32K x 8 Static RAM
logo
Cypress Semiconductor
CY7C198 CYPRESS-CY7C198 Datasheet
467Kb / 9P
   32K x 8 Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com