Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM2BG14W Datasheet(PDF) 3 Page - SunLED Corporation

Part # LM2BG14W
Description  T-1 3/4 (5mm) ROUND LED LAMP
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNLED [SunLED Corporation]
Direct Link  http://www.sunled.com
Logo SUNLED - SunLED Corporation

LM2BG14W Datasheet(HTML) 3 Page - SunLED Corporation

  LM2BG14W Datasheet HTML 1Page - SunLED Corporation LM2BG14W Datasheet HTML 2Page - SunLED Corporation LM2BG14W Datasheet HTML 3Page - SunLED Corporation LM2BG14W Datasheet HTML 4Page - SunLED Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Published Date : MAR 17, 2008
Drawing No : SDSA6517
V1
Checked : B.L.LIU
P.3/4
Part Number:
LM2BG14W
T-1 3/4 (5mm) ROUND LED LAMP
www.SunLED.com
Remarks:
If special sorting is required (e.g. binning based on forward voltage, luminous intensity / luminous flux or wavelength),
the typical accuracy of the sorting process is as follows:
1. Wavelength: +/-1nm
2. Luminous Intensity / luminous flux: +/-15%
3. Forward Voltage: +/-0.1V
Note: Accuracy may depend on the sorting parameters.


Similar Part No. - LM2BG14W

ManufacturerPart #DatasheetDescription
logo
SunLED Corporation
LM2BG11W SUNLED-LM2BG11W Datasheet
187Kb / 4P
   T-1 (3mm) SOLID STATE LAMP
LM2BG12W SUNLED-LM2BG12W Datasheet
184Kb / 4P
   T-1 3/4 (5mm) SOLID STATE LAMP
More results

Similar Description - LM2BG14W

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
WP7143SRC-D KINGBRIGHT-WP7143SRC-D_15 Datasheet
317Kb / 6P
   T-1 3/4 (5mm) ROUND LED LAMP
WP7143SRC-D KINGBRIGHT-WP7143SRC-D Datasheet
260Kb / 6P
   T-1 3/4 (5mm) ROUND LED LAMP
WP7143SURC KINGBRIGHT-WP7143SURC Datasheet
102Kb / 4P
   T-1 3/4 (5mm) ROUND LED LAMP
logo
SunLED Corporation
LM2CY14W SUNLED-LM2CY14W Datasheet
172Kb / 4P
   T-1 3/4 (5mm) ROUND LED LAMP
logo
Kingbright Corporation
W7113MBDK KINGBRIGHT-W7113MBDK Datasheet
108Kb / 3P
   T-1 3/4 (5mm) ROUND LED LAMP
WP2523SURC-E KINGBRIGHT-WP2523SURC-E Datasheet
120Kb / 4P
   T-1 3/4 (5mm) ROUND LED LAMP
logo
SunLED Corporation
LM2BB14W SUNLED-LM2BB14W Datasheet
178Kb / 4P
   T-1 3/4 (5mm) ROUND LED LAMP
logo
Kingbright Corporation
WP7143SGC KINGBRIGHT-WP7143SGC_15 Datasheet
316Kb / 6P
   T-1 3/4 (5mm) ROUND LED LAMP
WP7143SURC-E KINGBRIGHT-WP7143SURC-E_15 Datasheet
318Kb / 6P
   T-1 3/4 (5mm) ROUND LED LAMP
WP7143SURC-E KINGBRIGHT-WP7143SURC-E Datasheet
257Kb / 6P
   T-1 3/4 (5mm) ROUND LED LAMP
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com