Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HC6856XVFCC35 Datasheet(PDF) 6 Page - Honeywell Solid State Electronics Center

Part # HC6856XVFCC35
Description  32K x 8 STATIC RAM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

HC6856XVFCC35 Datasheet(HTML) 6 Page - Honeywell Solid State Electronics Center

Back Button HC6856XVFCC35 Datasheet HTML 2Page - Honeywell Solid State Electronics Center HC6856XVFCC35 Datasheet HTML 3Page - Honeywell Solid State Electronics Center HC6856XVFCC35 Datasheet HTML 4Page - Honeywell Solid State Electronics Center HC6856XVFCC35 Datasheet HTML 5Page - Honeywell Solid State Electronics Center HC6856XVFCC35 Datasheet HTML 6Page - Honeywell Solid State Electronics Center HC6856XVFCC35 Datasheet HTML 7Page - Honeywell Solid State Electronics Center HC6856XVFCC35 Datasheet HTML 8Page - Honeywell Solid State Electronics Center HC6856XVFCC35 Datasheet HTML 9Page - Honeywell Solid State Electronics Center HC6856XVFCC35 Datasheet HTML 10Page - Honeywell Solid State Electronics Center Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
HC6856
6
TAVAVR
Address Read Cycle Time
18
40
ns
TAVQV
Address Access Time
18
40
ns
TAXQX
Address Change to Output Invalid Time
15
5
ns
TSLQV
Chip Select Access Time
20
40
ns
TSLQX
Chip Select Output Enable Time
20
16
ns
TSHQZ
Chip Select Output Disable Time
6
10
ns
TEHQV
Chip Enable Access Time
20
40
ns
TEHQX
Chip Enable Output Enable Time
20
16
ns
TELQZ
Chip Enable Output Disable Time
6
10
ns
TGLQV
Output Enable Access Time
4
10
ns
TGLQX
Output Enable Output Enable Time
3
0
ns
TGHQZ
Output Enable Output Disable Time
4
10
ns
READ CYCLE AC TIMING CHARACTERISTICS (1)
(1) Test conditions: input switching levels VIL/VIH=0.5V/VDD-0.5V (CMOS), VIL/VIH=0V/3V (TTL), input rise and fall times <1 ns/V, input and
output timing reference levels shown in the Tester AC Timing Characteristics table, capacitive output loading C
L >50 pF, or equivalent capacitive
output loading C
L=5 pF for TSHQZ, TELQZ TGHQZ. For CL >50 pF, derate access times by 0.02 ns/pF (typical).
(2) Typical operating conditions: VDD=5.0 V, TA=25
°C, pre-radiation.
(3) Worst case operating conditions: VDD=4.5 V to 5.5 V, post total dose at 25
°C.
Symbol
Parameter
Typical
-55 to 125
°C
Units
(2)
Min
Max
Worst Case (3)
HIGH
IMPEDANCE
NCS
NOE
DATA VALID
CE
TAVAVR
TAVQV
TAXQX
TSLQV
TSLQX
TSHQZ
TEHQX
TEHQV
TGLQX
TGLQV
TGHQZ
TELQZ
ADDRESS
(NWE = high)
DATA OUT


Similar Part No. - HC6856XVFCC35

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HC68T1M2 INTERSIL-HC68T1M2 Datasheet
474Kb / 24P
   CMOS Serial Real-Time Clock With RAM and Power Sense/Control
HC68T1M2Z INTERSIL-HC68T1M2Z Datasheet
474Kb / 24P
   CMOS Serial Real-Time Clock With RAM and Power Sense/Control
logo
NXP Semiconductors
HC68VBIGRS/D NXP-HC68VBIGRS/D Datasheet
1Mb / 120P
   General Release Specification
Rev. 3.1 08/2005
More results

Similar Description - HC6856XVFCC35

ManufacturerPart #DatasheetDescription
logo
Honeywell Solid State E...
HX6256 HONEYWELL-HX6256 Datasheet
780Kb / 13P
   32K x 8 Static RAM
logo
Cypress Semiconductor
CY62256V CYPRESS-CY62256V Datasheet
316Kb / 13P
   32K x 8 Static RAM
CY7C199 CYPRESS-CY7C199 Datasheet
317Kb / 13P
   32K x 8 Static RAM
CY7C199N CYPRESS-CY7C199N Datasheet
488Kb / 10P
   32K x 8 Static RAM
CY7C199 CYPRESS-CY7C199_06 Datasheet
315Kb / 11P
   32K x 8 Static RAM
logo
Weida Semiconductor, In...
WCMS0808U1X WEIDA-WCMS0808U1X Datasheet
224Kb / 10P
   32K x 8 Static RAM
logo
Cypress Semiconductor
CY7C199B CYPRESS-CY7C199B Datasheet
257Kb / 15P
   32K x 8 Static RAM
CY7C199C CYPRESS-CY7C199C Datasheet
117Kb / 12P
   32K x 8 Static RAM
logo
Weida Semiconductor, In...
WCFS0808C1E WEIDA-WCFS0808C1E Datasheet
193Kb / 10P
   32K x 8 Static RAM
logo
Cypress Semiconductor
CY7C198 CYPRESS-CY7C198 Datasheet
467Kb / 9P
   32K x 8 Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com