Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TB-337 Datasheet(PDF) 11 Page - Mini-Circuits

Part # TB-337
Description  Digital Step Attenuator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits

TB-337 Datasheet(HTML) 11 Page - Mini-Circuits

Back Button TB-337 Datasheet HTML 4Page - Mini-Circuits TB-337 Datasheet HTML 5Page - Mini-Circuits TB-337 Datasheet HTML 6Page - Mini-Circuits TB-337 Datasheet HTML 7Page - Mini-Circuits TB-337 Datasheet HTML 8Page - Mini-Circuits TB-337 Datasheet HTML 9Page - Mini-Circuits TB-337 Datasheet HTML 10Page - Mini-Circuits TB-337 Datasheet HTML 11Page - Mini-Circuits TB-337 Datasheet HTML 12Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
Page 11 of 12
Digital Step Attenuator
DAT-15575-PP
DAT-15575-PP+
TB-337 Evaluation Schematic Diagram
DAT
N/C
RFin
N/C
LE
C8
RFout
GND
GND
R7
RFin
RFout
C11
R8
C9
C10
20
19
18
17
16
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
7
123
4
DC SUPPLY
J2.1
LE CONTROL
J1.2
C3
R1
C4
C5
C6
C7
C8
R2
R3
R4
R5
R6
GND
IC1
6
4
2
14
7
13
5
8
10
12
13
11
9
IC2
6
4
2
14
7
13
5
8
10
12
13
11
9
R10
R11
12
34
56
78
12
DC SUPPLY
J2.2
C2
C1
+
12
IC3
PARALLEL
CONTROL
J1.1
16
2
5
+
R9
GND
TB-337
Bill of Materials
R1 - R8
Resistor 0603 10 KOhm +/- 1%
R10, R11
Resistor 0603 470 Ohm +/- 1%
R9
Resistor 0402 10 KOhm +/- 1%
C2 - C10
NPO Capacitor 0603 100pF +/- 5%
C1, C11
Tantalum Capacitor 100nF +/- 10%
IC1, IC2
Hex inverting Schmitt trigger MM74HC14
IC3
Dual non-inverting Schmitt trigger SN74LVC2G17


Similar Part No. - TB-337

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TB-32610-B ETC1-TB-32610-B Datasheet
155Kb / 1P
   TABLET ENCLSURE
TB-32611-B ETC1-TB-32611-B Datasheet
129Kb / 1P
   TABLET ENCLSURE
TB-32611-W ETC1-TB-32611-W Datasheet
129Kb / 1P
   TABLET ENCLSURE
TB-32612-B ETC1-TB-32612-B Datasheet
109Kb / 1P
   TABLET ENCLSURE
TB-32612-W ETC1-TB-32612-W Datasheet
109Kb / 1P
   TABLET ENCLSURE
More results

Similar Description - TB-337

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
ZX76-31-PN MINI-ZX76-31-PN Datasheet
666Kb / 10P
   Digital Step Attenuator
ZX76-31R5A-SN MINI-ZX76-31R5A-SN Datasheet
431Kb / 7P
   Digital Step Attenuator
DAT-15575-PN MINI-DAT-15575-PN Datasheet
433Kb / 12P
   Digital Step Attenuator
DAT-31575A-PP MINI-DAT-31575A-PP Datasheet
543Kb / 8P
   Digital Step Attenuator
DAT-15R5A-SN MINI-DAT-15R5A-SN Datasheet
561Kb / 8P
   Digital Step Attenuator
ZFAT-124 MINI-ZFAT-124 Datasheet
193Kb / 2P
   Digital Step Attenuator
ZX76-15R5-PN MINI-ZX76-15R5-PN Datasheet
767Kb / 10P
   Digital Step Attenuator
DAT-31R5A-SP MINI-DAT-31R5A-SP Datasheet
576Kb / 8P
   Digital Step Attenuator
DAT-31R5A-PN MINI-DAT-31R5A-PN Datasheet
597Kb / 8P
   Digital Step Attenuator
DAT-3175A-PN MINI-DAT-3175A-PN Datasheet
589Kb / 8P
   Digital Step Attenuator
ZX76-31-PP MINI-ZX76-31-PP Datasheet
703Kb / 10P
   Digital Step Attenuator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com