Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TB-347 Datasheet(PDF) 1 Page - Mini-Circuits

Part # TB-347
Description  SPDT RF SWITCH
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits

TB-347 Datasheet(HTML) 1 Page - Mini-Circuits

  TB-347 Datasheet HTML 1Page - Mini-Circuits TB-347 Datasheet HTML 2Page - Mini-Circuits TB-347 Datasheet HTML 3Page - Mini-Circuits TB-347 Datasheet HTML 4Page - Mini-Circuits TB-347 Datasheet HTML 5Page - Mini-Circuits TB-347 Datasheet HTML 6Page - Mini-Circuits TB-347 Datasheet HTML 7Page - Mini-Circuits TB-347 Datasheet HTML 8Page - Mini-Circuits TB-347 Datasheet HTML 9Page - Mini-Circuits Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Product Features
Typical Applications
General Description
The HSWA2-30DR+ is a 50Ω high isolation SPDT RF switch designed for wireless applications, covering
a broad frequency range from DC up to 3GHz with low insertion loss. The HSWA2-30DR+ operates on a
single supply voltage +3V. See application note AN-80-006 for +5V supply voltage. This unit includes an
internal CMOS control driver with two-pins control. The switch consumes very low supply current, 8 μA typ.
The HSWA2-30DR+ switch is in a very small size and low profile package, 4x4mm and 0.9mm respec-
tively.
SPDT RF SWITCH
Absorptive RF Switch with internal driver.
Single Supply Voltage , +3V
50
Ω DC-3000 MHz
Functional Diagram
50
50
50
CONTROL 1
CONTROL 2
Internal Control Driver
RF COMMON
RF1
RF2
HSWA2-30DR+
Rev. F
M116303
HSWA2-30DR+
080227
Page 1 of 11
• Very Low Insertion loss over entire frequency range
• Super High Isolation over entire frequency range
• High Input IP3, +55 dBm typ.
• Single positive supply voltage, +3V
• Very low DC current consumption, 8μA
• Immune to latch up
• Unique design-simultaneous switch off of RF1&RF2
• Base Station Infrastructure
• Portable Wireless
• CATV & DBS
• MMDS & Wireless LAN
• Band switch
• Diplexer switches
• Bypass switches
+ RoHS compliant in accordance
with EU Directive (2002/95/EC)
The +Suffix has been added in order to identify RoHS
Compliance. See our web site for RoHS Compliance
methodologies and qualifications.


Similar Part No. - TB-347

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
TB-341 MINI-TB-341 Datasheet
433Kb / 12P
   Digital Step Attenuator
More results

Similar Description - TB-347

ManufacturerPart #DatasheetDescription
logo
Spectrum Microwave, Inc...
TWD5002 SPECTRUM-TWD5002 Datasheet
60Kb / 1P
   SPDT RF SWITCH
TWP2219 SPECTRUM-TWP2219 Datasheet
58Kb / 1P
   SPDT RF SWITCH
logo
Mini-Circuits
HSW2-272VHDR MINI-HSW2-272VHDR Datasheet
300Kb / 5P
   SPDT RF Switch
MSW2-50 MINI-MSW2-50 Datasheet
280Kb / 6P
   SPDT RF Switch
ZSW2-272VHDR MINI-ZSW2-272VHDR Datasheet
542Kb / 6P
   SPDT RF Switch
ZASW-2-50DRA MINI-ZASW-2-50DRA Datasheet
323Kb / 5P
   SPDT RF Switch
logo
Spectrum Microwave, Inc...
TWD2207 SPECTRUM-TWD2207 Datasheet
51Kb / 1P
   SPDT RF SWITCH
TWD5001 SPECTRUM-TWD5001 Datasheet
56Kb / 1P
   SPDT RF SWITCH
TWD5015 SPECTRUM-TWD5015 Datasheet
56Kb / 1P
   SPDT RF SWITCH
TWH7230 SPECTRUM-TWH7230 Datasheet
39Kb / 1P
   SPDT RF SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com