Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS912 Datasheet(PDF) 8 Page - STMicroelectronics

Part # TS912
Description  Rail-to-rail CMOS dual operational amplifier
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS912 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button TS912 Datasheet HTML 4Page - STMicroelectronics TS912 Datasheet HTML 5Page - STMicroelectronics TS912 Datasheet HTML 6Page - STMicroelectronics TS912 Datasheet HTML 7Page - STMicroelectronics TS912 Datasheet HTML 8Page - STMicroelectronics TS912 Datasheet HTML 9Page - STMicroelectronics TS912 Datasheet HTML 10Page - STMicroelectronics TS912 Datasheet HTML 11Page - STMicroelectronics TS912 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
Electrical characteristics
TS912
8/18
Table 5.
VCC
+ = 10V, V
CC
- = 0V, R
L, CL connected to VCC/2, Tamb = 25°C (unless otherwise
specified)
Symbol
Parameter
Min.
Typ.
Max.
Unit
Vio
Input offset voltage (Vic = Vo = VCC/2)
TS912
TS912A
TS912B
Tmin ≤ Tamb ≤ Tmax
TS912
TS912A
TS912B
10
5
2
12
7
3
mV
ΔVio
Input offset voltage drift
5
μV/°C
Iio
Input offset current (1)
Tmin ≤ Tamb ≤ Tmax
1
100
200
pA
Iib
Input bias current (1)
Tmin ≤ Tamb ≤ Tmax
1
150
300
pA
ICC
Supply current (per amplifier, AVCL = 1, no load)
Tmin ≤ Tamb ≤ Tmax
400
600
700
μA
CMR
Common mode rejection ratio
Vic = 3 to 7V, Vo = 5V
Vic = 0 to 10V, Vo = 5V
60
50
90
75
dB
SVR
Supply voltage rejection ratio (VCC
+ = 5 to 10V, V
o = VCC/2)
60
90
dB
Avd
Large signal voltage gain (RL = 10kΩ, Vo = 2.5V to 7.5V)
Tmin ≤ Tamb ≤ Tmax
15
10
50
V/mV
VOH
High level output voltage (Vid = 1V)
RL = 100kΩ
RL = 10kΩ
RL = 600Ω
RL = 100Ω
Tmin ≤ Tamb ≤ Tmax
RL = 10kΩ
RL = 600Ω
9.95
9.85
9
9.8
8.8
9.95
9.35
7.8
V
VOL
Low level output voltage (Vid = -1V)
RL = 100kΩ
RL = 10kΩ
RL = 600Ω
RL = 100Ω
Tmin ≤ Tamb ≤ Tmax
RL = 10kΩ
RL = 600Ω
50
650
2300
50
150
800
150
900
mV
Io
Output short circuit current (Vid = ±1V)
Source (Vo = VCC
-)
Sink (Vo = VCC
+)
45
50
65
75
mA
GBP
Gain bandwidth product
(AVCL = 100, RL = 10kΩ, CL = 100pF, f = 100kHz)
1.4
MHz


Similar Part No. - TS912

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TS912 STMICROELECTRONICS-TS912 Datasheet
102Kb / 12P
   RAIL TO RAIL CMOS DUAL OPERATIONAL AMPLIFIER
April 1999
TS912 STMICROELECTRONICS-TS912 Datasheet
1Mb / 21P
   Rail-to-rail CMOS dual operational amplifier
November 2012 Rev 7
TS912A STMICROELECTRONICS-TS912A Datasheet
1Mb / 21P
   Rail-to-rail CMOS dual operational amplifier
November 2012 Rev 7
TS912AI STMICROELECTRONICS-TS912AI Datasheet
102Kb / 12P
   RAIL TO RAIL CMOS DUAL OPERATIONAL AMPLIFIER
April 1999
TS912AID STMICROELECTRONICS-TS912AID Datasheet
217Kb / 19P
   Rail-to-Rail CMOS Dual Operational Amplifier
More results

Similar Description - TS912

ManufacturerPart #DatasheetDescription
logo
Advanced Linear Devices
ALD2704 ALD-ALD2704 Datasheet
52Kb / 6P
   DUAL RAIL-TO-RAIL CMOS OPERATIONAL AMPLIFIER
logo
STMicroelectronics
TS912 STMICROELECTRONICS-TS912_06 Datasheet
217Kb / 19P
   Rail-to-Rail CMOS Dual Operational Amplifier
TS912 STMICROELECTRONICS-TS912 Datasheet
102Kb / 12P
   RAIL TO RAIL CMOS DUAL OPERATIONAL AMPLIFIER
April 1999
logo
Advanced Linear Devices
ALD2704A ALD-ALD2704A Datasheet
49Kb / 6P
   DUAL RAIL-TO-RAIL CMOS OPERATIONAL AMPLIFIER
ALD2704 ALD-ALD2704_10 Datasheet
83Kb / 9P
   DUAL RAIL-TO-RAIL CMOS OPERATIONAL AMPLIFIER
logo
STMicroelectronics
TS912B STMICROELECTRONICS-TS912B Datasheet
1Mb / 21P
   Rail-to-rail CMOS dual operational amplifier
November 2012 Rev 7
logo
Advanced Linear Devices
ALD2701 ALD-ALD2701 Datasheet
74Kb / 6P
   DUAL MICROPOWER RAIL-TO-RAIL CMOS OPERATIONAL AMPLIFIER
ALD2701 ALD-ALD2701_10 Datasheet
84Kb / 9P
   DUAL MICROPOWER RAIL-TO-RAIL CMOS OPERATIONAL AMPLIFIER
logo
STMicroelectronics
TS3V912 STMICROELECTRONICS-TS3V912 Datasheet
117Kb / 11P
   3V RAIL TO RAIL CMOS DUAL OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA348-Q1 TI1-OPA348-Q1_16 Datasheet
1Mb / 32P
[Old version datasheet]   CMOS Rail-to-Rail Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com