Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSH113 Datasheet(PDF) 10 Page - STMicroelectronics

Part # TSH113
Description  Wide band low noise operational amplifiers
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSH113 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button TSH113 Datasheet HTML 6Page - STMicroelectronics TSH113 Datasheet HTML 7Page - STMicroelectronics TSH113 Datasheet HTML 8Page - STMicroelectronics TSH113 Datasheet HTML 9Page - STMicroelectronics TSH113 Datasheet HTML 10Page - STMicroelectronics TSH113 Datasheet HTML 11Page - STMicroelectronics TSH113 Datasheet HTML 12Page - STMicroelectronics TSH113 Datasheet HTML 13Page - STMicroelectronics TSH113 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
Package information
TSH110-TSH111-TSH112-TSH113-TSH114
10/15
4.2
TSSOP8 package mechanical data
Figure 2.
TSSOP8 package mechanical data
Ref.
Dimensions
Millimeters
Inches
Min.
Typ.
Max.
Min.
Typ.
Max.
A
1.2
0.047
A1
0.05
0.15
0.002
0.006
A2
0.80
1.00
1.05
0.031
0.039
0.041
b
0.19
0.30
0.007
0.012
c
0.09
0.20
0.004
0.008
D
2.90
3.00
3.10
0.114
0.118
0.122
E
6.20
6.40
6.60
0.244
0.252
0.260
E1
4.30
4.40
4.50
0.169
0.173
0.177
e
0.65
0.0256
k
0°8°
0°8°
L
0.45
0.60
0.75
0.018
0.024
0.030
L1
1
0.039
aaa
0.1
0.004


Similar Part No. - TSH113

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TSH113 STMICROELECTRONICS-TSH113 Datasheet
424Kb / 19P
   WIDE BAND, LOW NOISE OPERATIONAL AMPLIFIERS
TSH113 STMICROELECTRONICS-TSH113 Datasheet
166Kb / 2P
   High-speed operational amplifier evaluation board kit
TSH113ID STMICROELECTRONICS-TSH113ID Datasheet
424Kb / 19P
   WIDE BAND, LOW NOISE OPERATIONAL AMPLIFIERS
TSH113IDT STMICROELECTRONICS-TSH113IDT Datasheet
424Kb / 19P
   WIDE BAND, LOW NOISE OPERATIONAL AMPLIFIERS
TSH113IPT STMICROELECTRONICS-TSH113IPT Datasheet
424Kb / 19P
   WIDE BAND, LOW NOISE OPERATIONAL AMPLIFIERS
More results

Similar Description - TSH113

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TSH110 STMICROELECTRONICS-TSH110 Datasheet
424Kb / 19P
   WIDE BAND, LOW NOISE OPERATIONAL AMPLIFIERS
TSH60 STMICROELECTRONICS-TSH60 Datasheet
222Kb / 13P
   Wide-Band, Low-Power Operational Amplifiers with Standby
logo
Rohm
BA14741F ROHM-BA14741F Datasheet
426Kb / 21P
   Low Noise Operational Amplifiers
BA2115FJ ROHM-BA2115FJ Datasheet
1Mb / 29P
   Low Noise Operational Amplifiers
logo
STMicroelectronics
TSH70 STMICROELECTRONICS-TSH70_06 Datasheet
586Kb / 33P
   Rail-to-Rail, Wide-Band, Low-Power Operational Amplifiers
logo
Texas Instruments
NE5534 TI-NE5534_08 Datasheet
489Kb / 18P
[Old version datasheet]   LOW-NOISE OPERATIONAL AMPLIFIERS
NE5534 TI-NE5534 Datasheet
314Kb / 15P
[Old version datasheet]   LOW-NOISE OPERATIONAL AMPLIFIERS
logo
Rohm
BA4558F ROHM-BA4558F_09 Datasheet
864Kb / 34P
   Operational Amplifiers: Low Noise
logo
Texas Instruments
NE5534 TI-NE5534_07 Datasheet
459Kb / 18P
[Old version datasheet]   LOW-NOISE OPERATIONAL AMPLIFIERS
logo
Rohm
BA4510F-E2 ROHM-BA4510F-E2 Datasheet
963Kb / 49P
   Low Noise Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com