Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LCX157MTR Datasheet(PDF) 7 Page - STMicroelectronics

Part # 74LCX157MTR
Description  Low voltage CMOS Quad 2 channel multiplexer with 5V tolerant inputs
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

74LCX157MTR Datasheet(HTML) 7 Page - STMicroelectronics

Back Button 74LCX157MTR Datasheet HTML 3Page - STMicroelectronics 74LCX157MTR Datasheet HTML 4Page - STMicroelectronics 74LCX157MTR Datasheet HTML 5Page - STMicroelectronics 74LCX157MTR Datasheet HTML 6Page - STMicroelectronics 74LCX157MTR Datasheet HTML 7Page - STMicroelectronics 74LCX157MTR Datasheet HTML 8Page - STMicroelectronics 74LCX157MTR Datasheet HTML 9Page - STMicroelectronics 74LCX157MTR Datasheet HTML 10Page - STMicroelectronics 74LCX157MTR Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
74LCX157
Electrical characteristics
7/17
4
Electrical characteristics
Table 5. DC specifications
Symbol
Parameter
Test condition
Value
Unit
VCC
(V)
-40 to 85°C
Min
Max
VIH
High level input voltage
2.7 to 3.6
2.0
V
VIL
Low level input voltage
0.8
V
VOH
High level output voltage
2.7 to 3.6
IO = -100µAVCC-0.2
V
2.7
IO = -12mA
2.2
3.0
IO = -18mA
2.4
IO = -24mA
2.2
VOL
Low level output voltage
2.7 to 3.6
IO = 100µA
0.2
V
2.7
IO = 12mA
0.4
3.0
IO = 16mA
0.4
IO = 24mA
0.55
II
Input leakage current
2.7 to 3.6
VI = 0 to 5.5V
± 5
µA
Ioff
Power OFF leakage
current
0
VI or VO = 5.5V
10
µA
ICC
Quiescent supply current
2.7 to 3.6
VI = VCC or GND
10
µA
VI or VO = 3.6 to 5.5V
± 10
∆I
CC
I incr. per Input
2.7 to 3.6
VIH = VCC - 0.6V
500
µA
Table 6. Dynamic switching characteristics
Symbol
Parameter
Test condition
Value
Unit
VCC
(V)
TA = 25 °C
Min
Typ
Max
VOLP
Dynamic low level quiet
output (1)
1.
Number of outputs defined as "n". Measured with "n-1" outputs switching from HIGH to LOW or LOW to
HIGH. The remaining output is measured in the LOW state.
3.3
CL = 50pF
VIL = 0V, VIH = 3.3V
0.8
V
VOLV
-0.8


Similar Part No. - 74LCX157MTR

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74LCX157MTC FAIRCHILD-74LCX157MTC Datasheet
99Kb / 9P
   Low Voltage Quad 2-Input Multiplexer with 5V Tolerant Inputs
logo
ON Semiconductor
74LCX157MTC ONSEMI-74LCX157MTC Datasheet
342Kb / 12P
   Low Voltage Quad 2-Input Multiplexer
April 2015 Rev. 1.3
logo
Fairchild Semiconductor
74LCX157MTCX FAIRCHILD-74LCX157MTCX Datasheet
99Kb / 9P
   Low Voltage Quad 2-Input Multiplexer with 5V Tolerant Inputs
logo
ON Semiconductor
74LCX157MTCX ONSEMI-74LCX157MTCX Datasheet
342Kb / 12P
   Low Voltage Quad 2-Input Multiplexer
April 2015 Rev. 1.3
More results

Similar Description - 74LCX157MTR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
74LVX157 STMICROELECTRONICS-74LVX157 Datasheet
197Kb / 9P
   LOW VOLTAGE QUAD 2 CHANNEL MULTIPLEXER WITH 5V TOLERANT INPUTS
74LVX157 STMICROELECTRONICS-74LVX157_04 Datasheet
269Kb / 12P
   LOW VOLTAGE QUAD 2 CHANNEL MULTIPLEXER WITH 5V TOLERANT INPUTS
74LVX257 STMICROELECTRONICS-74LVX257 Datasheet
258Kb / 10P
   LOW VOLTAGE CMOS QUAD 2 CHANNEL MULTIPLEXER (3-STATE) WITH 5V TOLERANT INPUTS
74LVX257 STMICROELECTRONICS-74LVX257_04 Datasheet
332Kb / 13P
   LOW VOLTAGE CMOS QUAD 2 CHANNEL MULTIPLEXER (3-STATE) WITH 5V TOLERANT INPUTS
logo
Fairchild Semiconductor
74LCX157 FAIRCHILD-74LCX157 Datasheet
99Kb / 9P
   Low Voltage Quad 2-Input Multiplexer with 5V Tolerant Inputs
logo
Toshiba Semiconductor
TC74LCX157F TOSHIBA-TC74LCX157F Datasheet
302Kb / 9P
   LOW VOLTAGE QUAD 2-CHANNEL MULTIPLEXER WITH 5V TOLERANT INPUTS AND OUTPUTS
TC7MZ157FK TOSHIBA-TC7MZ157FK Datasheet
226Kb / 7P
   LOW-VOLTAGE QUAD 2-CHANNEL MULTIPLEXER WITH 5V TOLERANT INPUTS AND OUTPUTS
logo
STMicroelectronics
74LCX257 STMICROELECTRONICS-74LCX257 Datasheet
288Kb / 13P
   LOW VOLTAGE CMOS QUAD 2 CHANNEL MULTIPLEXER WITH 5V TOLERANT INPUTS AND OUTPUTS (3-STATE)
logo
Fairchild Semiconductor
74LCX257 FAIRCHILD-74LCX257 Datasheet
100Kb / 9P
   Low Voltage Quad 2-Input Multiplexer with 5V Tolerant Inputs and Outputs
logo
Toshiba Semiconductor
TC74LCX257F TOSHIBA-TC74LCX257F Datasheet
298Kb / 9P
   LOW VOLTAGE QUAD 2-CHANNEL MULTIPLEXER (3-STATE) WITH 5V TOLERANT INPUTS AND OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com