Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LCX157MTR Datasheet(PDF) 8 Page - STMicroelectronics

Part # 74LCX157MTR
Description  Low voltage CMOS Quad 2 channel multiplexer with 5V tolerant inputs
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

74LCX157MTR Datasheet(HTML) 8 Page - STMicroelectronics

Back Button 74LCX157MTR Datasheet HTML 4Page - STMicroelectronics 74LCX157MTR Datasheet HTML 5Page - STMicroelectronics 74LCX157MTR Datasheet HTML 6Page - STMicroelectronics 74LCX157MTR Datasheet HTML 7Page - STMicroelectronics 74LCX157MTR Datasheet HTML 8Page - STMicroelectronics 74LCX157MTR Datasheet HTML 9Page - STMicroelectronics 74LCX157MTR Datasheet HTML 10Page - STMicroelectronics 74LCX157MTR Datasheet HTML 11Page - STMicroelectronics 74LCX157MTR Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
Electrical characteristics
74LCX157
8/17
Table 7. AC electrical characteristics
Symbol
Parameter
Test condition
Value
Unit
VCC
(V)
CL
(pF)
RL
(
Ω)
ts = tr
(ns)
-40 to 85 °C
Min
Max
tPLH tPHL
Propagation delay
time A, B to Y
2.7
50
500
2.5
6.5
ns
3.0 to 3.6
1.5
6.0
tPLH tPHL
Propagation delay
time SELECT to Y
2.7
50
500
2.5
8.0
ns
3.0 to 3.6
1.5
7.0
tOSLH
tOSHL
Output to output
skew time (1) (2)
1.
Skew is defined as the absolute value of the difference between the actual propagation delay for any two
outputs of the same device switching in the same direction, either HIGH or LOW (tOSLH = | tPLHm - tPLHn|,
tOSHL = | tPHLm - tPHLn|)
2.
Parameter guaranteed by design
3.0 to 3.6
50
500
2.5
1.0
ns
Table 8. Capacitive characteristics
Symbol
Parameter
Test condition
Value
Unit
VCC
(V)
TA = 25 °C
Min
Typ
Max
CIN
Input capacitance
3.3
VIN = 0 to VCC
6pF
CPD
Power dissipation
capacitance (1)
1.
CPD is defined as the value of the IC’s internal equivalent capacitance which is calculated from the
operating current consumption without load. (Refer to Test Circuit). Average operating current can be
obtained by the following equation. ICC(opr) = CPD x VCC x fIN + ICC/4
3.3
fIN = 10MHz
VIN = 0 or VCC
25
pF


Similar Part No. - 74LCX157MTR

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74LCX157MTC FAIRCHILD-74LCX157MTC Datasheet
99Kb / 9P
   Low Voltage Quad 2-Input Multiplexer with 5V Tolerant Inputs
logo
ON Semiconductor
74LCX157MTC ONSEMI-74LCX157MTC Datasheet
342Kb / 12P
   Low Voltage Quad 2-Input Multiplexer
April 2015 Rev. 1.3
logo
Fairchild Semiconductor
74LCX157MTCX FAIRCHILD-74LCX157MTCX Datasheet
99Kb / 9P
   Low Voltage Quad 2-Input Multiplexer with 5V Tolerant Inputs
logo
ON Semiconductor
74LCX157MTCX ONSEMI-74LCX157MTCX Datasheet
342Kb / 12P
   Low Voltage Quad 2-Input Multiplexer
April 2015 Rev. 1.3
More results

Similar Description - 74LCX157MTR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
74LVX157 STMICROELECTRONICS-74LVX157 Datasheet
197Kb / 9P
   LOW VOLTAGE QUAD 2 CHANNEL MULTIPLEXER WITH 5V TOLERANT INPUTS
74LVX157 STMICROELECTRONICS-74LVX157_04 Datasheet
269Kb / 12P
   LOW VOLTAGE QUAD 2 CHANNEL MULTIPLEXER WITH 5V TOLERANT INPUTS
74LVX257 STMICROELECTRONICS-74LVX257 Datasheet
258Kb / 10P
   LOW VOLTAGE CMOS QUAD 2 CHANNEL MULTIPLEXER (3-STATE) WITH 5V TOLERANT INPUTS
74LVX257 STMICROELECTRONICS-74LVX257_04 Datasheet
332Kb / 13P
   LOW VOLTAGE CMOS QUAD 2 CHANNEL MULTIPLEXER (3-STATE) WITH 5V TOLERANT INPUTS
logo
Fairchild Semiconductor
74LCX157 FAIRCHILD-74LCX157 Datasheet
99Kb / 9P
   Low Voltage Quad 2-Input Multiplexer with 5V Tolerant Inputs
logo
Toshiba Semiconductor
TC74LCX157F TOSHIBA-TC74LCX157F Datasheet
302Kb / 9P
   LOW VOLTAGE QUAD 2-CHANNEL MULTIPLEXER WITH 5V TOLERANT INPUTS AND OUTPUTS
TC7MZ157FK TOSHIBA-TC7MZ157FK Datasheet
226Kb / 7P
   LOW-VOLTAGE QUAD 2-CHANNEL MULTIPLEXER WITH 5V TOLERANT INPUTS AND OUTPUTS
logo
STMicroelectronics
74LCX257 STMICROELECTRONICS-74LCX257 Datasheet
288Kb / 13P
   LOW VOLTAGE CMOS QUAD 2 CHANNEL MULTIPLEXER WITH 5V TOLERANT INPUTS AND OUTPUTS (3-STATE)
logo
Fairchild Semiconductor
74LCX257 FAIRCHILD-74LCX257 Datasheet
100Kb / 9P
   Low Voltage Quad 2-Input Multiplexer with 5V Tolerant Inputs and Outputs
logo
Toshiba Semiconductor
TC74LCX257F TOSHIBA-TC74LCX257F Datasheet
298Kb / 9P
   LOW VOLTAGE QUAD 2-CHANNEL MULTIPLEXER (3-STATE) WITH 5V TOLERANT INPUTS AND OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com