Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VLF-1800+ Datasheet(PDF) 1 Page - Mini-Circuits

Part # VLF-1800+
Description  Coaxial Low Pass Filter
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits

VLF-1800+ Datasheet(HTML) 1 Page - Mini-Circuits

  VLF-1800+ Datasheet HTML 1Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
ISO 9001 ISO 14001 CERTIFIED
Mini-Circuits®
P.O. Box 350166, Brooklyn, New York 11235-0003 (718) 934-4500 Fax (718) 332-4661 For detailed performance specs & shopping online see Mini-Circuits web site
The Design Engineers Search Engine Provides ACTUAL Data Instantly From MINI-CIRCUITS At: www.minicircuits.com
RF/IF MICROWAVE COMPONENTS
minicircuits.com
ALL NE
W
50Ω
DC to 1800 MHz
Low Pass Filter
VLF-1800+
VLF-1800
Maximum Ratings
Operating Temperature
-55°C to 100°C
Storage Temperature
-55°C to 100°C
RF Power Input*
10W max. at 25°C
DC Current Input to Output
0.5A max. at 25°C
Electrical Specifications (T
AMB=25°C)
REV. A
M98898
VLF-1800
ED-11960/4
AD/TD/CP/AM
080520
Features
• rugged uni-body construction, small size
• 7 sections
• excellent power handling, 10W
• temperature stable
• low cost
• protected by U.S. Patent 6,943,646
Applications
• harmonic rejection
• transmitters/receivers
• lab use
Coaxial
CASE STYLE: FF704
B
D
E
wt
.410
1.43
.312 grams
10.41 36.32
7.92
10.0
Outline Dimensions (
)
inch
mm
Outline Drawing
* Passband rating, derate linearly to 3.5W at 100
°C ambient.
electrical schematic
RF IN
RF OUT
typical frequency response
20dB
3dB
40dB
1dB
co
F
F20
FREQUENCY
FR 20dB
Connectors
Model
Price
Qty.
SMA
VLF-1800(+) $21.95 ea. (1-9)
+ RoHS compliant in accordance
with EU Directive (2002/95/EC)
The +Suffix identifies RoHS Compliance. See our web site
for RoHS Compliance methodologies and qualifications.
PASSBAND
(MHz)
fco, MHz
Nom.
STOP BAND (MHz)
(loss, dB)
VSWR
(:1)
NO. OF
SECTIONS
(loss < 1 dB)
(loss 3 dB)
f 20
30
fr 20
Stopband
Passband
Max.
Typ.
Min.
Typ.
Typ.
Typ.
Typ.
DC-1800
2125
2425
2500-7200
8600
20
1.2
7
VLF-1800
INSERTION LOSS
0
10
20
30
40
50
60
70
80
0
1000 2000 3000 4000 5000 6000 7000 8000 9000
FREQUENCY (MHz)
VLF-1800
VSWR
1
10
100
1000
0 1000 2000 3000 4000 5000 6000 7000 8000 9000
FREQUENCY (MHz)
Frequency
(MHz)
Insertion Loss
(dB)
VSWR
(:1)
Typical Performance Data at 25°C
50
0.05
1.02
500
0.19
1.08
1800
0.85
1.15
2000
1.47
1.24
2125
3.50
2.38
2180
6.02
3.95
2260
12.64
8.47
2350
24.51
14.87
2425
35.98
18.70
2500
31.35
21.20
3500
34.91
37.77
5000
55.54
40.41
7200
34.68
42.38
8600
21.81
46.96
9000
21.33
34.07


Similar Part No. - VLF-1800+

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
VLF-1800 MINI-VLF-1800 Datasheet
90Kb / 1P
   Coaxial Low Pass Filter DC to 1800 MHz
More results

Similar Description - VLF-1800+

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
VLF-320 MINI-VLF-320 Datasheet
89Kb / 1P
   Coaxial Low Pass Filter
ZLPF-40W-222 MINI-ZLPF-40W-222 Datasheet
454Kb / 3P
   Coaxial Low Pass Filter
VLF-630 MINI-VLF-630 Datasheet
89Kb / 1P
   Coaxial Low Pass Filter
VLF-1575 MINI-VLF-1575 Datasheet
91Kb / 1P
   Coaxial Low Pass Filter
VHF-8400++ MINI-VHF-8400+ Datasheet
83Kb / 1P
   Coaxial High Pass Filter
VLF-1200 MINI-VLF-1200 Datasheet
89Kb / 1P
   Coaxial Low Pass Filter DC to 1200 MHz
VLF-2500 MINI-VLF-2500 Datasheet
90Kb / 1P
   Coaxial Low Pass Filter DC to 2500 MHz
VLF-2600 MINI-VLF-2600 Datasheet
90Kb / 1P
   Coaxial Low Pass Filter DC to 2600 MHz
VLF-530 MINI-VLF-530 Datasheet
89Kb / 1P
   Coaxial Low Pass Filter DC to 530 MHz
VLF-120 MINI-VLF-120 Datasheet
88Kb / 1P
   Coaxial Low Pass Filter DC to 120 MHz
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com