Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LCXH16245 Datasheet(PDF) 6 Page - STMicroelectronics

Part # 74LCXH16245
Description  LOW VOLTAGE CMOS 16-BIT BUS TRANSCEIVER WITH 5V TOLERANT INPUTS AND OUTPUT (3-STATE)
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

74LCXH16245 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button 74LCXH16245 Datasheet HTML 2Page - STMicroelectronics 74LCXH16245 Datasheet HTML 3Page - STMicroelectronics 74LCXH16245 Datasheet HTML 4Page - STMicroelectronics 74LCXH16245 Datasheet HTML 5Page - STMicroelectronics 74LCXH16245 Datasheet HTML 6Page - STMicroelectronics 74LCXH16245 Datasheet HTML 7Page - STMicroelectronics 74LCXH16245 Datasheet HTML 8Page - STMicroelectronics 74LCXH16245 Datasheet HTML 9Page - STMicroelectronics 74LCXH16245 Datasheet HTML 10Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
74LCXH16245
6/10
TEST CIRCUIT
CL = 50 pF or equivalent (includes jig and probe capacitance)
RL =R1 = 500Ω or equivalent
RT =ZOUT of pulse generator (typically 50Ω)
WAVEFORM 1: PROPAGATION DELAY TIMES(f=1MHz; 50% duty cycle)
TEST
SWITCH
tPLH,tPHL
Open
tPZL,tPLZ
6V
tPZH,tPHZ
GND


Similar Part No. - 74LCXH16245

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74LCXH16245 FAIRCHILD-74LCXH16245 Datasheet
93Kb / 8P
   Low Voltage 16-Bit Bidirectional Transceiver with Bushold
logo
ON Semiconductor
74LCXH16245 ONSEMI-74LCXH16245 Datasheet
204Kb / 10P
   Low Voltage 16-Bit Bidirectional Transceiver with Bushold
Revised June 2005
logo
Fairchild Semiconductor
74LCXH16245G FAIRCHILD-74LCXH16245G Datasheet
93Kb / 8P
   Low Voltage 16-Bit Bidirectional Transceiver with Bushold
74LCXH16245G FAIRCHILD-74LCXH16245G Datasheet
98Kb / 8P
   Low Voltage 16-Bit Bidirectional Transceiver with Bushold
logo
ON Semiconductor
74LCXH16245G ONSEMI-74LCXH16245G Datasheet
204Kb / 10P
   Low Voltage 16-Bit Bidirectional Transceiver with Bushold
Revised June 2005
More results

Similar Description - 74LCXH16245

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
74LCX16245 STMICROELECTRONICS-74LCX16245 Datasheet
79Kb / 9P
   LOW VOLTAGE CMOS 16-BIT BUS TRANSCEIVER WITH 5V TOLERANT INPUTS AND OUTPUT (3-STATE)
74LCXHR162245 STMICROELECTRONICS-74LCXHR162245 Datasheet
259Kb / 10P
   LOW VOLTAGE CMOS 16-BIT BUS TRANSCEIVER WITH 5V TOLERANT INPUTS AND OUTPUT (3-STATE)
74LCX16245 STMICROELECTRONICS-74LCX16245_07 Datasheet
260Kb / 15P
   Low voltage CMOS 16-bit bus transceiver (3-state) with 5V tolerant inputs and outputs
74LVX245 STMICROELECTRONICS-74LVX245 Datasheet
304Kb / 12P
   LOW VOLTAGE CMOS OCTAL BUS TRANSCEIVER (3-STATE) WITH 5V TOLERANT INPUTS
74LCX162244 STMICROELECTRONICS-74LCX162244 Datasheet
223Kb / 10P
   LOW VOLTAGE CMOS 16-BIT BUS BUFFER (3-STATE) WITH 5V TOLERANT INPUTS AND OUTPUTS
February 2003
74LCX16244 STMICROELECTRONICS-74LCX16244_07 Datasheet
237Kb / 15P
   Low voltage CMOS 16-bit bus buffer (3-state) with 5V tolerant inputs and outputs
74LCXH162244 STMICROELECTRONICS-74LCXH162244 Datasheet
229Kb / 10P
   Low voltage CMOS 16-bit bus buffer (3-state) with 5V tolerant inputs and outputs
74LCX162244 STMICROELECTRONICS-74LCX162244_07 Datasheet
237Kb / 15P
   Low voltage CMOS 16-bit bus buffer (3-state) with 5V tolerant inputs and outputs
74LCX16244 STMICROELECTRONICS-74LCX16244 Datasheet
225Kb / 10P
   LOW VOLTAGE CMOS 16-BIT BUS BUFFER (3-STATE) WITH 5V TOLERANT INPUTS AND OUTPUTS
74LCX16240 STMICROELECTRONICS-74LCX16240 Datasheet
239Kb / 15P
   Low voltage CMOS 16-bit bus buffer (3-state) with 5V tolerant inputs and outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com