Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M74HC40103RM13TR Datasheet(PDF) 6 Page - STMicroelectronics

Part # M74HC40103RM13TR
Description  8 STAGE PRESETTABLE SYNCHRONOUS DOWN COUNTER
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M74HC40103RM13TR Datasheet(HTML) 6 Page - STMicroelectronics

Back Button M74HC40103RM13TR Datasheet HTML 2Page - STMicroelectronics M74HC40103RM13TR Datasheet HTML 3Page - STMicroelectronics M74HC40103RM13TR Datasheet HTML 4Page - STMicroelectronics M74HC40103RM13TR Datasheet HTML 5Page - STMicroelectronics M74HC40103RM13TR Datasheet HTML 6Page - STMicroelectronics M74HC40103RM13TR Datasheet HTML 7Page - STMicroelectronics M74HC40103RM13TR Datasheet HTML 8Page - STMicroelectronics M74HC40103RM13TR Datasheet HTML 9Page - STMicroelectronics M74HC40103RM13TR Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
M74HC40103
6/16
CAPACITIVE CHARACTERISTICS
1) CPD is defined as the value of the IC’s internal equivalent capacitance which is calculated from the operating current consumption without
load. (Refer to Test Circuit). Average operating current can be obtained by the following equation. ICC(opr) = CPD x VCC x fIN + ICC
fMAX
Maximum Clock
Frequency
2.0
4
8
3
2.6
MHz
4.5
20
32
16
13
6.0
24
38
19
15
tW
Clock Pulse Width
HIGH or LOW
2.0
150
20
195
235
ns
4.5
30
7
36
45
6.0
25
5
32
40
tW
CLEAR Pulse
Width LOW
2.0
115
35
140
175
ns
4.5
20
12
28
35
6.0
19
10
24
30
tW
Preset Enable
Pulse Width APE,
LOW
2.0
115
31
140
175
ns
4.5
20
11
28
35
6.0
19
9
24
30
tREM
Removal time
CLEAR to CLOCK
or APE to CLOCK
2.0
47
12
62
70
ns
4.5
9
4
12
13
6.0
8
3
10
11
tSETUP
Set Up Time SPE
to CLOCK
2.0
70
20
90
110
ns
4.5
13
7
16
20
6.0
11
5
15
16
tSETUP
Set Up Time CI/CE
to CLOCK
2.0
140
40
175
205
ns
4.5
27
14
36
42
6.0
23
12
31
36
tSETUP
Set Up Time Jn to
CLOCK
2.0
72
20
92
105
ns
4.5
14
8
18
20
6.0
12
6
15
18
thold
Hold Time SPE to
CLOCK
2.0
-14
0
0
0
ns
4.5
-5
0
0
0
6.0
-4
0
0
0
thold
Hold Time CI/CE to
CLOCK
2.0
-30
0
0
0
ns
4.5
-11
0
0
0
6.0
-9
0
0
0
thold
Hold Time Jn to
CLOCK
2.0
-17
0
0
0
ns
4.5
-6
0
0
0
6.0
-5
0
0
0
Symbol
Parameter
Test Condition
Value
Unit
VCC
(V)
TA = 25°C
-40 to 85°C
-55 to 125°C
Min.
Typ.
Max.
Min.
Max.
Min.
Max.
CIN
Input Capacitance
5.0
5
101010
pF
CPD
Power Dissipation
Capacitance (note
1)
5.0
60
pF
Symbol
Parameter
Test Condition
Value
Unit
VCC
(V)
TA = 25°C
-40 to 85°C
-55 to 125°C
Min.
Typ.
Max.
Min.
Max.
Min.
Max.


Similar Part No. - M74HC40103RM13TR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M74HC40103 STMICROELECTRONICS-M74HC40103 Datasheet
300Kb / 14P
   8 STAGE PRESETTABLE SYNCHRONOUS DOWN COUNTERS
M74HC40103B1R STMICROELECTRONICS-M74HC40103B1R Datasheet
300Kb / 14P
   8 STAGE PRESETTABLE SYNCHRONOUS DOWN COUNTERS
M74HC40103C1R STMICROELECTRONICS-M74HC40103C1R Datasheet
300Kb / 14P
   8 STAGE PRESETTABLE SYNCHRONOUS DOWN COUNTERS
M74HC40103F1R STMICROELECTRONICS-M74HC40103F1R Datasheet
300Kb / 14P
   8 STAGE PRESETTABLE SYNCHRONOUS DOWN COUNTERS
M74HC40103M1R STMICROELECTRONICS-M74HC40103M1R Datasheet
300Kb / 14P
   8 STAGE PRESETTABLE SYNCHRONOUS DOWN COUNTERS
More results

Similar Description - M74HC40103RM13TR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
HCC40102B STMICROELECTRONICS-HCC40102B Datasheet
270Kb / 13P
   8-STAGE PRESETTABLE SYNCHRONOUS DOWN COUNTERS
M54HC40102 STMICROELECTRONICS-M54HC40102 Datasheet
300Kb / 14P
   8 STAGE PRESETTABLE SYNCHRONOUS DOWN COUNTERS
logo
Intersil Corporation
CD40102BMS INTERSIL-CD40102BMS Datasheet
166Kb / 13P
   CMOS 8-Stage Presettable Synchronous Down Counters
December 1992
logo
Texas Instruments
CD40102B TI1-CD40102B_15 Datasheet
1Mb / 17P
[Old version datasheet]   CMOS 8-stage Presettable Synchronous Down Counters
CD40102B TI-CD40102B Datasheet
572Kb / 14P
[Old version datasheet]   CMOS 8-STAGE PRESETTABLE SYNCHRONOUS DOWN COUNTERS
logo
STMicroelectronics
HCF40103B STMICROELECTRONICS-HCF40103B_02 Datasheet
830Kb / 14P
   8-STAGE PRESETTABLE SYNCHRONOUS 8 BIT BINARY DOWN COUNTERS
logo
NXP Semiconductors
74AC11190 PHILIPS-74AC11190 Datasheet
339Kb / 12P
   ASYNCHRONOUS PRESETTABLE SYNCHRONOUS DECADE UP/DOWN COUNTER
October 17 1990
74HC190 PHILIPS-74HC190 Datasheet
101Kb / 13P
   Presettable synchronous BCD decade up/down counter
December 1990
74HC192 PHILIPS-74HC192 Datasheet
90Kb / 13P
   Presettable synchronous BCD decade up/down counter
December 1990
logo
Texas Instruments
CD74HC40103-EP TI1-CD74HC40103-EP Datasheet
395Kb / 14P
[Old version datasheet]   HIGH-SPEED CMOS LOGIC 8-STAGE SYNCHRONOUS DOWN COUNTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com