Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M74HC4316 Datasheet(PDF) 3 Page - STMicroelectronics

Part # M74HC4316
Description  QUAD BILATERAL SWITCH
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M74HC4316 Datasheet(HTML) 3 Page - STMicroelectronics

  M74HC4316 Datasheet HTML 1Page - STMicroelectronics M74HC4316 Datasheet HTML 2Page - STMicroelectronics M74HC4316 Datasheet HTML 3Page - STMicroelectronics M74HC4316 Datasheet HTML 4Page - STMicroelectronics M74HC4316 Datasheet HTML 5Page - STMicroelectronics M74HC4316 Datasheet HTML 6Page - STMicroelectronics M74HC4316 Datasheet HTML 7Page - STMicroelectronics M74HC4316 Datasheet HTML 8Page - STMicroelectronics M74HC4316 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
M74HC4316
3/11
RECOMMENDED OPERATING CONDITIONS
DC SPECIFICATIONS
Symbol
Parameter
Value
Unit
VCC
Supply Voltage
2 to 12
V
VEE
Supply Voltage
-6 to 0
V
VCC - VEE Supply Voltage
2 to 12
V
VI
Input Voltage
0 to VCC
V
VI/O
Switch I/O Voltage
0 to VCC
V
Top
Operating Temperature
-55 to 125
°C
tr, tf
Input Rise and Fall Time
VCC = 2.0V
0 to 1000
ns
VCC = 4.5V
0 to 500
VCC = 6.0V
0 to 400
Symbol
Parameter
Test Condition
Value
Unit
VCC
(V)
VEE
(V)
TA = 25°C
-40 to 85°C
-55 to 125°C
Min.
Typ.
Max.
Min.
Max.
Min.
Max.
VIHC
High Level
Control Input
Voltage
2.0
1.5
1.5
1.5
V
4.5
3.15
3.15
3.15
6.0
4.2
4.2
4.2
VILC
Low Level Control
Input Voltage
2.0
0.5
0.5
0.5
V
4.5
1.35
1.35
1.35
6.0
1.8
1.8
1.8
RON
ON Resistance
4.5
GND
VI = VIHC
VI/O = VCC to VEE
II/O = 0.1mA
70
170
200
4.5
-4.5
50
85
105
6.0
-6.0
30
70
85
2.0
GND
VI = VIHC
VI/O = VCC or VEE
II/O = 0.1mA
120
180
215
4.5
GND
50
80
100
4.5
-4.5
35
60
75
6.0
-6.0
20
40
60
∆R
ON
Difference of ON
Resistance
between switches
4.5
GND VIN = VIHC or VILC
VI/O = VCC to VEE
II/O = 0.1mA
10
15
20
4.5
-4.5
5
10
15
6.0
-6.0
5
10
15
IOFF
Input/Output
Leakage Current
(SWITCH OFF)
6.0
GND VOS= VCC or GND
VIS = VCC or GND
VIN = VIHC or VILC
±0.06
± 0.6
± 2
µA
6.0
-6.0
± 0.1
± 1
± 2
IIZ
Switch Input
Leakage Current
(SWITCH ON,
OUTPUT OPEN)
6.0
GND
VOS= VCC or GND
VIN = VIHC or VILC
±0.06
± 0.6
± 2
µA
6.0
-6.0
± 0.1
± 1
± 2
IIN
Control Input
Current
6.0
VI = VCC or GND
10-5
± 0.1
± 1
± 1
µA


Similar Part No. - M74HC4316

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M74HC4316 STMICROELECTRONICS-M74HC4316 Datasheet
270Kb / 11P
   QUAD BILATERAL SWITCH
July 2001
M74HC4316B1R STMICROELECTRONICS-M74HC4316B1R Datasheet
270Kb / 11P
   QUAD BILATERAL SWITCH
July 2001
M74HC4316B1R STMICROELECTRONICS-M74HC4316B1R Datasheet
90Kb / 11P
   QUAD BILATERAL SWITCH
M74HC4316C1R STMICROELECTRONICS-M74HC4316C1R Datasheet
270Kb / 11P
   QUAD BILATERAL SWITCH
July 2001
M74HC4316M1R STMICROELECTRONICS-M74HC4316M1R Datasheet
270Kb / 11P
   QUAD BILATERAL SWITCH
July 2001
More results

Similar Description - M74HC4316

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74HC4066AP TOSHIBA-TC74HC4066AP Datasheet
278Kb / 6P
   QUAD BILATERAL SWITCH
logo
System Logic Semiconduc...
SL4066B SLS-SL4066B Datasheet
43Kb / 6P
   Quad Bilateral Switch
logo
Sanyo Semicon Device
LC4966 SANYO-LC4966 Datasheet
90Kb / 6P
   Quad Bilateral Switch
logo
STMicroelectronics
M54HC4016 STMICROELECTRONICS-M54HC4016 Datasheet
257Kb / 11P
   QUAD BILATERAL SWITCH
74LVQ4066 STMICROELECTRONICS-74LVQ4066_04 Datasheet
244Kb / 12P
   QUAD BILATERAL SWITCH
logo
Unisonic Technologies
UCD4066 UTC-UCD4066_15 Datasheet
273Kb / 8P
   QUAD BILATERAL SWITCH
UCD4066 UTC-UCD4066_15 Datasheet
273Kb / 8P
   QUAD BILATERAL SWITCH
U74HCT4066 UTC-U74HCT4066 Datasheet
201Kb / 6P
   QUAD BILATERAL SWITCH
logo
Micro Electronics
MMC4016 MICRO-ELECTRONICS-MMC4016 Datasheet
122Kb / 4P
   QUAD BILATERAL SWITCH
logo
IK Semicon Co., Ltd
IW4016B IKSEMICON-IW4016B Datasheet
388Kb / 10P
   Quad Bilateral Switch
logo
Toshiba Semiconductor
TC4066BP TOSHIBA-TC4066BP Datasheet
315Kb / 7P
   QUAD BILATERAL SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com