Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M74HCT04B1R Datasheet(PDF) 2 Page - STMicroelectronics

Part # M74HCT04B1R
Description  Hex inverter
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M74HCT04B1R Datasheet(HTML) 2 Page - STMicroelectronics

  M74HCT04B1R Datasheet HTML 1Page - STMicroelectronics M74HCT04B1R Datasheet HTML 2Page - STMicroelectronics M74HCT04B1R Datasheet HTML 3Page - STMicroelectronics M74HCT04B1R Datasheet HTML 4Page - STMicroelectronics M74HCT04B1R Datasheet HTML 5Page - STMicroelectronics M74HCT04B1R Datasheet HTML 6Page - STMicroelectronics M74HCT04B1R Datasheet HTML 7Page - STMicroelectronics M74HCT04B1R Datasheet HTML 8Page - STMicroelectronics M74HCT04B1R Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
Pin connection and IEC logic symbols
M74HCT04
2/11
1
Pin connection and IEC logic symbols
Figure 1.
Pin connections and IEC logic symbols
Figure 2.
Input and output equivalent circuit
Table 2.
Pin description
Pin number
Symbol
Name and function
1, 3, 5, 9, 11, 13
1A to 6A
Data inputs
2, 4, 6, 8, 10, 12
1Y to 6Y
Data outputs
7
GND
Ground (0 V)
14
VCC
Positive supply voltage
Table 3.
Truth table
AY
LH
HL
1A
1Y
2A
2Y
3A
3Y
GND
VCC
6A
6Y
5A
5Y
4A
4Y
1
2
3
4
5
7
6
14
13
12
11
10
8
9
Output
V
CC
V
CC
GND
GND
Input


Similar Part No. - M74HCT04B1R

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M74HCT04B1R STMICROELECTRONICS-M74HCT04B1R Datasheet
231Kb / 9P
   HEX INVERTER
M74HCT04B1R STMICROELECTRONICS-M74HCT04B1R Datasheet
166Kb / 8P
   HEX INVERTER
More results

Similar Description - M74HCT04B1R

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC04A PHILIPS-74LVC04A Datasheet
87Kb / 10P
   Hex inverter
1997 Jun 30
logo
Texas Instruments
74AC11004 TI-74AC11004 Datasheet
75Kb / 5P
[Old version datasheet]   HEX INVERTER
REVISED APRIL 1996
logo
Fairchild Semiconductor
74AC04 FAIRCHILD-74AC04 Datasheet
104Kb / 8P
   Hex Inverter
74VHCT04A FAIRCHILD-74VHCT04A Datasheet
128Kb / 8P
   Hex Inverter
MM74HC04 FAIRCHILD-MM74HC04 Datasheet
77Kb / 6P
   Hex Inverter
MM74HCU04 FAIRCHILD-MM74HCU04 Datasheet
81Kb / 6P
   Hex Inverter
logo
NXP Semiconductors
74HC04 PHILIPS-74HC04 Datasheet
33Kb / 5P
   Hex inverter
2003 Jul 23
logo
STMicroelectronics
HCC4069UB STMICROELECTRONICS-HCC4069UB Datasheet
283Kb / 12P
   HEX INVERTER
logo
Motorola, Inc
74LS04 MOTOROLA-74LS04 Datasheet
34Kb / 2P
   HEX INVERTER
logo
NXP Semiconductors
74ALS04B PHILIPS-74ALS04B Datasheet
100Kb / 8P
   Hex inverter
1991 Feb 08
logo
STMicroelectronics
74AC04 STMICROELECTRONICS-74AC04_01 Datasheet
176Kb / 8P
   HEX INVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com