Electronic Components Datasheet Search |
|
M74HCT373TTR Datasheet(PDF) 4 Page - STMicroelectronics |
|
M74HCT373TTR Datasheet(HTML) 4 Page - STMicroelectronics |
4 / 11 page M74HCT373 4/11 DC SPECIFICATIONS Symbol Parameter Test Condition Value Unit VCC (V) TA = 25°C -40 to 85°C -55 to 125°C Min. Typ. Max. Min. Max. Min. Max. VIH High Level Input Voltage 4.5 to 5.5 2.0 2.0 2.0 V VIL Low Level Input Voltage 4.5 to 5.5 0.8 0.8 0.8 V VOH High Level Output Voltage 4.5 IO=-20 µA 4.4 4.5 4.4 4.4 V IO=-6.0 mA 4.18 4.31 4.13 4.10 VOL Low Level Output Voltage 4.5 IO=20 µA 0.0 0.1 0.1 0.1 V IO=6.0 mA 0.17 0.26 0.33 0.40 II Input Leakage Current 5.5 VI = VCC or GND ± 0.1 ± 1 ± 1 µA IOZ High Impedance Output Leakage Current 5.5 VI = VIH or VIL VO = VCC or GND ± 0.5 ± 5 ± 10 µA ICC Quiescent Supply Current 5.5 VI = VCC or GND 440 80 µA ∆ I CC Additional Worst Case Supply Current 5.5 Per Input pin VI = 0.5V or VI = 2.4V Other Inputs at VCC or GND IO = 0 2.0 2.9 3.0 mA |
Similar Part No. - M74HCT373TTR |
|
Similar Description - M74HCT373TTR |