Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HV892 Datasheet(PDF) 4 Page - Sirectifier Semiconductors

Part # HV892
Description  Inductorless Liquid Lens Driver
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIRECTIFIER [Sirectifier Semiconductors]
Direct Link  http://www.sirectifier.com
Logo SIRECTIFIER - Sirectifier Semiconductors

HV892 Datasheet(HTML) 4 Page - Sirectifier Semiconductors

  HV892 Datasheet HTML 1Page - Sirectifier Semiconductors HV892 Datasheet HTML 2Page - Sirectifier Semiconductors HV892 Datasheet HTML 3Page - Sirectifier Semiconductors HV892 Datasheet HTML 4Page - Sirectifier Semiconductors HV892 Datasheet HTML 5Page - Sirectifier Semiconductors HV892 Datasheet HTML 6Page - Sirectifier Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
4
HV892
Applications Information
I2C
The HV892 is a write-only fast mode I2C device. Logic voltages are referenced to V
DD.
Address
The HV892 recognizes a 7-bit address. The device is pre-programmed with an I2C address of 0100011b. For other ad-
dresses, please contact the factory.
Data
A single byte written to the HV892 controls the operation of the lens driver. See the Command Table below. The MSB is
clocked-in first.
Command Table
AMP
Description
00h
Low power standby mode. When in standby mode, the internal boost converter and H-bridge oscillator are
shut down, and the OUT pins are held at ground.
Any AMP value other than 00h brings the HV892 out of standby mode. The time it takes the HV892 to exit
standby mode and achieve full output amplitude is less than 20ms with a 4.7nF capacitor on the HV pin.
Faster startup times may be achieved by lowering C
HV at the expense of possible waveform distortion.
01h-FFh
Controls output amplitude according to:
V
OUT(RMS) = 9.8VRMS + AMP • 205mVRMS
Supplies
V
IN should be ramped up in less than 2.0ms to assure the driver starts-up in standby mode. If brought up slower, the driver
may not start-up in standby mode, with output amplitude at an indeterminate level. In this case, writing AMP = 00h brings
the driver to standby mode. No damage will occur if ramped slower than 2.0ms.
Output Waveform
DX
1 / fOUT
dV/dt
(all edges)
AMP=FFh
AMP<FFh
DX


Similar Part No. - HV892

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV892 SUTEX-HV892 Datasheet
487Kb / 6P
   Inductorless Liquid Lens Driver
HV892K7-G SUTEX-HV892K7-G Datasheet
487Kb / 6P
   Inductorless Liquid Lens Driver
HV892 SUTEX-HV892_14 Datasheet
487Kb / 6P
   Inductorless Liquid Lens Driver
More results

Similar Description - HV892

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV892 SUTEX-HV892_14 Datasheet
487Kb / 6P
   Inductorless Liquid Lens Driver
HV895 SUTEX-HV895 Datasheet
498Kb / 5P
   Liquid Lens Driver
logo
Maxim Integrated Produc...
MAX14515 MAXIM-MAX14515 Datasheet
208Kb / 14P
   High-Voltage Liquid Lens Driver
Rev 0; 8/08
logo
Supertex, Inc
HV850MG-G SUTEX-HV850MG-G Datasheet
665Kb / 8P
   High Voltage, Low Noise, Inductorless EL Lamp Driver
HV852 SUTEX-HV852_07 Datasheet
701Kb / 7P
   High Voltage, Low Noise, Inductorless EL Lamp Driver
HV853 SUTEX-HV853_08 Datasheet
614Kb / 7P
   High Voltage, Low Noise,Inductorless EL Lamp Driver
HV852 SUTEX-HV852_09 Datasheet
659Kb / 7P
   High Voltage,Low Noise,Inductorless EL Lamp Driver
HV853 SUTEX-HV853 Datasheet
688Kb / 7P
   High Voltage, Low Noise, Inductorless EL Lamp Driver
HV852 SUTEX-HV852 Datasheet
465Kb / 6P
   High Voltage, Low Noise, Inductorless EL Lamp Driver
HV850 SUTEX-HV850 Datasheet
248Kb / 6P
   High Voltage Low Noise Inductorless EL Lamp Driver
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com