Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LVX04 Datasheet(PDF) 1 Page - STMicroelectronics

Part # 74LVX04
Description  LOW VOLTAGE CMOS HEX INVERTER WITH 5V TOLERANT INPUTS
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

74LVX04 Datasheet(HTML) 1 Page - STMicroelectronics

  74LVX04 Datasheet HTML 1Page - STMicroelectronics 74LVX04 Datasheet HTML 2Page - STMicroelectronics 74LVX04 Datasheet HTML 3Page - STMicroelectronics 74LVX04 Datasheet HTML 4Page - STMicroelectronics 74LVX04 Datasheet HTML 5Page - STMicroelectronics 74LVX04 Datasheet HTML 6Page - STMicroelectronics 74LVX04 Datasheet HTML 7Page - STMicroelectronics 74LVX04 Datasheet HTML 8Page - STMicroelectronics 74LVX04 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
1/11
August 2004
s
HIGH SPEED:
tPD = 4.1ns (TYP.) at VCC = 3.3V
s
5V TOLERANT INPUTS
s
INPUT VOLTAGE LEVEL:
VIL=0.8V, VIH=2V at VCC=3V
s
LOW POWER DISSIPATION:
ICC = 2 µA (MAX.) at TA=25°C
s
LOW NOISE:
VOLP = 0.3V (TYP.) at VCC = 3.3V
s
SYMMETRICAL OUTPUT IMPEDANCE:
|IOH| = IOL = 4mA (MIN)
s
BALANCED PROPAGATION DELAYS:
tPLH tPHL
s
OPERATING VOLTAGE RANGE:
VCC(OPR) = 2V to 3.6V (1.2V Data Retention)
s
PIN AND FUNCTION COMPATIBLE WITH
74 SERIES 04
s
IMPROVED LATCH-UP IMMUNITY
s
POWER DOWN PROTECTION ON INPUTS
DESCRIPTION
The 74LVX04 is a low voltage CMOS HEX
INVERTER fabricated with sub-micron silicon
gate and double-layer metal wiring C2MOS
technology. It is ideal for low power, battery
operated and low noise 3.3V applications.
The internal circuit is composed of 3 stages
including buffer output, which provides high noise
immunity and stable output.
Power down protection is provided on all inputs
and 0 to 7V can be accepted on inputs with no
regard to the supply voltage.
This device can be used to interface 5V to 3V
system. It combines high speed performance with
the true CMOS low power consumption.
All
inputs
and
outputs
are
equipped
with
protection circuits against static discharge, giving
them 2KV ESD immunity and transient excess
voltage.
74LVX04
LOW VOLTAGE CMOS HEX INVERTER
WITH 5V TOLERANT INPUTS
Figure 1: Pin Connection And IEC Logic Symbols
Table 1: Order Codes
PACKAGE
T & R
SOP
74LVX04MTR
TSSOP
74LVX04TTR
TSSOP
SOP
Rev. 4


Similar Part No. - 74LVX04

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74LVX04 FAIRCHILD-74LVX04 Datasheet
62Kb / 6P
   Low Voltage Hex Inverter
logo
STMicroelectronics
74LVX04 STMICROELECTRONICS-74LVX04 Datasheet
161Kb / 8P
   LOW VOLTAGE CMOS HEX INVERTER WITH 5V TOLERANT INPUTS
July 2001
logo
ON Semiconductor
74LVX04 ONSEMI-74LVX04 Datasheet
223Kb / 8P
   Low Voltage Hex Inverter
February 2008 Rev. 1.4.0
logo
Fairchild Semiconductor
74LVX04M FAIRCHILD-74LVX04M Datasheet
62Kb / 6P
   Low Voltage Hex Inverter
logo
STMicroelectronics
74LVX04M STMICROELECTRONICS-74LVX04M Datasheet
161Kb / 8P
   LOW VOLTAGE CMOS HEX INVERTER WITH 5V TOLERANT INPUTS
July 2001
More results

Similar Description - 74LVX04

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
74LCX04 STMICROELECTRONICS-74LCX04 Datasheet
239Kb / 15P
   Low voltage CMOS HEX inverter with 5V tolerant inputs
74LVX04 STMICROELECTRONICS-74LVX04 Datasheet
161Kb / 8P
   LOW VOLTAGE CMOS HEX INVERTER WITH 5V TOLERANT INPUTS
July 2001
74LCX04MTR STMICROELECTRONICS-74LCX04MTR Datasheet
164Kb / 8P
   LOW VOLTAGE CMOS HEX INVERTER WITH 5V TOLERANT INPUTS
September 2001
74LVX14 STMICROELECTRONICS-74LVX14 Datasheet
160Kb / 11P
   LOW VOLTAGE CMOS HEX SCHMITT INVERTER WITH 5V TOLERANT INPUTS
74LCX14 STMICROELECTRONICS-74LCX14_06 Datasheet
243Kb / 15P
   Low voltage CMOS HEX SCHMITT inverter with 5V tolerant inputs
74LCX14 STMICROELECTRONICS-74LCX14 Datasheet
113Kb / 8P
   LOW VOLTAGE CMOS HEX SCHMITT INVERTER WITH 5V TOLERANT INPUTS
logo
Fairchild Semiconductor
74LCX04 FAIRCHILD-74LCX04 Datasheet
519Kb / 11P
   Low Voltage Hex Inverter with 5V Tolerant Inputs
logo
ON Semiconductor
74LCX04 ONSEMI-74LCX04 Datasheet
750Kb / 14P
   Low Voltage Hex Inverter with 5V Tolerant Inputs
December 2013 Rev. 1.6.1
logo
Fairchild Semiconductor
74LCX04 FAIRCHILD-74LCX04_08 Datasheet
770Kb / 13P
   Low Voltage Hex Inverter with 5V Tolerant Inputs
logo
STMicroelectronics
74LVX05 STMICROELECTRONICS-74LVX05 Datasheet
218Kb / 11P
   LOW VOLTAGE CMOS HEX INVERTER (OPEN DRAIN) WITH 5V TOLERANT INPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com