Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LVX132MTR Datasheet(PDF) 3 Page - STMicroelectronics

Part # 74LVX132MTR
Description  LOW VOLTAGE CMOS QUAD 2-INPUT SCHMITT NAND GATE WITH 5V TOLERANT INPUTS
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

74LVX132MTR Datasheet(HTML) 3 Page - STMicroelectronics

  74LVX132MTR Datasheet HTML 1Page - STMicroelectronics 74LVX132MTR Datasheet HTML 2Page - STMicroelectronics 74LVX132MTR Datasheet HTML 3Page - STMicroelectronics 74LVX132MTR Datasheet HTML 4Page - STMicroelectronics 74LVX132MTR Datasheet HTML 5Page - STMicroelectronics 74LVX132MTR Datasheet HTML 6Page - STMicroelectronics 74LVX132MTR Datasheet HTML 7Page - STMicroelectronics 74LVX132MTR Datasheet HTML 8Page - STMicroelectronics 74LVX132MTR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
74LVX132
3/11
Table 6: DC Specifications
Table 7: Dynamic Switching Characteristics
1) Worst case package.
2) Max number of outputs defined as (n). Data inputs are driven 0V to 3.3V, (n-1) outputs switching and one output at GND.
3) Max number of data inputs (n) switching. (n-1) switching 0V to 3.3V. Inputs under test switching: 3.3V to threshold (VILD), 0V to threshold
(VIHD), f=1MHz.
Symbol
Parameter
Test Condition
Value
Unit
VCC
(V)
TA = 25°C
-40 to 85°C
-55 to 125°C
Min.
Typ.
Max.
Min.
Max.
Min.
Max.
Vt+
High Level Input
Threshold
3.0
2.2
2.2
2.2
V
Vt-
Low Level Input
Threshold
3.0
0.9
0.9
0.9
V
VH
Hysteresis Voltage
3.0
0.3
1.2
0.3
1.2
0.3
1.2
V
VOH
High Level Output
Voltage
2.0
IO=-50 µA
1.9
2.0
1.9
1.9
V
3.0
IO=-50 µA
2.9
3.0
2.9
2.9
3.0
IO=-4 mA
2.58
2.48
2.4
VOL
Low Level Output
Voltage
2.0
IO=50 µA
0.0
0.1
0.1
0.1
V
3.0
IO=50 µA
0.0
0.1
0.1
0.1
3.0
IO=4 mA
0.36
0.44
0.55
II
Input Leakage
Current
3.6
VI = 5V or GND
± 0.1
± 1
± 1
µA
ICC
Quiescent Supply
Current
3.6
VI = VCC or GND
220
20
µA
Symbol
Parameter
Test Condition
Value
Unit
VCC
(V)
TA = 25°C
-40 to 85°C
-55 to 125°C
Min.
Typ.
Max.
Min.
Max.
Min.
Max.
VOLP
Dynamic Low
Voltage Quiet
Output (note 1, 2)
3.3
CL = 50 pF
0.3
0.5
V
VOLV
-0.5
-0.3
VIHD
Dynamic High
Voltage Input (note
1, 3)
3.3
2.2
VILD
Dynamic Low
Voltage Input (note
1, 3)
3.3
0.9


Similar Part No. - 74LVX132MTR

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74LVX132MTC FAIRCHILD-74LVX132MTC Datasheet
65Kb / 6P
   Low Voltage Quad 2-Input NAND Schmitt Trigger
logo
ON Semiconductor
74LVX132MTC ONSEMI-74LVX132MTC Datasheet
253Kb / 9P
   Low Voltage Quad 2-Input NAND Schmitt Trigger
February 2008 Rev. 1.4.0
logo
Fairchild Semiconductor
74LVX132MTCX_NL FAIRCHILD-74LVX132MTCX_NL Datasheet
65Kb / 6P
   Low Voltage Quad 2-Input NAND Schmitt Trigger
74LVX132MTC FAIRCHILD-74LVX132MTC_08 Datasheet
338Kb / 9P
   Low Voltage Quad 2-Input NAND Schmitt Trigger
More results

Similar Description - 74LVX132MTR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
74LVX00 STMICROELECTRONICS-74LVX00 Datasheet
233Kb / 11P
   LOW VOLTAGE CMOS QUAD 2-INPUT NAND GATE WITH 5V TOLERANT INPUTS
logo
Motorola, Inc
MC74LCX00 MOTOROLA-MC74LCX00 Datasheet
135Kb / 7P
   Low-Voltage CMOS Quad 2-Input NAND Gate With 5V-Tolerant Inputs
logo
Fairchild Semiconductor
74LCX00 FAIRCHILD-74LCX00 Datasheet
82Kb / 7P
   Low Voltage Quad 2-Input NAND Gate with 5V Tolerant Inputs
74LCX00 FAIRCHILD-74LCX00_05 Datasheet
504Kb / 11P
   Low Voltage Quad 2-Input NAND Gate with 5V Tolerant Inputs
74LCX00 FAIRCHILD-74LCX00_08 Datasheet
765Kb / 13P
   Low Voltage Quad 2-Input NAND Gate with 5V Tolerant Inputs
74LCX00BQX FAIRCHILD-74LCX00BQX Datasheet
501Kb / 11P
   Low Voltage Quad 2-Input NAND Gate with 5V Tolerant Inputs
logo
STMicroelectronics
74LVX03 STMICROELECTRONICS-74LVX03 Datasheet
119Kb / 8P
   LOW VOLTAGE CMOS QUAD 2-INPUT NAND GATE (OPEN DRAIN) WITH 5V TOLERANT INPUTS
74LVX03 STMICROELECTRONICS-74LVX03_04 Datasheet
236Kb / 11P
   LOW VOLTAGE CMOS QUAD 2-INPUT NAND GATE (OPEN DRAIN) WITH 5V TOLERANT INPUTS
logo
Toshiba Semiconductor
TC74LCX00F TOSHIBA-TC74LCX00F Datasheet
252Kb / 8P
   LOW-VOLTAGE QUAD 2-INPUT NAND GATE WITH 5V TOLERANT INPUTS AND OUTPUTS
logo
STMicroelectronics
74LVX02 STMICROELECTRONICS-74LVX02 Datasheet
162Kb / 11P
   LOW VOLTAGE CMOS QUAD 2-INPUT NOR GATE WITH 5V TOLERANT INPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com