Electronic Components Datasheet Search |
|
V62C18164096 Datasheet(PDF) 4 Page - Mosel Vitelic, Corp |
|
V62C18164096 Datasheet(HTML) 4 Page - Mosel Vitelic, Corp |
4 / 10 page 4 V62C18164096 Rev. 1.2 June 2000 MOSEL VITELIC V62C18164096 DC Electrical Characteristics (over all temperature ranges, VCC = 1.8V – 2.3V) NOTES: 1. These are absolute values with respect to device ground and all overshoots due to system or tester noise are included. 2. VIL (Min.) = -3.0V for pulse width < 20ns. 3. Maximum values. Symbol Parameter Test Conditions Min. Typ. Max. Units VIL Input LOW Voltage(1,2) -0.3 — 0.4 V VIH Input HIGH Voltage(1) 1.6 — VCC + 0.3 V IIL Input Leakage Current VCC = Max, VIN = 0V to VCC -1 — 1 µA IOL Output Leakage Current VCC = Max, CE = VIH, VOUT = 0V to VCC -1 — 1 µA VOL Output LOW Voltage VCC = Min, IOL = 2.1mA —— 0.4 V VOH Output HIGH Voltage VCC = Min, IOH = -0. 1mA VCC – 0.4 —— V Symbol Parameter Power Com.(3) Ind.(3) Units ICC1 Average Operating Current, CE1 = VIL, CE2 = VCC – 0.2V, Output Open, VCC = Max. f = fmax 25 30 mA f = 1 MHz 2 3 ISB TTL Standby Current CE ≥ V IH, VCC = Max., f = 0 L 0.4 0.5 mA LL 0.3 0.3 ISB1 CMOS Standby Current, CE1 ≥ VCC – 0.2V, CE2 < 0.2V VIN ≥ VCC – 0.2V or VIN ≤ 0.2V, VCC = Max., f = 0 L57 µA LL 2 3 AC Test Conditions AC Test Loads and Waveforms Key to Switching Waveforms Input Pulse Levels 0 to 1.6V Input Rise and Fall Times 5 ns Timing Reference Levels 0.9V Output Load see below * Includes scope and jig capacitance CL* TTL CL = 30 pF + 1 TTL Load WAVEFORM INPUTS OUTPUTS MUST BE STEADY WILL BE STEADY MAY CHANGE FROM H TO L WILL BE CHANGING FROM H TO L MAY CHANGE FROM L TO H WILL BE CHANGING FROM L TO H DON'T CARE: ANY CHANGE PERMITTED CHANGING: STATE UNKNOWN DOES NOT APPLY CENTER LINE IS HIGH IMPEDANCE “OFF” STATE |
Similar Part No. - V62C18164096 |
|
Similar Description - V62C18164096 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |