Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

V62C18164096L Datasheet(PDF) 2 Page - Mosel Vitelic, Corp

Part # V62C18164096L
Description  256K x 16, CMOS STATIC RAM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSEL [Mosel Vitelic, Corp]
Direct Link  http://www.moselvitelic.com
Logo MOSEL - Mosel Vitelic, Corp

V62C18164096L Datasheet(HTML) 2 Page - Mosel Vitelic, Corp

  V62C18164096L Datasheet HTML 1Page - Mosel Vitelic, Corp V62C18164096L Datasheet HTML 2Page - Mosel Vitelic, Corp V62C18164096L Datasheet HTML 3Page - Mosel Vitelic, Corp V62C18164096L Datasheet HTML 4Page - Mosel Vitelic, Corp V62C18164096L Datasheet HTML 5Page - Mosel Vitelic, Corp V62C18164096L Datasheet HTML 6Page - Mosel Vitelic, Corp V62C18164096L Datasheet HTML 7Page - Mosel Vitelic, Corp V62C18164096L Datasheet HTML 8Page - Mosel Vitelic, Corp V62C18164096L Datasheet HTML 9Page - Mosel Vitelic, Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
2
V62C18164096 Rev. 1.2 June 2000
MOSEL VITELIC
V62C18164096
Pin Descriptions
A0–A17
Address Inputs
These 18 address inputs select one of the 256K x
16 bit segments in the RAM.
CE1, CE2 Chip Enable Inputs
CE1 is active LOW and CE2 is active HIGH. Both
chip enables must be active to read from or write to
the device. If either chip enable is not active, the
device is deselected and is in a standby power
mode. The I/O pins will be in the high-impedance
state when deselected.
OE
Output Enable Input
The output enable input is active LOW. With the
chip enabled, when OE is Low and WE High, data
will be presented on the I/O pins. The I/O pins will
be in the high impedance state when OE is High.
UBE, LBE
Byte Enable
Active low inputs. These inputs are used to enable
the upper or lower data byte.
WE
Write Enable Input
The write enable input is active LOW and controls
read and write operations. With the chip enabled,
when WE is HIGH and OE is LOW, output data will
be present at the I/O pins; when WE is LOW and
OE is HIGH, the data present on the I/O pins will be
written into the selected memory locations.
I/O1–I/O16
Data Input and Data Output Ports
These 16 bidirectional ports are used to read data
from and write data into the RAM.
VCC
Power Supply
GND
Ground
Pin Configurations (Top View)
48 BGA
A
1
234
56
1
Note: NC means no connect.
23
4
5
6
B
C
D
E
F
G
H
TOP VIEW
TOP VIEW
A
BLE
I/O9
I/O10
B
C
D
E
F
G
H
VSS
VCC
I/O15
I/O16
NC
OE
BHE
I/O11
I/O12
I/O13
I/O14
NC
A8
A0
A3
A5
A17
NC
A14
A12
A9
A1
A4
A6
A7
A16
A15
A13
A10
A2
CE1
I/O2
I/O4
I/O5
I/O6
WE
A11
CE2
I/O1
I/O3
VCC
VSS
I/O7
I/O8
NC


Similar Part No. - V62C18164096L

ManufacturerPart #DatasheetDescription
logo
Mosel Vitelic, Corp
V62C1801024L MOSEL-V62C1801024L Datasheet
92Kb / 10P
   Ultra Low Power 128K x 8 CMOS SRAM
V62C1801024L-100B MOSEL-V62C1801024L-100B Datasheet
92Kb / 10P
   Ultra Low Power 128K x 8 CMOS SRAM
V62C1801024L-100T MOSEL-V62C1801024L-100T Datasheet
92Kb / 10P
   Ultra Low Power 128K x 8 CMOS SRAM
V62C1801024L-100V MOSEL-V62C1801024L-100V Datasheet
92Kb / 10P
   Ultra Low Power 128K x 8 CMOS SRAM
V62C1801024L-150B MOSEL-V62C1801024L-150B Datasheet
92Kb / 10P
   Ultra Low Power 128K x 8 CMOS SRAM
More results

Similar Description - V62C18164096L

ManufacturerPart #DatasheetDescription
logo
Mosel Vitelic, Corp
V62C1164096 MOSEL-V62C1164096 Datasheet
178Kb / 10P
   256K x 16, CMOS STATIC RAM
logo
Cypress Semiconductor
CY7C1041BV33 CYPRESS-CY7C1041BV33 Datasheet
187Kb / 11P
   256K x 16 Static RAM
CY7C1041 CYPRESS-CY7C1041 Datasheet
182Kb / 10P
   256K x 16 Static RAM
CY62146CV18 CYPRESS-CY62146CV18 Datasheet
299Kb / 12P
   256K x 16 Static RAM
CY62147CV18 CYPRESS-CY62147CV18_02 Datasheet
300Kb / 11P
   256K x 16 Static RAM
CY7C1041BNV33 CYPRESS-CY7C1041BNV33 Datasheet
414Kb / 8P
   256K x 16 Static RAM
CY7C1041BN CYPRESS-CY7C1041BN Datasheet
483Kb / 10P
   256K x 16 Static RAM
CY7C1041BNV33 CYPRESS-CY7C1041BNV33_09 Datasheet
405Kb / 8P
   256K x 16 Static RAM
CY62147CV33 CYPRESS-CY62147CV33 Datasheet
301Kb / 14P
   256K x 16 Static RAM
CY62147CV18 CYPRESS-CY62147CV18 Datasheet
272Kb / 12P
   256K x 16 Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com