Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74VHC240 Datasheet(PDF) 4 Page - STMicroelectronics

Part # 74VHC240
Description  OCTAL BUS BUFFER WITH 3 STATE OUTPUTS (INVERTED)
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

74VHC240 Datasheet(HTML) 4 Page - STMicroelectronics

  74VHC240_04 Datasheet HTML 1Page - STMicroelectronics 74VHC240_04 Datasheet HTML 2Page - STMicroelectronics 74VHC240_04 Datasheet HTML 3Page - STMicroelectronics 74VHC240_04 Datasheet HTML 4Page - STMicroelectronics 74VHC240_04 Datasheet HTML 5Page - STMicroelectronics 74VHC240_04 Datasheet HTML 6Page - STMicroelectronics 74VHC240_04 Datasheet HTML 7Page - STMicroelectronics 74VHC240_04 Datasheet HTML 8Page - STMicroelectronics 74VHC240_04 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
74VHC240
4/12
Table 7: AC Electrical Characteristics (Input tr = tf = 3ns)
(*) Voltage range is 3.3V
± 0.3V
(**) Voltage range is 5.0V
± 0.5V
Note 1 : Parameter guaranteed by design. tsoLH = |tpLHm - tpLHn|, tsoHL = |tpHLm - tpHLn|
Table 8: Capacitive Characteristics
1) CPD is defined as the value of the IC’s internal equivalent capacitance which is calculated from the operating current consumption without
load. (Refer to Test Circuit). Average operating current can be obtained by the following equation. ICC(opr) = CPD x VCC x fIN + ICC/8 (per circuit)
Symbol
Parameter
Test Condition
Value
Unit
VCC
(V)
CL
(pF)
TA = 25°C
-40 to 85°C
-55 to 125°C
Min.
Typ.
Max.
Min.
Max.
Min.
Max.
tPLH
tPHL
Propagation Delay
Time
3.3(*)
15
5.3
7.5
1.0
9.0
1.0
9.0
ns
3.3(*)
50
7.8
11.0
1.0
12.5
1.0
12.5
5.0(**)
15
3.6
5.5
1.0
6.5
1.0
6.5
5.0(**)
50
5.1
7.5
1.0
8.5
1.0
8.5
tPZL
tPZH
Output Enable
Time
3.3(*)
15
RL = 1K
6.6
10.6
1.0
12.5
1.0
12.5
ns
3.3(*)
50
RL = 1K
9.1
14.1
1.0
16.0
1.0
16.0
5.0(**)
15
RL = 1K
4.7
7.3
1.0
8.5
1.0
8.5
5.0(**)
50
RL = 1K
6.2
9.3
1.0
10.5
1.0
10.5
tPLZ
tPHZ
Output Disable
Time
3.3(*)
50
RL = 1K
10.3
14.0
1.0
16.0
1.0
16.0
ns
5.0(**)
50
RL = 1K
6.7
9.2
1.0
10.5
1.0
10.5
tOSLH
tOSHL
Output to Output
Skew time (note 1)
3.3(*)
50
1.5
1.5
1.5
ns
5.0(**)
50
1.0
1.0
1.0
Symbol
Parameter
Test Condition
Value
Unit
TA = 25°C
-40 to 85°C
-55 to 125°C
Min.
Typ.
Max.
Min.
Max.
Min.
Max.
CIN
Input Capacitance
610
10
10
pF
COUT
Output
Capacitance
8pF
CPD
Power Dissipation
Capacitance
(note 1)
17
pF


Similar Part No. - 74VHC240_04

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74VHC240 FAIRCHILD-74VHC240_07 Datasheet
187Kb / 9P
   Octal Buffer/Line Driver with 3-STATE Outputs
More results

Similar Description - 74VHC240_04

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M74HC240 STMICROELECTRONICS-M74HC240 Datasheet
205Kb / 10P
   OCTAL BUS BUFFER WITH 3 STATE OUTPUTS (INVERTED)
74VHCT240A STMICROELECTRONICS-74VHCT240A Datasheet
63Kb / 8P
   OCTAL BUS BUFFER WITH 3 STATE OUTPUTS INVERTED
M74HCT240 STMICROELECTRONICS-M74HCT240 Datasheet
198Kb / 9P
   OCTAL BUS BUFFER WITH 3 STATE OUTPUTS (INVERTED)
M74HC540 STMICROELECTRONICS-M74HC540 Datasheet
253Kb / 10P
   OCTAL BUS BUFFER WITH 3 STATE OUTPUTS (INVERTED)
74AC240 STMICROELECTRONICS-74AC240 Datasheet
79Kb / 8P
   OCTAL BUS BUFFER WITH 3 STATE OUTPUTS INVERTED
April 1997
74ACT240 STMICROELECTRONICS-74ACT240 Datasheet
78Kb / 8P
   OCTAL BUS BUFFER WITH 3 STATE OUTPUTS INVERTED
April 1997
74VHC240 STMICROELECTRONICS-74VHC240 Datasheet
65Kb / 8P
   OCTAL BUS BUFFER WITH 3 STATE OUTPUTS INVERTED
June 1999
74ACT240 STMICROELECTRONICS-74ACT240_01 Datasheet
203Kb / 9P
   OCTAL BUS BUFFER WITH 3 STATE OUTPUTS (INVERTED)
74VHCT240A STMICROELECTRONICS-74VHCT240A_04 Datasheet
244Kb / 12P
   OCTAL BUS BUFFER WITH 3 STATE OUTPUTS (INVERTED)
74AC240 STMICROELECTRONICS-74AC240_01 Datasheet
204Kb / 9P
   OCTAL BUS BUFFER WITH 3 STATE OUTPUTS (INVERTED)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com