Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74VHC238 Datasheet(PDF) 3 Page - STMicroelectronics

Part # 74VHC238
Description  3 TO 8 LINE DECODER
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

74VHC238 Datasheet(HTML) 3 Page - STMicroelectronics

  74VHC238 Datasheet HTML 1Page - STMicroelectronics 74VHC238 Datasheet HTML 2Page - STMicroelectronics 74VHC238 Datasheet HTML 3Page - STMicroelectronics 74VHC238 Datasheet HTML 4Page - STMicroelectronics 74VHC238 Datasheet HTML 5Page - STMicroelectronics 74VHC238 Datasheet HTML 6Page - STMicroelectronics 74VHC238 Datasheet HTML 7Page - STMicroelectronics 74VHC238 Datasheet HTML 8Page - STMicroelectronics 74VHC238 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
74VHC238
3/12
Table 4: Absolute Maximum Ratings
Absolute Maximum Ratings are those values beyond which damage to the device may occur. Functional operation under these conditions is
not implied
Table 5: Recommended Operating Conditions
1) VIN from 30% to 70% of VCC
Symbol
Parameter
Value
Unit
VCC
Supply Voltage
-0.5 to +7.0
V
VI
DC Input Voltage
-0.5 to +7.0
V
VO
DC Output Voltage
-0.5 to VCC + 0.5
V
IIK
DC Input Diode Current
- 20
mA
IOK
DC Output Diode Current
± 20
mA
IO
DC Output Current
± 25
mA
ICC or IGND DC VCC or Ground Current
± 75
mA
Tstg
Storage Temperature
-65 to +150
°C
TL
Lead Temperature (10 sec)
300
°C
Symbol
Parameter
Value
Unit
VCC
Supply Voltage
2 to 5.5
V
VI
Input Voltage
0 to 5.5
V
VO
Output Voltage
0 to VCC
V
Top
Operating Temperature
-55 to 125
°C
dt/dv
Input Rise and Fall Time (note 1) (VCC = 3.3 ± 0.3V)
(VCC = 5.0 ± 0.5V)
0 to 100
0 to 20
ns/V


Similar Part No. - 74VHC238

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
74VHC238 STMICROELECTRONICS-74VHC238 Datasheet
64Kb / 8P
   3 TO 8 LINE DECODER
June 1999
logo
Toshiba Semiconductor
74VHC238FT TOSHIBA-74VHC238FT Datasheet
196Kb / 9P
   CMOS Digital Integrated Circuits Silicon Monolithic
2016-08-18 Rev.3.0
logo
STMicroelectronics
74VHC238M STMICROELECTRONICS-74VHC238M Datasheet
64Kb / 8P
   3 TO 8 LINE DECODER
June 1999
74VHC238T STMICROELECTRONICS-74VHC238T Datasheet
64Kb / 8P
   3 TO 8 LINE DECODER
June 1999
More results

Similar Description - 74VHC238

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC7MH238FK TOSHIBA-TC7MH238FK_07 Datasheet
190Kb / 7P
   3-to-8 Line Decoder
TC74HC138AP TOSHIBA-TC74HC138AP_07 Datasheet
336Kb / 9P
   3-to-8 Line Decoder
TC74HCT138AF TOSHIBA-TC74HCT138AF_12 Datasheet
236Kb / 7P
   3-to-8 Line Decoder
logo
STMicroelectronics
74VHC238 STMICROELECTRONICS-74VHC238 Datasheet
64Kb / 8P
   3 TO 8 LINE DECODER
June 1999
74VHCT238A STMICROELECTRONICS-74VHCT238A Datasheet
63Kb / 8P
   3 TO 8 LINE DECODER
logo
Toshiba Semiconductor
TC74VHC238F TOSHIBA-TC74VHC238F Datasheet
234Kb / 6P
   3-TO-8 LINE DECODER
TC7MH238FK TOSHIBA-TC7MH238FK Datasheet
204Kb / 5P
   3-TO-8 LINE DECODER
TC74VHCT138AF TOSHIBA-TC74VHCT138AF Datasheet
240Kb / 7P
   3-TO-8 LINE DECODER
logo
Fairchild Semiconductor
MM74HC138 FAIRCHILD-MM74HC138 Datasheet
73Kb / 7P
   3-to-8 Line Decoder
logo
Toshiba Semiconductor
74VHC138FT TOSHIBA-74VHC138FT Datasheet
208Kb / 9P
   3-to-8 Line Decoder
2016-08-18
logo
ON Semiconductor
MC74VHCT138A ONSEMI-MC74VHCT138A Datasheet
155Kb / 6P
   3-to-8 Line Decoder
1997 REV 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com