Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STP10NB50 Datasheet(PDF) 3 Page - STMicroelectronics

Part # STP10NB50
Description  N - CHANNEL 500V - 0.55ohm - 10.6A - TO-220/TO-220FP PowerMESH MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP10NB50 Datasheet(HTML) 3 Page - STMicroelectronics

  STP10NB50 Datasheet HTML 1Page - STMicroelectronics STP10NB50 Datasheet HTML 2Page - STMicroelectronics STP10NB50 Datasheet HTML 3Page - STMicroelectronics STP10NB50 Datasheet HTML 4Page - STMicroelectronics STP10NB50 Datasheet HTML 5Page - STMicroelectronics STP10NB50 Datasheet HTML 6Page - STMicroelectronics STP10NB50 Datasheet HTML 7Page - STMicroelectronics STP10NB50 Datasheet HTML 8Page - STMicroelectronics STP10NB50 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
ELECTRICAL CHARACTERISTICS (continued)
SWITCHING ON
Symbo l
Parameter
Test Con ditions
Min.
T yp.
Max.
Unit
td(on)
tr
Turn-on Time
Rise Time
VDD = 250 V
ID =5.3 A
RG =4.7
VGS =10 V
(see test circuit, figure 3)
25
13
14
20
ns
ns
Qg
Q gs
Qgd
Tot al Gate Charge
Gat e-Source Charge
Gat e-Drain Charge
VDD = 160 V
ID =10 A VGS =10 V
38
10
17
49
nC
nC
nC
SWITCHING OFF
Symbo l
Parameter
Test Con ditions
Min.
T yp.
Max.
Unit
tr(Voff)
tf
tc
Off -volt age Rise Time
Fall Time
Cross-over Time
VDD = 160 V
ID =10 A
RG =4.7
Ω VGS =10 V
(see test circuit, figure 5)
13
15
25
11
14
28
ns
ns
ns
SOURCE DRAIN DIODE
Symbo l
Parameter
Test Con ditions
Min.
T yp.
Max.
Unit
ISD
ISDM (
•)
Source-drain Current
Source-drain Current
(pulsed)
10. 6
42. 4
A
A
VSD (
∗)
Forward On Volt age
ISD =10.6 A
VGS =0
1. 6
V
trr
Qrr
IRRM
Reverse Recovery
Time
Reverse Recovery
Charge
Reverse Recovery
Current
ISD =10.6 A
di/dt = 100 A/
µs
VDD =50 V
Tj = 150
oC
(see test circuit, figure 5)
560
4.9
17.5
ns
nC
A
(
∗) Pulsed: Pulse duration = 300 µs, duty cycle 1.5 %
(
•) Pulse width limited by safe operating area
Safe Operating Area
Safe Operating Area for TO-220FP
STP10NB50 STP10NB50FP
3/9


Similar Part No. - STP10NB50

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STP10NB20 STMICROELECTRONICS-STP10NB20 Datasheet
122Kb / 9P
   N - CHANNEL ENHANCEMENT MODE PowerMESH MOSFET
STP10NB20FP STMICROELECTRONICS-STP10NB20FP Datasheet
122Kb / 9P
   N - CHANNEL ENHANCEMENT MODE PowerMESH MOSFET
STP10NB60SFP STMICROELECTRONICS-STP10NB60SFP Datasheet
318Kb / 8P
   N-CHANNEL 10A - 600V - TO-220FP PowerMesh??IGBT
More results

Similar Description - STP10NB50

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STB10NB50 STMICROELECTRONICS-STB10NB50 Datasheet
85Kb / 8P
   N - CHANNEL 500V - 0.55ohm - 10.6A - D2PAK PowerMESH] MOSFET
STP4NB50 STMICROELECTRONICS-STP4NB50 Datasheet
163Kb / 7P
   N-CHANNEL 500V - 2.5ohm - 3.8A - TO-220/TO-220FP PowerMesh??MOSFET
STP10NC50 STMICROELECTRONICS-STP10NC50 Datasheet
57Kb / 7P
   N - CHANNEL 500V - 0.48ohm - 10A - TO-220/TO-220FP PowerMESH MOSFET
STP9NB50 STMICROELECTRONICS-STP9NB50 Datasheet
108Kb / 9P
   N-CHANNEL 500V - 0.75 ohm - 8.6 A TO-220/TO-220FP PowerMesh MOSFET
STP8NC50 STMICROELECTRONICS-STP8NC50 Datasheet
352Kb / 10P
   N-CHANNEL 500V - 0.7ohm - 8A TO-220/TO-220FP/I2PAK PowerMesh?줚I MOSFET
STP4NB100 STMICROELECTRONICS-STP4NB100 Datasheet
109Kb / 9P
   N - CHANNEL 1000V - 4ohm - 3.8A - TO-220/TO-220FP PowerMESH MOSFET
STP4NB30FP STMICROELECTRONICS-STP4NB30FP Datasheet
331Kb / 9P
   N-CHANNEL 300V - 1.8ohm - 4A - TO-220/TO-220FP PowerMesh??MOSFET
STP3NB80 STMICROELECTRONICS-STP3NB80 Datasheet
106Kb / 9P
   N - CHANNEL 800V - 4.6ohm - 2.6A - TO-220/TO-220FP PowerMESH MOSFET
IRF830 STMICROELECTRONICS-IRF830 Datasheet
92Kb / 8P
   N - CHANNEL 500V - 1.35ohm - 4.5A - TO-220 PowerMESH] MOSFET
STP5NB80 STMICROELECTRONICS-STP5NB80 Datasheet
107Kb / 9P
   N - CHANNEL 800V - 1.8ohm - 5A - TO-220/TO-220FP PowerMESH MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com