Selected language     English  ā–¼


74VHCT04A Datasheet(PDF) 8 Page - STMicroelectronics

Part No. 74VHCT04A
Description  HEX INVERTER
Download  11 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  STMICROELECTRONICS [STMicroelectronics]
Homepage  http://www.st.com
Logo 

 
 8 page
background image
74VHCT04A
8/11
DIM.
mm.
inch
MIN.
TYP
MAX.
MIN.
TYP.
MAX.
A
330
12.992
C
12.8
13.2
0.504
0.519
D
20.2
0.795
N
60
2.362
T
22.4
0.882
Ao
6.4
6.6
0.252
0.260
Bo
9
9.2
0.354
0.362
Ko
2.1
2.3
0.082
0.090
Po
3.9
4.1
0.153
0.161
P
7.9
8.1
0.311
0.319
Tape & Reel SO-14 MECHANICAL DATA




Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
74AC04Hex Inverter 1 2 3 4 5 MoreFairchild Semiconductor
MC74HC14A_06Hex Schmitt−Trigger Inverter High−Performance Silicon−Gate CMOS 1 2 3 4 5 MoreON Semiconductor
MC10189_02Hex Inverter With Enable 1 2 3 4 ON Semiconductor
KK74HCT04AHex Inverter High-Performance Silicon-Gate CMOS 1 2 3 4 5 KODENSHI KOREA CORP.
TC74HC14AP_07CMOS Digital Integrated Circuit Silicon Monolithic Hex Schmitt Inverter 1 2 3 4 5 MoreToshiba Semiconductor
TC74LVX14F_07Hex Schmitt Inverter 1 2 3 4 5 MoreToshiba Semiconductor
74LVX04_04LOW VOLTAGE CMOS HEX INVERTER WITH 5V TOLERANT INPUTS 1 2 3 4 5 MoreSTMicroelectronics
KK74AC04Hex Inverter High-Speed Silicon-Gate CMOS 1 2 3 4 5 KODENSHI KOREA CORP.
KK74HCT14AHex Schmitt-Trigger Inverter High-Performance Silicon-Gate CMOS 1 2 3 4 5 KODENSHI KOREA CORP.
SN54LS06_95HEX INVERTER BUFFERS/DRIVERS WITH OPEN-COLLECTOR HIGH-VOLTAGE OUPUTS 1 2 3 4 Texas Instruments

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights ReservedĀ© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl