Selected language     English  ▼


74VHCT04A Datasheet(PDF) 1 Page - STMicroelectronics

Part No. 74VHCT04A
Description  HEX INVERTER
Download  11 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  STMICROELECTRONICS [STMicroelectronics]
Homepage  http://www.st.com
Logo 

 
 1 page
background image
1/11
December 2004
s
HIGH SPEED: tPD = 4.7 ns (TYP.) at VCC = 5V
s
LOW POWER DISSIPATION:
ICC = 2 µA (MAX.) at TA=25°C
s
COMPATIBLE WITH TTL OUTPUTS:
VIH = 2V (MIN.), VIL = 0.8V (MAX)
s
POWER DOWN PROTECTION ON INPUTS
& OUTPUTS
s
SYMMETRICAL OUTPUT IMPEDANCE:
|IOH| = IOL = 8 mA (MIN)
s
BALANCED PROPAGATION DELAYS:
tPLH tPHL
s
OPERATING VOLTAGE RANGE:
VCC(OPR) = 4.5V to 5.5V
s
PIN AND FUNCTION COMPATIBLE WITH
74 SERIES 04
s
IMPROVED LATCH-UP IMMUNITY
s
LOW NOISE: VOLP = 0.8V (MAX.)
DESCRIPTION
The 74VHCT04A is an advanced high-speed
CMOS
HEX
INVERTER
fabricated
with
sub-micron silicon gate and double-layer metal
wiring C2MOS technology.
The internal circuit is composed of 3 stages
including buffer output, which provides high noise
immunity and stable output.
Power down protection is provided on all inputs
and outputs and 0 to 7V can be accepted on
inputs with no regard to the supply voltage. This
device can be used to interface 5V to 3V since all
inputs are equipped with TTL threshold.
All
inputs
and
outputs
are
equipped
with
protection circuits against static discharge, giving
them 2KV ESD immunity and transient excess
voltage.
74VHCT04A
HEX INVERTER
Figure 1: Pin Connection And IEC Logic Symbols
Table 1: Order Codes
PACKAGE
T & R
SOP
74VHCT04AMTR
TSSOP
74VHCT04ATTR
TSSOP
SOP
Rev. 4




Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
74AC04Hex Inverter 1 2 3 4 5 MoreFairchild Semiconductor
MC74HC14A_06Hex Schmitt−Trigger Inverter High−Performance Silicon−Gate CMOS 1 2 3 4 5 MoreON Semiconductor
MC10189_02Hex Inverter With Enable 1 2 3 4 ON Semiconductor
KK74HCT04AHex Inverter High-Performance Silicon-Gate CMOS 1 2 3 4 5 KODENSHI KOREA CORP.
TC74HC14AP_07CMOS Digital Integrated Circuit Silicon Monolithic Hex Schmitt Inverter 1 2 3 4 5 MoreToshiba Semiconductor
TC74LVX14F_07Hex Schmitt Inverter 1 2 3 4 5 MoreToshiba Semiconductor
74LVX04_04LOW VOLTAGE CMOS HEX INVERTER WITH 5V TOLERANT INPUTS 1 2 3 4 5 MoreSTMicroelectronics
KK74AC04Hex Inverter High-Speed Silicon-Gate CMOS 1 2 3 4 5 KODENSHI KOREA CORP.
KK74HCT14AHex Schmitt-Trigger Inverter High-Performance Silicon-Gate CMOS 1 2 3 4 5 KODENSHI KOREA CORP.
SN54LS06_95HEX INVERTER BUFFERS/DRIVERS WITH OPEN-COLLECTOR HIGH-VOLTAGE OUPUTS 1 2 3 4 Texas Instruments

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl