Selected language     English  ▼


74VHCT05A Datasheet(PDF) 1 Page - STMicroelectronics

Part No. 74VHCT05A
Description  HEX INVERTER (OPEN DRAIN)
Download  11 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  STMICROELECTRONICS [STMicroelectronics]
Homepage  http://www.st.com
Logo 

 
 1 page
background image
1/11
December 2004
s
HIGH SPEED: tPZ = 3.5 ns (TYP.) at VCC = 5V
s
LOW POWER DISSIPATION:
ICC = 2 µA (MAX.) at TA=25°C
s
COMPATIBLE WITH TTL OUTPUTS:
VIH = 2V (MIN.), VIL = 0.8V (MAX)
s
POWER DOWN PROTECTION ON INPUTS
s
OPERATING VOLTAGE RANGE:
VCC(OPR) = 4.5V to 5.5V
s
PIN AND FUNCTION COMPATIBLE WITH
74 SERIES 05
s
IMPROVED LATCH-UP IMMUNITY
s
LOW NOISE: VOLP = 0.8V (MAX.)
DESCRIPTION
The 74VHCT05A is an advanced high-speed
CMOS OPEN DRAIN HEX INVERTER fabricated
with sub-micron silicon gate and double-layer
metal wiring C2MOS technology.
The internal circuit is composed of 3 stages
including buffer output, which provides high noise
immunity and stable output.
Power down protection is provided on all inputs
and 0 to 7V can be accepted on inputs with no
regard to the supply voltage. This device can be
used to interface 5V to 3V since all inputs are
equipped with TTL threshold.
All
inputs
and
outputs
are
equipped
with
protection circuits against static discharge, giving
them 2KV ESD immunity and transient excess
voltage.
74VHCT05A
HEX INVERTER (OPEN DRAIN)
Figure 1: Pin Connection And IEC Logic Symbols
Table 1: Order Codes
PACKAGE
T & R
SOP
74VHCT05AMTR
TSSOP
74VHCT05ATTR
TSSOP
SOP
Rev. 4




Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
MM74HCT05_05Hex Inverter Open Drain 1 2 3 4 5 MoreFairchild Semiconductor
TC74VHC05F_07Hex Inverter open drain 1 2 3 4 5 MoreToshiba Semiconductor
74VHC05_04HEX INVERTER OPEN DRAIN 1 2 3 4 5 MoreSTMicroelectronics
74AC04Hex Inverter 1 2 3 4 5 MoreFairchild Semiconductor
74LCX05_06Low voltage CMOS HEX inverter open drain with 5V tolerant inputs 1 2 3 4 5 MoreSTMicroelectronics
TC74AC05P_07CMOS Digital Integrated Circuit Silicon Monolithic Hex Inverter open drain 1 2 3 4 5 MoreToshiba Semiconductor
TC74HC05AP_07CMOS Digital Integrated Circuit Silicon Monolithic Hex Inverter open drain 1 2 3 4 5 MoreToshiba Semiconductor
TC7PA05FU_07Dual Inverter Open Drain 1 2 3 4 5 MoreToshiba Semiconductor
HD74LS06Hex Inverter Buffers/Drivers With Open Collector High-Voltage Outputs 1 2 3 4 5 MoreRenesas Technology Corp
MM74C906Hex Open Drain N-Channel Buffers . Hex Open Drain P-Channel Buffers 1 2 3 4 5 Fairchild Semiconductor

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl