Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74VHCT125A Datasheet(PDF) 4 Page - STMicroelectronics

Part # 74VHCT125A
Description  QUAD BUS BUFFERS (3-STATE)
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

74VHCT125A Datasheet(HTML) 4 Page - STMicroelectronics

  74VHCT125A Datasheet HTML 1Page - STMicroelectronics 74VHCT125A Datasheet HTML 2Page - STMicroelectronics 74VHCT125A Datasheet HTML 3Page - STMicroelectronics 74VHCT125A Datasheet HTML 4Page - STMicroelectronics 74VHCT125A Datasheet HTML 5Page - STMicroelectronics 74VHCT125A Datasheet HTML 6Page - STMicroelectronics 74VHCT125A Datasheet HTML 7Page - STMicroelectronics 74VHCT125A Datasheet HTML 8Page - STMicroelectronics 74VHCT125A Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
74VHCT125A
4/12
Table 6: Capacitive Characteristics
1) CPD is defined as the value of the IC’s internal equivalent capacitance which is calculated from the operating current consumption without
load. (Refer to Test Circuit). Average operating current can be obtained by the following equation. ICC(opr) = CPD x VCC x fIN + ICC/4 (per circuit)
Table 7: Dynamic Switching Characteristics
1) Worst case package.
2) Max number of outputs defined as (n). Data inputs are driven 0V to 3.0V, (n-1) outputs switching and one output at GND.
3) Max number of data inputs (n) switching. (n-1) switching 0V to 3.0V. Inputs under test switching: 3.0V to threshold (VILD), 0V to threshold
(VIHD), f=1MHz.
Symbol
Parameter
Test Condition
Value
Unit
TA = 25°C
-40 to 85°C
-55 to 125°C
Min.
Typ.
Max.
Min.
Max.
Min.
Max.
CIN
Input Capacitance
410
10
10
pF
COUT
Output
Capacitance
10
pF
CPD
Power Dissipation
Capacitance
(note 1)
18
pF
Symbol
Parameter
Test Condition
Value
Unit
VCC
(V)
TA = 25°C
-40 to 85°C
-55 to 125°C
Min.
Typ.
Max.
Min.
Max.
Min.
Max.
VOLP
Dynamic Low
Voltage Quiet
Output (note 1, 2)
5.0
CL = 50 pF
0.3
0.8
V
VOLV
-0.8
-0.3
VIHD
Dynamic High
Voltage Input
(note 1, 3)
5.0
2.0
VILD
Dynamic Low
Voltage Input
(note 1, 3)
5.0
0.8


Similar Part No. - 74VHCT125A

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
74VHCT125A STMICROELECTRONICS-74VHCT125A Datasheet
60Kb / 8P
   QUAD BUS BUFFERS 3-STATE
August 1999
logo
Toshiba Semiconductor
74VHCT125AFT TOSHIBA-74VHCT125AFT Datasheet
177Kb / 7P
   CMOS Digital Integrated Circuits Silicon Monolithic
2017-02-22 Rev.4.0
logo
STMicroelectronics
74VHCT125AM STMICROELECTRONICS-74VHCT125AM Datasheet
60Kb / 8P
   QUAD BUS BUFFERS 3-STATE
August 1999
74VHCT125AT STMICROELECTRONICS-74VHCT125AT Datasheet
60Kb / 8P
   QUAD BUS BUFFERS 3-STATE
August 1999
More results

Similar Description - 74VHCT125A

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M54HC125 STMICROELECTRONICS-M54HC125 Datasheet
256Kb / 9P
   QUAD BUS BUFFERS 3-STATE
March 2004
74ACT125 STMICROELECTRONICS-74ACT125 Datasheet
75Kb / 8P
   QUAD BUS BUFFERS 3-STATE
May 1997
74VHC125 STMICROELECTRONICS-74VHC125 Datasheet
61Kb / 8P
   QUAD BUS BUFFERS 3-STATE
June 1999
74VHC126 STMICROELECTRONICS-74VHC126 Datasheet
61Kb / 8P
   QUAD BUS BUFFERS (3-STATE)
June 1999
74ACT125MTR STMICROELECTRONICS-74ACT125MTR Datasheet
178Kb / 9P
   QUAD BUS BUFFERS (3-STATE)
July 2001
M54HCT125 STMICROELECTRONICS-M54HCT125 Datasheet
254Kb / 10P
   QUAD BUS BUFFERS 3-STATE
74LVQ125 STMICROELECTRONICS-74LVQ125 Datasheet
61Kb / 8P
   QUAD BUS BUFFERS 3-STATE
February 1999
74AC125 STMICROELECTRONICS-74AC125 Datasheet
170Kb / 9P
   QUAD BUS BUFFERS (3-STATE)
74VHCT125A STMICROELECTRONICS-74VHCT125A Datasheet
60Kb / 8P
   QUAD BUS BUFFERS 3-STATE
August 1999
74VHCT126A STMICROELECTRONICS-74VHCT126A Datasheet
60Kb / 8P
   QUAD BUS BUFFERS 3-STATE
March 2000
74VHC125 STMICROELECTRONICS-74VHC125_04 Datasheet
239Kb / 12P
   QUAD BUS BUFFERS (3-STATE)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com