Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACS102-6T Datasheet(PDF) 9 Page - STMicroelectronics

Part # ACS102-6T
Description  AC switch family Transient protected AC switch (ACS)
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ACS102-6T Datasheet(HTML) 9 Page - STMicroelectronics

Back Button ACS102-6T Datasheet HTML 3Page - STMicroelectronics ACS102-6T Datasheet HTML 4Page - STMicroelectronics ACS102-6T Datasheet HTML 5Page - STMicroelectronics ACS102-6T Datasheet HTML 6Page - STMicroelectronics ACS102-6T Datasheet HTML 7Page - STMicroelectronics ACS102-6T Datasheet HTML 8Page - STMicroelectronics ACS102-6T Datasheet HTML 9Page - STMicroelectronics ACS102-6T Datasheet HTML 10Page - STMicroelectronics ACS102-6T Datasheet HTML 11Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
ACS102-6T
Package information
9/11
Figure 18.
SO-8 Footprint
In order to meet environmental requirements, ST offers these devices in ECOPACK®
packages. These packages have a lead-free second level interconnect. The category of
second level interconnect is marked on the package and on the inner box label, in
compliance with JEDEC Standard JESD97. The maximum ratings related to soldering
conditions are also marked on the inner box label. ECOPACK is an ST trademark.
ECOPACK specifications are available at: www.st.com.
Table 6.
SO-8 Mechanical data
REF.
DIMENSIONS
Millimetres
Inches
Min.
Typ.
Max.
Min.
Typ.
Max.
A
1.350
1.75
0.053
0.069
A1
0.100
0.250 0.004
0.010
A2
1.100
1.650 0.043
0.065
B
0.330
0.510 0.013
0.020
C
0.190
0.250 0.008
0.010
D
4.800
5.000 0.189
0.197
E
3.800
4.000 0.150
0.157
e
1.270
0.050
H
5.800
6.200 0.228
0.244
h
0.250
0.500 0.010
0.020
L
0.400
1.270 0.016
0.050
k
0°8°
0°8°
ddd
0.100
0.004
E
D
8
4
1
5
H
k
h x 45°
L
C
(Seating
Plane)
0.25mm
(Gage Plane)
e
A
A2
B
A1
ddd C
6.8
4.2
1.27
0.6


Similar Part No. - ACS102-6T

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ACS102-6T STMICROELECTRONICS-ACS102-6T Datasheet
166Kb / 11P
   AC switch family Transient protected AC switch ACSTM
ACS102-6T1 STMICROELECTRONICS-ACS102-6T1 Datasheet
166Kb / 11P
   AC switch family Transient protected AC switch ACSTM
ACS102-6T1-TR STMICROELECTRONICS-ACS102-6T1-TR Datasheet
166Kb / 11P
   AC switch family Transient protected AC switch ACSTM
ACS102-6T1TR STMICROELECTRONICS-ACS102-6T1TR Datasheet
166Kb / 11P
   AC switch family Transient protected AC switch ACSTM
ACS102-6TA STMICROELECTRONICS-ACS102-6TA Datasheet
166Kb / 11P
   AC switch family Transient protected AC switch ACSTM
More results

Similar Description - ACS102-6T

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ACS108-6S_0606 STMICROELECTRONICS-ACS108-6S_0606 Datasheet
173Kb / 11P
   AC switch family Transient voltage protected AC Switch (ACS)
ACS102-6T STMICROELECTRONICS-ACS102-6T Datasheet
166Kb / 11P
   AC switch family Transient protected AC switch ACSTM
ACS108-6SUF-TR STMICROELECTRONICS-ACS108-6SUF-TR Datasheet
251Kb / 12P
   Overvoltage protected AC switch (ACS??
ACS108 STMICROELECTRONICS-ACS108 Datasheet
292Kb / 13P
   Overvoltage protected AC switch (ACS??
October 2013 Rev 5
ACS108-8SUN STMICROELECTRONICS-ACS108-8SUN Datasheet
369Kb / 12P
   Overvoltage protected AC switch (ACS??
July 2014 Rev 1
ACS120 STMICROELECTRONICS-ACS120 Datasheet
477Kb / 17P
   Overvoltage protected AC switch (ACS)
March 2022
ACS108-6S STMICROELECTRONICS-ACS108-6S Datasheet
131Kb / 11P
   AC switch family Transient voltage protected AC Switch (ACSTM)
ACST12 STMICROELECTRONICS-ACST12 Datasheet
184Kb / 12P
   Transient protected AC power switch
ACST10 STMICROELECTRONICS-ACST10 Datasheet
173Kb / 12P
   Transient protected AC power switch
ACS108-6SN STMICROELECTRONICS-ACS108-6SN Datasheet
296Kb / 14P
   0.8 A - 600 V overvoltage protected AC switch (ACS™)
February 2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com