Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STP10NK80ZFP Datasheet(PDF) 10 Page - STMicroelectronics

Part # STP10NK80ZFP
Description  N-CHANNEL 800V - 0.78ohm - 9A TO-220/TO-220FP/TO-247 Zener-Protected SuperMESH?줡ower MOSFET
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP10NK80ZFP Datasheet(HTML) 10 Page - STMicroelectronics

Back Button STP10NK80ZFP Datasheet HTML 3Page - STMicroelectronics STP10NK80ZFP Datasheet HTML 4Page - STMicroelectronics STP10NK80ZFP Datasheet HTML 5Page - STMicroelectronics STP10NK80ZFP Datasheet HTML 6Page - STMicroelectronics STP10NK80ZFP Datasheet HTML 7Page - STMicroelectronics STP10NK80ZFP Datasheet HTML 8Page - STMicroelectronics STP10NK80ZFP Datasheet HTML 9Page - STMicroelectronics STP10NK80ZFP Datasheet HTML 10Page - STMicroelectronics STP10NK80ZFP Datasheet HTML 11Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
STP10NK80Z - STP10NK80ZFP - STW10NK80Z
10/11
DIM.
mm.
inch
MIN.
TYP
MAX.
MIN.
TYP.
MAX.
A
4.85
5.15
0.19
0.20
D
2.20
2.60
0.08
0.10
E
0.40
0.80
0.015
0.03
F
1
1.40
0.04
0.05
F1
3
0.11
F2
2
0.07
F3
2
2.40
0.07
0.09
F4
3
3.40
0.11
0.13
G
10.90
0.43
H
15.45
15.75
0.60
0.62
L
19.85
20.15
0.78
0.79
L1
3.70
4.30
0.14
0.17
L2
18.50
0.72
L3
14.20
14.80
0.56
0.58
L4
34.60
1.36
L5
5.50
0.21
M
2
3
0.07
0.11
V
V2
60º
60º
Dia
3.55
3.65
0.14
0.143
TO-247 MECHANICAL DATA


Similar Part No. - STP10NK80ZFP

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STP10NK80ZFP STMICROELECTRONICS-STP10NK80ZFP Datasheet
452Kb / 15P
   N-channel 800V - 0.78廓 - 9A - TO-220/FP-TO-247 Zener-protected superMESHTM MOSFET
STP10NK80ZFP STMICROELECTRONICS-STP10NK80ZFP Datasheet
444Kb / 17P
   N-channel 800 V, 0.78 Ω, 9 A Zener-protected SuperMESH™ Power MOSFETs in TO-220, TO-220FP and TO-247 packages
Rev 7 March 2012
logo
Inchange Semiconductor ...
STP10NK80ZFP ISC-STP10NK80ZFP Datasheet
303Kb / 2P
   N-Channel Super Junction MOSFET
More results

Similar Description - STP10NK80ZFP

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STP8NK80Z STMICROELECTRONICS-STP8NK80Z Datasheet
472Kb / 11P
   N-CHANNEL 800V - 1.3ohm - 6.2A TO-220/TO-220FP/TO-247 Zener-Protected SuperMESH?줡ower MOSFET
STP5NK80ZFP STMICROELECTRONICS-STP5NK80ZFP Datasheet
378Kb / 10P
   N-CHANNEL 800V - 1.9ohm - 4.3A TO-220/TO-220FP Zener-Protected SuperMESH?줡ower MOSFET
STP11NK40Z STMICROELECTRONICS-STP11NK40Z Datasheet
579Kb / 12P
   N-CHANNEL 400V - 0.49ohm - 9A TO-220/TO-220FP/D2PAK Zener-Protected SuperMESH?줡ower MOSFET
logo
New Jersey Semi-Conduct...
STW12NK80Z NJSEMI-STW12NK80Z Datasheet
151Kb / 3P
   N-CHANNEL 800V - 0.651} - 10.5A TO-220 / D2PAK / TO-247 Zener-Protected SuperMESH?줡ower MOSFET
STB12NK80Z NJSEMI-STB12NK80Z Datasheet
151Kb / 3P
   N-CHANNEL 800V - 0.651} - 10.5A TO-220 / D2PAK / TO-247 Zener-Protected SuperMESH?줡ower MOSFET
logo
STMicroelectronics
ST_STP9NK90Z STMICROELECTRONICS-ST_STP9NK90Z Datasheet
478Kb / 11P
   N-CHANNEL 900V - 1.1W - 8A TO-220/TO-220FP/TO-247 Zener-Protected SuperMESH?줡ower MOSFET
logo
New Jersey Semi-Conduct...
STP12NK80Z NJSEMI-STP12NK80Z Datasheet
151Kb / 3P
   N-CHANNEL 800V - 0.651} - 10.5A TO-220 / D2PAK / TO-247 Zener-Protected SuperMESH?줡ower MOSFET
logo
STMicroelectronics
STW18NK80Z STMICROELECTRONICS-STW18NK80Z Datasheet
309Kb / 9P
   N-CHANNEL 800V - 0.34??- 19A TO-247 Zener-Protected SuperMESH?줡ower MOSFET
July 2003
STW12NK80Z STMICROELECTRONICS-STW12NK80Z Datasheet
299Kb / 9P
   N-CHANNEL 800V - 0.65ohm - 10.5A TO-247 Zener-Protected SuperMESH?줡ower MOSFET
STP9NK65Z STMICROELECTRONICS-STP9NK65Z Datasheet
158Kb / 7P
   N-CHANNEL 650V - 1ohm - 7A TO-220/TO-220FP Zener-Protected SuperMESH?줡ower MOSFET
July 2003
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com