Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STP11NC40 Datasheet(PDF) 3 Page - STMicroelectronics

Part # STP11NC40
Description  N-CHANNEL 400V - 0.44ohm - 9.5A TO-220/TO-220FP PowerMESH?줚I Power MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP11NC40 Datasheet(HTML) 3 Page - STMicroelectronics

  STP11NC40 Datasheet HTML 1Page - STMicroelectronics STP11NC40 Datasheet HTML 2Page - STMicroelectronics STP11NC40 Datasheet HTML 3Page - STMicroelectronics STP11NC40 Datasheet HTML 4Page - STMicroelectronics STP11NC40 Datasheet HTML 5Page - STMicroelectronics STP11NC40 Datasheet HTML 6Page - STMicroelectronics STP11NC40 Datasheet HTML 7Page - STMicroelectronics STP11NC40 Datasheet HTML 8Page - STMicroelectronics STP11NC40 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
3/10
STP11NC40, STP11NC40FP
ELECTRICAL CHARACTERISTICS (TCASE =25°C UNLESS OTHERWISE SPECIFIED)
DYNAMIC
SWITCHING ON
SWITCHING OFF
SOURCE DRAIN DIODE
Note: 1. Pulsed: Pulse duration = 300 µs, duty cycle 1.5 %.
2. Pulse width limited by safe operating area.
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
gfs (1)
Forward Transconductance
VDS = 15 V, ID = 5 A
8.6
S
Ciss
Coss
Crss
Input Capacitance
Output Capacitance
Reverse Transfer
Capacitance
VDS = 25V, f = 1 MHz, VGS = 0
995
172
25
pF
pF
pF
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
td(on)
tr
Turn-on Delay Time
Rise Time
VDD = 200 V, ID = 5 A
RG = 4.7Ω VGS = 10 V
(Resistive Load see, Figure 3)
15
18
ns
ns
Qg
Qgs
Qgd
Total Gate Charge
Gate-Source Charge
Gate-Drain Charge
VDD = 320V, ID = 10 A,
VGS = 10V
32.5
6
15
45.5
nC
nC
nC
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
td(off)
tf
Turn-off Delay Time
Fall Time
VDD = 320 V, ID = 5 A
RG =4.7Ω VGS = 10 V
(Resistive Load see, Figure 3)
43
15
ns
ns
tr(Voff)
tf
tc
Off-voltage Rise Time
Fall Time
Cross-over Time
VDD = 320V, ID = 10 A,
RG =4.7Ω, VGS = 10V
(Inductive Load see, Figure 5)
7.5
14
23
ns
ns
ns
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
ISD
ISDM (2)
Source-drain Current
Source-drain Current (pulsed)
9.5
38
A
A
VSD (1)
Forward On Voltage
ISD = 9.5 A, VGS = 0
1.6
V
trr
Qrr
IRRM
Reverse Recovery Time
Reverse Recovery Charge
Reverse Recovery Current
ISD = 9.5 A, di/dt = 100A/µs
VDD = 100V, Tj = 150°C
(see test circuit, Figure 5)
315
2100
13.6
ns
nC
A
Safe Operating Area For TO-220FP
Safe Operating Area For TO-220


Similar Part No. - STP11NC40

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STP11N52K3 STMICROELECTRONICS-STP11N52K3 Datasheet
1Mb / 20P
   N-channel 525 V, 0.41 ohm, 10 A SuperMESH3 Power MOSFET
logo
VBsemi Electronics Co.,...
STP11N52K3 VBSEMI-STP11N52K3 Datasheet
1Mb / 8P
   N-Channel 650 V (D-S) MOSFET
STP11N60 VBSEMI-STP11N60 Datasheet
1Mb / 8P
   N-Channel 650 V (D-S) MOSFET
logo
STMicroelectronics
STP11N60DM2 STMICROELECTRONICS-STP11N60DM2 Datasheet
716Kb / 12P
   N-channel 600 V, 0.370 (ohm) typ., 10 A MDmesh DM2 Power MOSFET in a TO-220 package
STP11N65M2 STMICROELECTRONICS-STP11N65M2 Datasheet
1Mb / 21P
   Extremely low gate charge
May 2014 Rev 1
More results

Similar Description - STP11NC40

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STP7NC40 STMICROELECTRONICS-STP7NC40 Datasheet
244Kb / 8P
   N-CHANNEL 400V - 0.75ohm - 6A TO-220 PowerMESH?줚I MOSFET
STP2HNC60 STMICROELECTRONICS-STP2HNC60 Datasheet
328Kb / 9P
   N-CHANNEL 600V - 4ohm - 2.2A TO-220/TO-220FP PowerMesh?줚I MOSFET
STP8NC60 STMICROELECTRONICS-STP8NC60 Datasheet
326Kb / 9P
   N-CHANNEL 600V - 0.85ohm - 7A TO-220/TO-220FP PowerMesh?줚I MOSFET
STP2NC60 STMICROELECTRONICS-STP2NC60 Datasheet
334Kb / 9P
   N-CHANNEL 600V - 7ohm - 1.9A - TO-220/TO-220FP PowerMesh?줚I MOSFET
STP6LNC60FP STMICROELECTRONICS-STP6LNC60FP Datasheet
324Kb / 9P
   N-CHANNEL 600V - 1ohm - 5.8A TO-220/TO-220FP PowerMesh?줚I MOSFET
STP9NC65 STMICROELECTRONICS-STP9NC65 Datasheet
343Kb / 9P
   N-CHANNEL 650V - 0.75omp - 8A TO-220/TO-220FP PowerMesh?줚I MOSFET
STP11NB40 STMICROELECTRONICS-STP11NB40 Datasheet
115Kb / 9P
   N - CHANNEL 400V - 0.48ohm - 10.7A - TO-220/TO-220FP PowerMESH MOSFET
STP4NC60 STMICROELECTRONICS-STP4NC60 Datasheet
356Kb / 10P
   N-CHANNEL 600V - 1.8ohm - 4.2A TO-220/TO-220FP/I2PAK PowerMesh?줚I MOSFET
STP4NC60A STMICROELECTRONICS-STP4NC60A Datasheet
338Kb / 10P
   N-CHANNEL 600V - 1.8ohm - 4.2A TO-220/TO-220FP/I2PAK PowerMesh?줚I MOSFET
STP6NC60 STMICROELECTRONICS-STP6NC60 Datasheet
364Kb / 10P
   N-CHANNEL 600V - 1ohm - 6A TO-220/TO-220FP/I2PAK PowerMESH?줚I MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com