Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T1250800G-TR Datasheet(PDF) 1 Page - STMicroelectronics

Part # T1250800G-TR
Description  12 A Snubberless, logic level and standard triacs
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

T1250800G-TR Datasheet(HTML) 1 Page - STMicroelectronics

  T1250800G-TR Datasheet HTML 1Page - STMicroelectronics T1250800G-TR Datasheet HTML 2Page - STMicroelectronics T1250800G-TR Datasheet HTML 3Page - STMicroelectronics T1250800G-TR Datasheet HTML 4Page - STMicroelectronics T1250800G-TR Datasheet HTML 5Page - STMicroelectronics T1250800G-TR Datasheet HTML 6Page - STMicroelectronics T1250800G-TR Datasheet HTML 7Page - STMicroelectronics T1250800G-TR Datasheet HTML 8Page - STMicroelectronics T1250800G-TR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
September 2007
Rev 9
1/12
12
BTA12, BTB12, T12xx
12 A Snubberless™, logic level and standard triacs
Features
Medium current triac
Low thermal resistance with clip bonding
Low thermal resistance insulation ceramic for
insulated BTA
High commutation (4Q) or very high
commutation (3Q) capability
BTA series UL1557 certified (File ref: 81734)
Packages are RoHS ( 2002/95/EC) compliant
Applications
ON/OFF or phase angle function in applications
such as static relays, light dimmers and appliance
motors speed controllers.
The snubberless versions (BTA/BTB...W and T12
series) are especially recommended for use on
inductive loads, because of their high
commutation performances. The BTA series
provides an insulated tab (rated at 2500 V RMS).
Description
Available either in through-hole or surface-mount
packages, the BTA12, BTB12 and T12xx triac
series is suitable for general purpose mains
power AC switching.
Order code
See Ordering information on page 11
TM: Snubberless is a trademark of STMicroelectronics
A2
A1
G
A2
A2
A1
G
G
A2
A2
A1
G
A2
A1
G
A2
A2
A1
D2PAK
(T12-G)
TO-220AB Insulated
(BTA12)
TO-220AB
(BTB12)
I2PAK
(T12-R)
Table 1.
Device summary
Symbol
Parameter
T12xx
BTA12 (1)
BTB12
IT(RMS)
RMS on-state current
12
12
12
VDRM/VRRM
Repetitive peak off-state voltage
600/800
600/800
600/800
IGT (Snubberless)
Triggering gate current
10/35/50
5/10/35/50
5/10/35/50
IGT (Standard)
Triggering gate current
-
35/50
35/50
1.
Insulated
www.st.com


Similar Part No. - T1250800G-TR

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
T1250 NJSEMI-T1250 Datasheet
185Kb / 5P
   12 A Snubberless?? logic level and standard triacs
logo
STMicroelectronics
T1250 STMICROELECTRONICS-T1250 Datasheet
236Kb / 16P
   12 A Snubberless™, logic level and standard Triacs
DS2115 - Rev 12 - February 2019
T1250-600G STMICROELECTRONICS-T1250-600G Datasheet
140Kb / 12P
   12 A Snubberless?? logic level and standard triacs
T1250-600G STMICROELECTRONICS-T1250-600G Datasheet
140Kb / 12P
   12 A Snubberless?? logic level and standard triacs
September 2007 Rev 9
T1250-600G STMICROELECTRONICS-T1250-600G Datasheet
140Kb / 12P
   12 A Snubberless?? logic level and standard triacs
September 2007 Rev 9
More results

Similar Description - T1250800G-TR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BTA12-700SWRG STMICROELECTRONICS-BTA12-700SWRG Datasheet
140Kb / 12P
   12 A Snubberless?? logic level and standard triacs
T1205-600G STMICROELECTRONICS-T1205-600G Datasheet
140Kb / 12P
   12 A Snubberless?? logic level and standard triacs
September 2007 Rev 9
BTA12-700BRG STMICROELECTRONICS-BTA12-700BRG Datasheet
140Kb / 12P
   12 A Snubberless?? logic level and standard triacs
September 2007 Rev 9
T1235-600R STMICROELECTRONICS-T1235-600R Datasheet
140Kb / 12P
   12 A Snubberless?? logic level and standard triacs
T1220T-6I STMICROELECTRONICS-T1220T-6I Datasheet
152Kb / 9P
   Snubberless, logic level and standard 12 A Triacs
T1210T-6I STMICROELECTRONICS-T1210T-6I Datasheet
152Kb / 9P
   Snubberless?? logic level and standard 12 A Triacs
logo
New Jersey Semi-Conduct...
BTA12 NJSEMI-BTA12 Datasheet
185Kb / 5P
   12 A Snubberless?? logic level and standard triacs
logo
STMicroelectronics
T12T STMICROELECTRONICS-T12T Datasheet
193Kb / 8P
   Snubberless?? logic level and standard 12 A Triacs
BTA12 STMICROELECTRONICS-BTA12_V01 Datasheet
236Kb / 16P
   12 A Snubberless™, logic level and standard Triacs
DS2115 - Rev 12 - February 2019
T1210T-6I STMICROELECTRONICS-T1210T-6I Datasheet
133Kb / 9P
   Entry level Snubberless?? logic level and standard 12 A TRIACs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com