Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

V62C2161024L-55T Datasheet(PDF) 7 Page - Mosel Vitelic, Corp

Part # V62C2161024L-55T
Description  Ultra Low Power 64K x 16 CMOS SRAM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSEL [Mosel Vitelic, Corp]
Direct Link  http://www.moselvitelic.com
Logo MOSEL - Mosel Vitelic, Corp

V62C2161024L-55T Datasheet(HTML) 7 Page - Mosel Vitelic, Corp

Back Button V62C2161024L-55T Datasheet HTML 2Page - Mosel Vitelic, Corp V62C2161024L-55T Datasheet HTML 3Page - Mosel Vitelic, Corp V62C2161024L-55T Datasheet HTML 4Page - Mosel Vitelic, Corp V62C2161024L-55T Datasheet HTML 5Page - Mosel Vitelic, Corp V62C2161024L-55T Datasheet HTML 6Page - Mosel Vitelic, Corp V62C2161024L-55T Datasheet HTML 7Page - Mosel Vitelic, Corp V62C2161024L-55T Datasheet HTML 8Page - Mosel Vitelic, Corp V62C2161024L-55T Datasheet HTML 9Page - Mosel Vitelic, Corp V62C2161024L-55T Datasheet HTML 10Page - Mosel Vitelic, Corp  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
V62C2161024L(L)
7
Notes (Write Cycle)
1.
All write timing is referenced from the last valid address to the first transition address.
2.
A write occurs during the overlap of a low CE and WE. A write begins at the latest transition among CE and WE going
low: A write ends at the earliest transition among CE going high and WE going high.
t
WP is measured from the beginning
of write to the end of write.
3.
t
CW is measured from the later of CE going low to end of write.
4.
t
AS is measured from the address valid to the beginning of write.
5.
t
WR is measured from the end of write to the address change.
6.
If OE, CE and WE are in the Read Mode during this period, the I/O pins are in the output Low-Z state.
Inputs of opposite phase of the output must not be applied because bus contention can occur.
7.
For common I/O applications, minimization or elimination of bus contention conditions is necessary during read and
write cycle.
8.
If CE goes low simultaneously with WE going low or after WE going low, the outputs remain high impedance state.
9.
DOUT is the read data of the new address.
10. When CE is low: I/O pins are in the outputs state. The input signals in the opposite phase leading to the output should
not be applied.
11. For test conditions, see AC Test Condition, Figure A.
REV. 1.1 April 2001 V62C2161024L(L)


Similar Part No. - V62C2161024L-55T

ManufacturerPart #DatasheetDescription
logo
Mosel Vitelic, Corp
V62C2162048L MOSEL-V62C2162048L Datasheet
117Kb / 13P
   Ultra Low Power 128K x 16 CMOS SRAM
V62C2162048L-100B MOSEL-V62C2162048L-100B Datasheet
117Kb / 13P
   Ultra Low Power 128K x 16 CMOS SRAM
V62C2162048L-100T MOSEL-V62C2162048L-100T Datasheet
117Kb / 13P
   Ultra Low Power 128K x 16 CMOS SRAM
V62C2162048L-35B MOSEL-V62C2162048L-35B Datasheet
117Kb / 13P
   Ultra Low Power 128K x 16 CMOS SRAM
V62C2162048L-35T MOSEL-V62C2162048L-35T Datasheet
117Kb / 13P
   Ultra Low Power 128K x 16 CMOS SRAM
More results

Similar Description - V62C2161024L-55T

ManufacturerPart #DatasheetDescription
logo
Mosel Vitelic, Corp
V62C1161024L MOSEL-V62C1161024L Datasheet
119Kb / 10P
   Ultra Low Power 64K x 16 CMOS SRAM
V62C3161024L MOSEL-V62C3161024L Datasheet
89Kb / 10P
   Ultra Low Power 64K x 16 CMOS SRAM
logo
Brilliance Semiconducto...
BS616UV1010 BSI-BS616UV1010_08 Datasheet
245Kb / 11P
   Ultra Low Power CMOS SRAM 64K X 16 bit
BS616UV1010 BSI-BS616UV1010_06 Datasheet
207Kb / 11P
   Ultra Low Power CMOS SRAM 64K X 16 bit
BS616UV1010 BSI-BS616UV1010 Datasheet
216Kb / 10P
   Ultra Low Power/Voltage CMOS SRAM 64K X 16 bit
logo
Lyontek Inc.
LY62W6416 LYONTEK-LY62W6416_11 Datasheet
500Kb / 13P
   64K X 16 BIT LOW POWER CMOS SRAM
LY626416_1008 LYONTEK-LY626416_1008 Datasheet
281Kb / 14P
   64K X 16 BIT LOW POWER CMOS SRAM
LY62L6416 LYONTEK-LY62L6416 Datasheet
178Kb / 13P
   64K X 16 BIT LOW POWER CMOS SRAM
LY62L6416_1008 LYONTEK-LY62L6416_1008 Datasheet
222Kb / 13P
   64K X 16 BIT LOW POWER CMOS SRAM
LY62L6416 LYONTEK-LY62L6416_16 Datasheet
695Kb / 15P
   64K X 16 BIT LOW POWER CMOS SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com