Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BTA26-800CWRG Datasheet(PDF) 6 Page - STMicroelectronics

Part # BTA26-800CWRG
Description  25 A standard and Snubberless triacs
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BTA26-800CWRG Datasheet(HTML) 6 Page - STMicroelectronics

Back Button BTA26-800CWRG Datasheet HTML 2Page - STMicroelectronics BTA26-800CWRG Datasheet HTML 3Page - STMicroelectronics BTA26-800CWRG Datasheet HTML 4Page - STMicroelectronics BTA26-800CWRG Datasheet HTML 5Page - STMicroelectronics BTA26-800CWRG Datasheet HTML 6Page - STMicroelectronics BTA26-800CWRG Datasheet HTML 7Page - STMicroelectronics BTA26-800CWRG Datasheet HTML 8Page - STMicroelectronics BTA26-800CWRG Datasheet HTML 9Page - STMicroelectronics BTA26-800CWRG Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
Ordering information scheme
BTA24, BTB24, BTA25, BTA26, BTB26, T25
6/12
2
Ordering information scheme
Figure 12.
BTA and BTB series
Figure 13.
T25 series
BT A 24 - 600 BW RG
Triac series
Insulation
Current
Voltage
Sensitivity and type
Packing mode
A = insulated
B = non insulated
24 = 25 A in TO-220AB
25 = 25 A in RD91
26 = 25 A in TOP3
600 = 600 V
800 = 800 V
B = 50 mA Standard
BW = 50 mA Snubberless
CW = 35 mA
RG = Tube
Snubberless
T 25 35 - 600 G (-TR)
Triac series
Sensitivity
Voltage
Package
Packing mode
Current
25 = 25 A
35 = 35 mA
600 = 600 V
800 = 800 V
G = D PAK
Blank = Tube
-TR = Tape and Reel
2


Similar Part No. - BTA26-800CWRG

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BTA26-800CWRG STMICROELECTRONICS-BTA26-800CWRG Datasheet
135Kb / 12P
   25 A standard and Snubberless triacs
BTA26-800CWRG STMICROELECTRONICS-BTA26-800CWRG Datasheet
135Kb / 12P
   25 A standard and Snubberless triacs
More results

Similar Description - BTA26-800CWRG

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BTA26-700BRG STMICROELECTRONICS-BTA26-700BRG Datasheet
135Kb / 12P
   25 A standard and Snubberless??triacs
BTA25-700B STMICROELECTRONICS-BTA25-700B Datasheet
142Kb / 12P
   25 A standard and Snubberless??triacs
July 2007 Rev 10
BTA26-400BRG STMICROELECTRONICS-BTA26-400BRG Datasheet
135Kb / 12P
   25 A standard and Snubberless triacs
BTA24-600CW STMICROELECTRONICS-BTA24-600CW Datasheet
135Kb / 12P
   25 A standard and Snubberless triacs
BTA25-400B STMICROELECTRONICS-BTA25-400B Datasheet
135Kb / 12P
   25 A standard and Snubberless triacs
BTA26-800BWRG STMICROELECTRONICS-BTA26-800BWRG Datasheet
135Kb / 12P
   25 A standard and Snubberless triacs
logo
Nell Semiconductor Co.,...
10TT06A-BW NELLSEMI-10TT06A-BW Datasheet
300Kb / 6P
   TRIACs, 10A Snubberless and Standard
logo
STMicroelectronics
T2550H STMICROELECTRONICS-T2550H Datasheet
108Kb / 8P
   Snubberless high temperature 25 A Triacs
logo
Kersemi Electronic Co.,...
BTA16-600SW KERSEMI-BTA16-600SW Datasheet
1Mb / 6P
   16 A Snubberless, logic level and standard Triacs
BTA16-700B KERSEMI-BTA16-700B Datasheet
1Mb / 6P
   16 A Snubberless, logic level and standard Triacs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com