Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STP11NM60A Datasheet(PDF) 2 Page - STMicroelectronics

Part # STP11NM60A
Description  N-CHANNEL 600V - 0.4ohm - 11A TO-220/TO-220FP/I2PAK MDmesh?줡ower MOSFET
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP11NM60A Datasheet(HTML) 2 Page - STMicroelectronics

  STP11NM60A Datasheet HTML 1Page - STMicroelectronics STP11NM60A Datasheet HTML 2Page - STMicroelectronics STP11NM60A Datasheet HTML 3Page - STMicroelectronics STP11NM60A Datasheet HTML 4Page - STMicroelectronics STP11NM60A Datasheet HTML 5Page - STMicroelectronics STP11NM60A Datasheet HTML 6Page - STMicroelectronics STP11NM60A Datasheet HTML 7Page - STMicroelectronics STP11NM60A Datasheet HTML 8Page - STMicroelectronics STP11NM60A Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
STP11NM60A/STP11NM60AFP/STB11NM60A-1
2/11
ABSOLUTE MAXIMUM RATINGS
(
l) Pulse width limited by safe operating area
(1) ISD ≤11A, di/dt ≤200A/µs, VDD ≤ V(BR)DSS, Tj ≤ TJMAX.
(*) Limited only by maximum temperature allowed
THERMAL DATA
ON/OFF
Symbol
Parameter
Value
Unit
STP11NM60A
STB11NM60A-1
STP11NM60AFP
VDS
Drain-source Voltage (VGS = 0)
600
V
VDGR
Drain-gate Voltage (RGS = 20 kΩ)
600
V
VGS
Gate- source Voltage
± 30
V
ID
Drain Current (continuous) at TC = 25°C
11
11 (*)
A
ID
Drain Current (continuous) at TC = 100°C
7
7 (*)
A
IDM (l)
Drain Current (pulsed)
44
44 (*)
A
PTOT
Total Dissipation at TC = 25°C
110
35
W
Derating Factor
0.88
0.28
W/°C
dv/dt (1)
Peak Diode Recovery voltage slope
15
V/ns
VISO
Insulation Withstand Voltage (DC)
-
2500
V
Tj
Tstg
Operating Junction Temperature
Storage Temperature
-55 to 150
-55 to 150
°C
°C
TO-220 / I2PAK
TO-220-FP
Rthj-case
Thermal Resistance Junction-case Max
1.13
3.57
°C/W
Rthj-amb
Thermal Resistance Junction-ambient Max
62.5
°C/W
Tl
Maximum Lead Temperature For Soldering Purpose
300
°C
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
V(BR)DSS
Drain-source
Breakdown Voltage
ID = 250 µA, VGS = 0
600
V
IDSS
Zero Gate Voltage
Drain Current (VGS = 0)
VDS = Max Rating
VDS = Max Rating, TC = 125 °C
1
10
µA
µA
IGSS
Gate-body Leakage
Current (VDS = 0)
VGS = ± 20V
±100
nA
VGS(th)
Gate Threshold Voltage
VDS = VGS, ID = 250µA
23
4
V
RDS(on)
Static Drain-source On
Resistance
VGS = 10V, ID = 5.5 A
0.4
0.45


Similar Part No. - STP11NM60A

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STP11NM60 STMICROELECTRONICS-STP11NM60 Datasheet
548Kb / 12P
   N-CHANNEL 600V - 0.4ohm-11A TO-220/TO-220FP/D2PAK/I2PAK MDmesh?줡ower MOSFET
STP11NM60 STMICROELECTRONICS-STP11NM60 Datasheet
364Kb / 16P
   N-channel 650V TJmax - 0.4OHM - 11A TO-220/FP/D2PAK/I2PAK MDmesh Power MOSFET
logo
Inchange Semiconductor ...
STP11NM60 ISC-STP11NM60 Datasheet
317Kb / 2P
   Isc N-Channel MOSFET Transistor
logo
VBsemi Electronics Co.,...
STP11NM60 VBSEMI-STP11NM60 Datasheet
1Mb / 8P
   N-Channel 650 V (D-S) MOSFET
logo
STMicroelectronics
STP11NM60FD STMICROELECTRONICS-STP11NM60FD Datasheet
495Kb / 17P
   N-channel 600V - 0.40OHM - 11A - TO-220/TO-220FP/D2PAK/I2PAK FDmesh TM Power MOSFET (with fast diode)
More results

Similar Description - STP11NM60A

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STP11NM60 STMICROELECTRONICS-STP11NM60 Datasheet
548Kb / 12P
   N-CHANNEL 600V - 0.4ohm-11A TO-220/TO-220FP/D2PAK/I2PAK MDmesh?줡ower MOSFET
STP11NM60 STMICROELECTRONICS-STP11NM60_07 Datasheet
364Kb / 16P
   N-channel 650V TJmax - 0.4OHM - 11A TO-220/FP/D2PAK/I2PAK MDmesh Power MOSFET
STP8NM50 STMICROELECTRONICS-STP8NM50 Datasheet
329Kb / 9P
   N-CHANNEL 500V - 0.7ohm - 8A TO-220/TO-220FP MDmesh?줡ower MOSFET
STP6NK60Z STMICROELECTRONICS-STP6NK60Z Datasheet
578Kb / 13P
   N-CHANNEL 600V - 1ohm - 6A TO-220/TO-220FP/D2PAK/I2PAK Zener-Protected SuperMESH?줡ower MOSFET
April 2003
STP22NM60 STMICROELECTRONICS-STP22NM60 Datasheet
386Kb / 11P
   N-CHANNEL 600V - 0.19 ohm - 22A TO-220/FP/D2PAK/I2PAK/TO-247 MDmesh?줡ower MOSFET
STP22NM50 STMICROELECTRONICS-STP22NM50 Datasheet
356Kb / 10P
   N-CHANNEL 500V - 0.16ohm - 20A TO-220/FP/D2PAK/I2PAK MDmesh?줡ower MOSFET
STP6NC60 STMICROELECTRONICS-STP6NC60 Datasheet
364Kb / 10P
   N-CHANNEL 600V - 1ohm - 6A TO-220/TO-220FP/I2PAK PowerMESH?줚I MOSFET
STB11NM60FD STMICROELECTRONICS-STB11NM60FD Datasheet
495Kb / 17P
   N-channel 600V - 0.40OHM - 11A - TO-220/TO-220FP/D2PAK/I2PAK FDmesh TM Power MOSFET (with fast diode)
STP4NC60 STMICROELECTRONICS-STP4NC60 Datasheet
356Kb / 10P
   N-CHANNEL 600V - 1.8ohm - 4.2A TO-220/TO-220FP/I2PAK PowerMesh?줚I MOSFET
STP4NC60A STMICROELECTRONICS-STP4NC60A Datasheet
338Kb / 10P
   N-CHANNEL 600V - 1.8ohm - 4.2A TO-220/TO-220FP/I2PAK PowerMesh?줚I MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com