Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STB11NM60-1 Datasheet(PDF) 5 Page - STMicroelectronics

Part # STB11NM60-1
Description  N-CHANNEL 600V - 0.4ohm-11A TO-220/TO-220FP/D2PAK/I2PAK MDmesh?줡ower MOSFET
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STB11NM60-1 Datasheet(HTML) 5 Page - STMicroelectronics

  STB11NM60-1 Datasheet HTML 1Page - STMicroelectronics STB11NM60-1 Datasheet HTML 2Page - STMicroelectronics STB11NM60-1 Datasheet HTML 3Page - STMicroelectronics STB11NM60-1 Datasheet HTML 4Page - STMicroelectronics STB11NM60-1 Datasheet HTML 5Page - STMicroelectronics STB11NM60-1 Datasheet HTML 6Page - STMicroelectronics STB11NM60-1 Datasheet HTML 7Page - STMicroelectronics STB11NM60-1 Datasheet HTML 8Page - STMicroelectronics STB11NM60-1 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
5/12
STP11NM60 / STP11NM60FP / STB11NM60 / STB11NM60-1
Source-drain Diode Forward Characteristics
Normalized On Resistance vs Temperature
Normalized Gate Thereshold Voltage vs Temp.
Capacitance Variations
Gate Charge vs Gate-source Voltage


Similar Part No. - STB11NM60-1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STB11NM60-1 STMICROELECTRONICS-STB11NM60-1 Datasheet
364Kb / 16P
   N-channel 650V TJmax - 0.4OHM - 11A TO-220/FP/D2PAK/I2PAK MDmesh Power MOSFET
logo
Inchange Semiconductor ...
STB11NM60-1 ISC-STB11NM60-1 Datasheet
356Kb / 2P
   isc N-Channel Mosfet Transistor
More results

Similar Description - STB11NM60-1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STP11NM60A STMICROELECTRONICS-STP11NM60A Datasheet
367Kb / 11P
   N-CHANNEL 600V - 0.4ohm - 11A TO-220/TO-220FP/I2PAK MDmesh?줡ower MOSFET
STP11NM60 STMICROELECTRONICS-STP11NM60_07 Datasheet
364Kb / 16P
   N-channel 650V TJmax - 0.4OHM - 11A TO-220/FP/D2PAK/I2PAK MDmesh Power MOSFET
STP6NK60Z STMICROELECTRONICS-STP6NK60Z Datasheet
578Kb / 13P
   N-CHANNEL 600V - 1ohm - 6A TO-220/TO-220FP/D2PAK/I2PAK Zener-Protected SuperMESH?줡ower MOSFET
April 2003
STP22NM60 STMICROELECTRONICS-STP22NM60 Datasheet
386Kb / 11P
   N-CHANNEL 600V - 0.19 ohm - 22A TO-220/FP/D2PAK/I2PAK/TO-247 MDmesh?줡ower MOSFET
STP22NM50 STMICROELECTRONICS-STP22NM50 Datasheet
356Kb / 10P
   N-CHANNEL 500V - 0.16ohm - 20A TO-220/FP/D2PAK/I2PAK MDmesh?줡ower MOSFET
STB11NM60FD STMICROELECTRONICS-STB11NM60FD Datasheet
495Kb / 17P
   N-channel 600V - 0.40OHM - 11A - TO-220/TO-220FP/D2PAK/I2PAK FDmesh TM Power MOSFET (with fast diode)
STP7NK80Z STMICROELECTRONICS-STP7NK80Z Datasheet
588Kb / 13P
   N-CHANNEL800V-1.5ohm - 5.2A TO-220/TO-220FP/I2PAK/D2PAK Zener-Protected SuperMESH?줡ower MOSFET
STP8NM50 STMICROELECTRONICS-STP8NM50 Datasheet
329Kb / 9P
   N-CHANNEL 500V - 0.7ohm - 8A TO-220/TO-220FP MDmesh?줡ower MOSFET
STP20NM60 STMICROELECTRONICS-STP20NM60 Datasheet
355Kb / 15P
   N-CHANNEL 600V - 0.25ohm - 20A TO-220/FP/D2PAK/I2PAK MDmesh Power MOSFET
STP9NK60Z STMICROELECTRONICS-STP9NK60Z Datasheet
581Kb / 13P
   N-CHANNEL 600V - 0.85ohm - 7A TO-220/FP/D2PAK/I2PAK Zener-Protected SuperMESH?줡ower MOSFET
June 2002
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com