Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EMIF03-SIM02M8 Datasheet(PDF) 8 Page - STMicroelectronics

Part # EMIF03-SIM02M8
Description  3 line IPAD, EMI filter for SIM card applications
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

EMIF03-SIM02M8 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button EMIF03-SIM02M8 Datasheet HTML 2Page - STMicroelectronics EMIF03-SIM02M8 Datasheet HTML 3Page - STMicroelectronics EMIF03-SIM02M8 Datasheet HTML 4Page - STMicroelectronics EMIF03-SIM02M8 Datasheet HTML 5Page - STMicroelectronics EMIF03-SIM02M8 Datasheet HTML 6Page - STMicroelectronics EMIF03-SIM02M8 Datasheet HTML 7Page - STMicroelectronics EMIF03-SIM02M8 Datasheet HTML 8Page - STMicroelectronics EMIF03-SIM02M8 Datasheet HTML 9Page - STMicroelectronics EMIF03-SIM02M8 Datasheet HTML 10Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
Recommendation on PCB assembly
EMIF03-SIM02M8
8/10
5.3
Placement
1.
Manual positioning is not recommended.
2.
It is recommended to use the lead recognition capabilities of the placement system, not
the outline centering
3.
Standard tolerance of ± 0.05 mm is recommended.
4.
3.5 N placement force is recommended. Too much placement force can lead to
squeezed out solder paste and cause solder joints to short. Too low placement force
can lead to insufficient contact between package and solder paste that could cause
open solder joints or badly centered packages.
5.
To improve the package placement accuracy, a bottom side optical control should be
performed with a high resolution tool.
6.
For assembly, a perfect supporting of the PCB (all the more on flexible PCB) is
recommended during solder paste printing, pick and place and reflow soldering by
using optimized tools.
5.4
PCB design preference
1.
To control the solder paste amount, the closed via is recommended instead of open
vias.
2.
The position of tracks and open vias in the solder area should be well balanced. The
symmetrical layout is recommended, in case any tilt phenomena caused by
asymmetrical solder paste amount due to the solder flow away.
5.5
Reflow profile
Figure 17.
ST ECOPACK® recommended soldering reflow profile for PCB mounting
Note:
Minimize air convection currents in the reflow oven to avoid component movement.
0
01
2345
67
Time (min)
Temperature (°C)
2°C/s recommended
6°C/s max
220°C
125 °C
260°C max
255°C
180°C
90 sec max
10-30 sec
90 to 150 sec
3°C/s max
0
01
2345
67
Time (min)
Temperature (°C)
2°C/s recommended
6°C/s max
220°C
125 °C
260°C max
255°C
180°C
90 sec max
10-30 sec
90 to 150 sec
3°C/s max


Similar Part No. - EMIF03-SIM02M8

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
EMIF03-SIM02C2 STMICROELECTRONICS-EMIF03-SIM02C2 Datasheet
141Kb / 8P
   3 line EMI filter including ESD protection
EMIF03-SIM02C2 STMICROELECTRONICS-EMIF03-SIM02C2_10 Datasheet
188Kb / 8P
   3-line IPAD??EMI filter including ESD protection
EMIF03-SIM02F1 STMICROELECTRONICS-EMIF03-SIM02F1 Datasheet
130Kb / 7P
   3 LINE EMI FILTER INCLUDING ESD PROTECTION
EMIF03-SIM02F2 STMICROELECTRONICS-EMIF03-SIM02F2 Datasheet
130Kb / 7P
   3 LINE EMI FILTER INCLUDING ESD PROTECTION
EMIF03-SIM02F2 STMICROELECTRONICS-EMIF03-SIM02F2 Datasheet
155Kb / 8P
   3-line IPAD, EMI filter including ESD protection
More results

Similar Description - EMIF03-SIM02M8

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
EMIF03SIM02F2 STMICROELECTRONICS-EMIF03SIM02F2 Datasheet
153Kb / 8P
   3-line IPAD?? EMI filter including ESD protection
EMIF03-SIM02C2 STMICROELECTRONICS-EMIF03-SIM02C2_10 Datasheet
188Kb / 8P
   3-line IPAD??EMI filter including ESD protection
EMIF03-SIM02F3 STMICROELECTRONICS-EMIF03-SIM02F3_10 Datasheet
288Kb / 9P
   3-line IPAD?? EMI filter including ESD protection
EMIF03-SIM06F3 STMICROELECTRONICS-EMIF03-SIM06F3 Datasheet
321Kb / 7P
   3-line IPAD?? EMI filter including ESD protection
December 2013 Rev 1
EMIF03-SIM01F2 STMICROELECTRONICS-EMIF03-SIM01F2_08 Datasheet
175Kb / 7P
   3-line IPAD?? EMI filter including ESD protection
EMIF03-SIM02F2 STMICROELECTRONICS-EMIF03-SIM02F2_08 Datasheet
155Kb / 8P
   3-line IPAD, EMI filter including ESD protection
EMIF03-SIM02F3 STMICROELECTRONICS-EMIF03-SIM02F3 Datasheet
307Kb / 9P
   3-line IPAD, EMI filter including ESD protection
EMIF03-SIM03F3 STMICROELECTRONICS-EMIF03-SIM03F3 Datasheet
197Kb / 8P
   3-line IPAD?? EMI filter including ESD protection
EMIF03-SIM04F3 STMICROELECTRONICS-EMIF03-SIM04F3 Datasheet
193Kb / 7P
   3-line IPAD?? EMI filter including ESD protection
EMIF02-USB04F3 STMICROELECTRONICS-EMIF02-USB04F3 Datasheet
175Kb / 7P
   3-line IPAD?? EMI filter including ESD protection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com