Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GS-12V0331.9 Datasheet(PDF) 6 Page - STMicroelectronics

Part # GS-12V0331.9
Description  1.9 A DC-DC converter modules
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

GS-12V0331.9 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button GS-12V0331.9 Datasheet HTML 2Page - STMicroelectronics GS-12V0331.9 Datasheet HTML 3Page - STMicroelectronics GS-12V0331.9 Datasheet HTML 4Page - STMicroelectronics GS-12V0331.9 Datasheet HTML 5Page - STMicroelectronics GS-12V0331.9 Datasheet HTML 6Page - STMicroelectronics GS-12V0331.9 Datasheet HTML 7Page - STMicroelectronics GS-12V0331.9 Datasheet HTML 8Page - STMicroelectronics GS-12V0331.9 Datasheet HTML 9Page - STMicroelectronics GS-12V0331.9 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
Electrical characteristics
GS-R12FP
6/14
3
Electrical characteristics
TA = 25 °C, unless otherwise specified
Table 6.
Electrical characteristics (all version)
Symbol
Parameter
Test condition
Min
Typ
Max
Unit
Vr
Ripple voltage
Vi = 12 V, Io = 1.9 A
25
35
mVpp
Temperature stability
Vi = Vo + 1.5 V, Io = 1.9 A
TBD
mV/°C
Io
Output current
Vi = 4.5 ÷ 16 V
0
1.9
A
IoL
Current limit
Vi = 4.5 ÷ 16 V
2.3
A
Iq
Quiescent current
Vi = 12 V, Io = 0 A
2.7
mA
Iqst-by
Total stand-by quiescent
current
Vinh > 2.2 V
50
100
µA
fs
Switching frequency
Vi = 12 V, Io = 1.9 A
500
kHz
Vref
Reference voltage
Vi = 4.5 ÷ 15 V
Iref = 0 ÷ 5 mA
3.2
3.3
3.399
V
Short circuit current
10
18
30
mA
INH
INH threshold voltage
Device ON
0.8
V
Device OFF
2.2
V
VFB
Feedback voltage
Vi = 4.5 ÷ 15 V IO = 0 ÷ 2 A 1.22 1.235
1.25
V


Similar Part No. - GS-12V0331.9

ManufacturerPart #DatasheetDescription
logo
FCI connector
GS-12-006 FCI-CONNECTOR-GS-12-006 Datasheet
185Kb / 17P
   Conan??Micro miniature Connector System
GS-12-008 FCI-CONNECTOR-GS-12-008 Datasheet
164Kb / 10P
   LOW PROFILE VERTICAL CARD CONNECTOR
GS-12-0903 FCI-CONNECTOR-GS-12-0903 Datasheet
271Kb / 16P
   TRX10GVP2010C1 (SFP SR Module)
GS-12-0974 FCI-CONNECTOR-GS-12-0974 Datasheet
257Kb / 14P
   TRX10GDP0310C1 (SFP LR Module)
GS-12-0977 FCI-CONNECTOR-GS-12-0977 Datasheet
174Kb / 17P
   Conan Micro miniature Connector System
More results

Similar Description - GS-12V0331.9

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
GS-R24F STMICROELECTRONICS-GS-R24F_08 Datasheet
369Kb / 13P
   2 A DC-DC converter modules
GS-R12F STMICROELECTRONICS-GS-R12F_08 Datasheet
372Kb / 13P
   2 A DC-DC converter modules
GS-R24FP STMICROELECTRONICS-GS-R24FP Datasheet
454Kb / 15P
   1.8 A DC-DC converter modules
GS-R12F STMICROELECTRONICS-GS-R12F Datasheet
202Kb / 12P
   2A DC/DC converter modules
logo
Lineage Power Corporati...
KSTW002A5B LINEAGEPOWER-KSTW002A5B Datasheet
1Mb / 16P
   DC-DC Converter Power Modules
logo
STMicroelectronics
GS-R24F STMICROELECTRONICS-GS-R24F Datasheet
203Kb / 12P
   2A DC/DC converter modules
logo
List of Unclassifed Man...
MES1206 ETC1-MES1206 Datasheet
243Kb / 5P
   DC-to-DC Converter Modules
logo
XFMRS Inc.
XF5006-5S2R XFMRS-XF5006-5S2R Datasheet
53Kb / 1P
   DC/DC CONVERTER ISOLATION MODULES
logo
Texas Instruments
DCP010505B TI1-DCP010505B_15 Datasheet
1Mb / 30P
[Old version datasheet]   Unregulated DC/DC Converter Modules
logo
Vicor Corporation
DCM VICOR-DCM Datasheet
131Kb / 2P
   Isolated, Regulated DC-DC Converter Modules
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com