Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GS-24S0181.8 Datasheet(PDF) 5 Page - STMicroelectronics

Part # GS-24S0181.8
Description  1.8 A DC-DC converter modules
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

GS-24S0181.8 Datasheet(HTML) 5 Page - STMicroelectronics

  GS-24S0181.8 Datasheet HTML 1Page - STMicroelectronics GS-24S0181.8 Datasheet HTML 2Page - STMicroelectronics GS-24S0181.8 Datasheet HTML 3Page - STMicroelectronics GS-24S0181.8 Datasheet HTML 4Page - STMicroelectronics GS-24S0181.8 Datasheet HTML 5Page - STMicroelectronics GS-24S0181.8 Datasheet HTML 6Page - STMicroelectronics GS-24S0181.8 Datasheet HTML 7Page - STMicroelectronics GS-24S0181.8 Datasheet HTML 8Page - STMicroelectronics GS-24S0181.8 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
GS-R24FP
Maximum ratings
5/15
2
Maximum ratings
2.1
Absolute maximum ratings
2.2
Thermal data
Table 3.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
VI
DC input voltage
36
V
Iout
Maximum output current
int. limit
V1
INH
-0.3 to Vi
V
V2
Sync
-0.3 to 4
V
V10
FB
4
V
Table 4.
Thermal data
Symbol
Parameter
Value
Unit
TSTG
Storage temperature range
-40 ÷ 105
°C
TOP
Operating ambient temperature
-25 ÷ 85
°C


Similar Part No. - GS-24S0181.8

ManufacturerPart #DatasheetDescription
logo
FCI connector
GS-20-094 FCI-CONNECTOR-GS-20-094 Datasheet
925Kb / 23P
   ZipLine Connector System
GS-20-129 FCI-CONNECTOR-GS-20-129 Datasheet
850Kb / 9P
   1mm SPACING FPC/FFC CONNECTOR DOCUMENT LIST
logo
3M Electronics
GS-2000-4405-4 3M-GS-2000-4405-4 Datasheet
158Kb / 17P
   Identification of the substance/mixture and of the company/undertaking
GS-2000-4406-2 3M-GS-2000-4406-2 Datasheet
158Kb / 17P
   Identification of the substance/mixture and of the company/undertaking
GS-2000-4407-0 3M-GS-2000-4407-0 Datasheet
158Kb / 17P
   Identification of the substance/mixture and of the company/undertaking
More results

Similar Description - GS-24S0181.8

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
GS-R12FP STMICROELECTRONICS-GS-R12FP Datasheet
447Kb / 14P
   1.9 A DC-DC converter modules
GS-R24F STMICROELECTRONICS-GS-R24F_08 Datasheet
369Kb / 13P
   2 A DC-DC converter modules
GS-R12F STMICROELECTRONICS-GS-R12F_08 Datasheet
372Kb / 13P
   2 A DC-DC converter modules
logo
Power Systems GmbH+Co.K...
HUS-0505 POWER-SYSTEMS-HUS-0505 Datasheet
182Kb / 5P
   DC-DC Converter UNIT 1.8 W UNREGULATED DC-DC CONVERTER
HRS-0505 POWER-SYSTEMS-HRS-0505 Datasheet
229Kb / 5P
   DC-DC Converter UNIT 1.8 W REGULATED DC-DC CONVERTER
logo
Murata Power Solutions ...
PWR6000 MURATA-PS-PWR6000 Datasheet
123Kb / 4P
   1.8 WATT REGULATED DC/DC CONVERTER
logo
C&D Technologies
PWR60XX CANDD-PWR60XX Datasheet
149Kb / 4P
   1.8 WATT UNREGULATED DC/DC CONVERTER
logo
Bothhand USA, LP.
CSU0509-LF BOTHHAND-CSU0509-LF Datasheet
141Kb / 2P
   1.8 Watt Isolated DC-DC Converter
logo
STMicroelectronics
GS-R12F STMICROELECTRONICS-GS-R12F Datasheet
202Kb / 12P
   2A DC/DC converter modules
logo
Lineage Power Corporati...
KSTW002A5B LINEAGEPOWER-KSTW002A5B Datasheet
1Mb / 16P
   DC-DC Converter Power Modules
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com