Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GS-24V0251.8 Datasheet(PDF) 10 Page - STMicroelectronics

Part # GS-24V0251.8
Description  1.8 A DC-DC converter modules
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

GS-24V0251.8 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button GS-24V0251.8 Datasheet HTML 6Page - STMicroelectronics GS-24V0251.8 Datasheet HTML 7Page - STMicroelectronics GS-24V0251.8 Datasheet HTML 8Page - STMicroelectronics GS-24V0251.8 Datasheet HTML 9Page - STMicroelectronics GS-24V0251.8 Datasheet HTML 10Page - STMicroelectronics GS-24V0251.8 Datasheet HTML 11Page - STMicroelectronics GS-24V0251.8 Datasheet HTML 12Page - STMicroelectronics GS-24V0251.8 Datasheet HTML 13Page - STMicroelectronics GS-24V0251.8 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
Application information
GS-R24FP
10/15
4.9
Soldering
Soldering phase has to be execute with care : in order to avoid undesired melting
phenomenon, particular attention has to be take on the set up of the peak temperature.
Here following some suggestions for the temperature profile based on
IPC/JEDEC J-STD-020C ,July 2004 recommendations.
Figure 3.
Soldering
Table 7.
Soldering
Profile feature
PB free assembly
Average ramp up rate ( TSMAX to TP)
3 °C / sec max
Preheat:
Temperature min ( TS MIN)
Temperature max ( TS MAX)
Time (TS MIN to TS MAX) ( tS )
150 °C
200 °C
60 – 100 sec
Time maintained above :
Temperature TL
Time tL
217 °C
40 – 70 sec
Peak temperature (TP)
240 + 0 °C
Time within 5 °C of actual peak temperature (tP)
10 – 20 sec
Ramp down rate
6 °C / sec
Time from 25 °C to peak temperature
8 minutes max


Similar Part No. - GS-24V0251.8

ManufacturerPart #DatasheetDescription
logo
FCI connector
GS-20-094 FCI-CONNECTOR-GS-20-094 Datasheet
925Kb / 23P
   ZipLine Connector System
GS-20-129 FCI-CONNECTOR-GS-20-129 Datasheet
850Kb / 9P
   1mm SPACING FPC/FFC CONNECTOR DOCUMENT LIST
logo
3M Electronics
GS-2000-4405-4 3M-GS-2000-4405-4 Datasheet
158Kb / 17P
   Identification of the substance/mixture and of the company/undertaking
GS-2000-4406-2 3M-GS-2000-4406-2 Datasheet
158Kb / 17P
   Identification of the substance/mixture and of the company/undertaking
GS-2000-4407-0 3M-GS-2000-4407-0 Datasheet
158Kb / 17P
   Identification of the substance/mixture and of the company/undertaking
More results

Similar Description - GS-24V0251.8

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
GS-R12FP STMICROELECTRONICS-GS-R12FP Datasheet
447Kb / 14P
   1.9 A DC-DC converter modules
GS-R24F STMICROELECTRONICS-GS-R24F_08 Datasheet
369Kb / 13P
   2 A DC-DC converter modules
GS-R12F STMICROELECTRONICS-GS-R12F_08 Datasheet
372Kb / 13P
   2 A DC-DC converter modules
logo
Power Systems GmbH+Co.K...
HUS-0505 POWER-SYSTEMS-HUS-0505 Datasheet
182Kb / 5P
   DC-DC Converter UNIT 1.8 W UNREGULATED DC-DC CONVERTER
HRS-0505 POWER-SYSTEMS-HRS-0505 Datasheet
229Kb / 5P
   DC-DC Converter UNIT 1.8 W REGULATED DC-DC CONVERTER
logo
Murata Power Solutions ...
PWR6000 MURATA-PS-PWR6000 Datasheet
123Kb / 4P
   1.8 WATT REGULATED DC/DC CONVERTER
logo
C&D Technologies
PWR60XX CANDD-PWR60XX Datasheet
149Kb / 4P
   1.8 WATT UNREGULATED DC/DC CONVERTER
logo
Bothhand USA, LP.
CSU0509-LF BOTHHAND-CSU0509-LF Datasheet
141Kb / 2P
   1.8 Watt Isolated DC-DC Converter
logo
STMicroelectronics
GS-R12F STMICROELECTRONICS-GS-R12F Datasheet
202Kb / 12P
   2A DC/DC converter modules
logo
Lineage Power Corporati...
KSTW002A5B LINEAGEPOWER-KSTW002A5B Datasheet
1Mb / 16P
   DC-DC Converter Power Modules
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com