Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCM1796 Datasheet(PDF) 22 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part # PCM1796
Description  24-BIT, 192-kHz SAMPLING, ADVANCED SEGMENT, AUDIO STEREO DIGITAL-TO-ANALOG CONVERTER
Download  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

PCM1796 Datasheet(HTML) 22 Page - Burr-Brown (TI)

Back Button PCM1796_06 Datasheet HTML 18Page - Burr-Brown (TI) PCM1796_06 Datasheet HTML 19Page - Burr-Brown (TI) PCM1796_06 Datasheet HTML 20Page - Burr-Brown (TI) PCM1796_06 Datasheet HTML 21Page - Burr-Brown (TI) PCM1796_06 Datasheet HTML 22Page - Burr-Brown (TI) PCM1796_06 Datasheet HTML 23Page - Burr-Brown (TI) PCM1796_06 Datasheet HTML 24Page - Burr-Brown (TI) PCM1796_06 Datasheet HTML 25Page - Burr-Brown (TI) PCM1796_06 Datasheet HTML 26Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 60 page
background image
PCM1796
SLES100A − DECEMBER 2003 − REVISED NOVEMBER 2006
www.ti.com
22
Write Register
A master can write to any PCM1796 registers using single or multiple accesses. The master sends a PCM1796 slave
address with a write bit, a register address, and the data. If multiple access is required, the address is that of the
starting register, followed by the data to be transferred. When the data are received properly, the index register is
incremented by 1 automatically. When the index register reaches 0x7F, the next value is 0x00. When undefined
registers are accessed, the PCM1796 does not send an acknowledgement. Figure 32 is a diagram of the write
operation.
Transmitter
M
MM
S
M
M
Data Type
St
Slave Address
W
ACK
Reg Address
Write Data 1
S
ACK
S
ACK
M
Sp
M
Write Data 2
S
ACK
S
ACK
M: Master Device
S: Slave Device
St: Start Condition
Sp: Stop Condition
ACK: Acknowledge
W: Write
Figure 32. Write Operation
Read Register
A master can read the PCM1796 register. The value of the register address is stored in an indirect index register in
advance. The master sends a PCM1796 slave address with a read bit after storing the register address. Then the
PCM1796 transfers the data which the index register points to. When the data are transferred during a multiple
access, the index register is incremented by 1 automatically. (When first going into read mode immediately following
a write, the index register is not incremented. The master can read the register that was previously written.) When
the index register reaches 0x7F, the next value is 0x00. The PCM1796 outputs some data when the index register
is 0x10 to 0x1F, even if it is not defined in Table 4. Figure 33 is a diagram of the read operation.
Data Type
Data
Transmitter
M
MM
S
M
M
St
Slave Address
W
ACK
Reg Address
Slave Address
S
ACK
S
ACK
M
Sp
S
M
ACK
M
NACK
M
Sr
M
R
M: Master Device
S: Slave Device
St: Start Condition
Sr: Repeated Start Condition
Sp: Stop Condition
ACK: Acknowledge
NACK: Not Acknowledge
W: Write
R: Read
Figure 33. Read Operation


Similar Part No. - PCM1796_06

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
PCM1796DB BURR-BROWN-PCM1796DB Datasheet
512Kb / 57P
   24BIT 192 KHZ SAMPLING ADVANCED SEGMENT AUDIO STEREO DIGITAL TO ANALOG CONVERTER
logo
Texas Instruments
PCM1796DB TI1-PCM1796DB Datasheet
694Kb / 61P
[Old version datasheet]   AUDIO STEREO DIGITAL-TO-ANALOG CONVERTER
PCM1796DBG4 TI1-PCM1796DBG4 Datasheet
694Kb / 61P
[Old version datasheet]   AUDIO STEREO DIGITAL-TO-ANALOG CONVERTER
logo
Burr-Brown (TI)
PCM1796DBR BURR-BROWN-PCM1796DBR Datasheet
512Kb / 57P
   24BIT 192 KHZ SAMPLING ADVANCED SEGMENT AUDIO STEREO DIGITAL TO ANALOG CONVERTER
logo
Texas Instruments
PCM1796DBR TI1-PCM1796DBR Datasheet
694Kb / 61P
[Old version datasheet]   AUDIO STEREO DIGITAL-TO-ANALOG CONVERTER
More results

Similar Description - PCM1796_06

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DSD1791 TI-DSD1791 Datasheet
446Kb / 53P
[Old version datasheet]   24 BIT 192 KHZ SAMPLING ADVANCED SEGMENT AUDIO STEREO DIGITAL TO ANALOG CONVERTER
PCM1730 TI-PCM1730 Datasheet
366Kb / 24P
[Old version datasheet]   24-BIT, 192-kHz SAMPLING ADVANCED SEGMENT, AUDIO STEREO DIGITAL-TO-ANALOG CONVERTER
logo
Burr-Brown (TI)
PCM1794A BURR-BROWN-PCM1794A Datasheet
294Kb / 30P
   24-bit,192-khz sampling,advanced segment, audio stereo digital-to-analog converter
DSD1792A BURR-BROWN-DSD1792A Datasheet
440Kb / 55P
   24-BIT, 192-KHZ SAMPLING, ADVANCED SEGMENT, AUDIO STEREO DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DSD1794A TI-DSD1794A Datasheet
535Kb / 49P
[Old version datasheet]   24-BIT,192-kHz SAMPLING, ADVANCED SEGMENT, AUDIO STEREO DIGITAL-TO-ANALOG CONVERTER
DSD1791 TI1-DSD1791_08 Datasheet
654Kb / 56P
[Old version datasheet]   24 BIT 192 KHZ SAMPLING ADVANCED SEGMENT AUDIO STEREO DIGITAL TO ANALOG CONVERTER
PCM1791A TI-PCM1791A Datasheet
490Kb / 58P
[Old version datasheet]   24-BIT, 192-kHz SAMPLING, ADVANCED SEGMENT, AUDIO STEREO DIGITAL-TO-ANALOG CONVERTER
logo
Burr-Brown (TI)
DSD1792 BURR-BROWN-DSD1792 Datasheet
478Kb / 10P
   24 bit 192 khz SAMPLING ADVANCED SEGMENT AUDIO STEREO DIGITAL TO ANALOG CONVERTER
logo
Texas Instruments
DSD1793 TI1-DSD1793_08 Datasheet
604Kb / 50P
[Old version datasheet]   24 BIT 192 KHZ SAMPLING ADVANCED SEGMENT AUDIO STEREO DIGITAL TO ANALOG CONVERTER
logo
Burr-Brown (TI)
PCM1792A BURR-BROWN-PCM1792A Datasheet
487Kb / 59P
   24-bit,192-khz sampling,advanced segment, audio stereo digital-to-analog converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com