Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPEAR-09-H042 Datasheet(PDF) 11 Page - STMicroelectronics

Part # SPEAR-09-H042
Description  SPEAr??Head200, ARM 926, 200 K customizable eASIC??gates, large IP portfolio SoC
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPEAR-09-H042 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button SPEAR-09-H042 Datasheet HTML 7Page - STMicroelectronics SPEAR-09-H042 Datasheet HTML 8Page - STMicroelectronics SPEAR-09-H042 Datasheet HTML 9Page - STMicroelectronics SPEAR-09-H042 Datasheet HTML 10Page - STMicroelectronics SPEAR-09-H042 Datasheet HTML 11Page - STMicroelectronics SPEAR-09-H042 Datasheet HTML 12Page - STMicroelectronics SPEAR-09-H042 Datasheet HTML 13Page - STMicroelectronics SPEAR-09-H042 Datasheet HTML 14Page - STMicroelectronics SPEAR-09-H042 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
SPEAR-09-H042
Pin description
11/16
3.2
Power connections
Table 3.
Power connections
Group
Signal Name
Ball
Function
vdd3v3
(1)
Digital 3.3V power
vdd
(2)
Digital 1.2V power
gnd
(3)
Digital ground
vdd_dith
P6
DDR / SDR dedicated digital PLL 3.3V power
vss_dith
P7
DDR / SDR dedicated digital PLL ground
SSTL_VREF
P15
Voltage reference SSTL / CMOS mode. This pin
is used both as logic state and as power supply
vdd2v5_DDR
(4)
DDR / SDR digital 2.5V / 3.3V power
vdd1v2_date_osci
T1
1.2V dedicated power for RTC
vdd_date_osci
U3
1.2V dedicated power for RTC
gnd_date_osci
T3
Dedicated digital ground for RTC
gnde_date_osci
T2
Dedicated digital ground for RTC
anavdd_3v3_pll1600
M3
Dedicated USB PLL analog 3.3V power
anagnd_3v3_pll1600
M4
Dedicated USB PLL analog ground
digvdd_1v2_pll1600
N3
Dedicated USB PLL analog 1.2V power
diggnd_1v2_pll1600
N4
Dedicated USB PLL analog ground
vddl_1v2_d
P5
Dedicated USB 1.2V power
vddb_1v2_d
P2
Dedicated USB 1.2V power
Power
vddc_1v2_d
P1
Dedicated USB 1.2V power
vdd_usb
M5
Dedicated USB 1.2V power
vddc_1v2_h1
L4
Dedicated USB 1.2V power
vddb_1v2_h1
L3
Dedicated USB 1.2V power
vddl_1v2_h1
K3
Dedicated USB 1.2V power
vddc_1v2_h0
J5
Dedicated USB 1.2V power
vddb_1v2_h0
J4
Dedicated USB 1.2V power
vddl_1v2_h0
H3
Dedicated USB 1.2V power
vdd3_3v3_d
R3
Dedicated USB 3.3V power
vdde3v3_usb
M2
Dedicated USB 3.3V power
vdd3_3v3_h1
K2
Dedicated USB 3.3V power
vdd3_3v3_h0
H2
Dedicated USB 3.3V power
vssl_3v3_d
R4
Dedicated USB ground
vssb_1v2_d
P4
Dedicated USB ground
vssc_1v2_d
P3
Dedicated USB ground


Similar Part No. - SPEAR-09-H042

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SPEAR-09-H022 STMICROELECTRONICS-SPEAR-09-H022 Datasheet
702Kb / 55P
   SPEAr Head ARM 926, 200K customizable eASIC gates, large IP portfolio SoC
SPEAR-09-H022 STMICROELECTRONICS-SPEAR-09-H022_06 Datasheet
930Kb / 71P
   SPEAr Head200 ARM 926, 200K customizable eASIC gates, large IP portfolio SoC
More results

Similar Description - SPEAR-09-H042

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SPEAR-09-H022 STMICROELECTRONICS-SPEAR-09-H022_06 Datasheet
930Kb / 71P
   SPEAr Head200 ARM 926, 200K customizable eASIC gates, large IP portfolio SoC
SPEAR-09-H022 STMICROELECTRONICS-SPEAR-09-H022 Datasheet
702Kb / 55P
   SPEAr Head ARM 926, 200K customizable eASIC gates, large IP portfolio SoC
SPEAR-09-B042 STMICROELECTRONICS-SPEAR-09-B042 Datasheet
921Kb / 66P
   SPEAr짰 BASIC ARM 926EJ-S core, customizable logic, large IP portfolio SoC
UM0851 STMICROELECTRONICS-UM0851 Datasheet
3Mb / 245P
   SPEAr is a family of highly customizable ARM-based embedded
logo
List of Unclassifed Man...
CXT32SI10 ETC2-CXT32SI10 Datasheet
352Kb / 7P
   Embedded Serial-IP SOC
logo
HiSilicon(Shanghai) Tec...
HI3516 HISILICON-HI3516 Datasheet
185Kb / 2P
   Full-HD IP Camera SoC
HI3518E HISILICON-HI3518E Datasheet
434Kb / 2P
   Hi3518E 720p IP-Cam SOC
HI3516D HISILICON-HI3516D Datasheet
201Kb / 7P
   Hi3516D Professional HD IP Camera SoC
2014-12-22
HI3519A HISILICON-HI3519A Datasheet
260Kb / 11P
   V100 4K Smart IP Camera SoC
logo
STMicroelectronics
SPEAR-09-H122 STMICROELECTRONICS-SPEAR-09-H122_08 Datasheet
327Kb / 40P
   SPEAr??Head600
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com