Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STB12NM50 Datasheet(PDF) 9 Page - STMicroelectronics

Part # STB12NM50
Description  N-CHANNEL500V-0.32ohm-12ATO-220/FP/D2PAK/I2PAK/TO-247 FDmesh??Power MOSFET with FAST DIODE
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STB12NM50 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button STB12NM50 Datasheet HTML 5Page - STMicroelectronics STB12NM50 Datasheet HTML 6Page - STMicroelectronics STB12NM50 Datasheet HTML 7Page - STMicroelectronics STB12NM50 Datasheet HTML 8Page - STMicroelectronics STB12NM50 Datasheet HTML 9Page - STMicroelectronics STB12NM50 Datasheet HTML 10Page - STMicroelectronics STB12NM50 Datasheet HTML 11Page - STMicroelectronics STB12NM50 Datasheet HTML 12Page - STMicroelectronics STB12NM50 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
9/14
STP12NM50FD / STP12NM50FDFP / STB12NM50FD / STB12NM50FD-1 / STW14NM50FD
L2
L6
¯
L3
12 3
L7
L4
L5
DIM.
mm.
inch
MIN.
TYP
MAX.
MIN.
TYP.
MAX.
A
4.4
4.6
0.173
0.181
B
2.5
2.7
0.098
0.106
D
2.5
2.75
0.098
0.108
E
0.45
0.7
0.017
0.027
F
0.75
1
0.030
0.039
F1
1.15
1.7
0.045
0.067
F2
1.15
1.7
0.045
0.067
G
4.95
5.2
0.195
0.204
G1
2.4
2.7
0.094
0.106
H
10
10.4
0.393
0.409
L2
16
0.630
L3
28.6
30.6
1.126
1.204
L4
9.8
10.6
.0385
0.417
L5
2.9
3.6
0.114
0.141
L6
15.9
16.4
0.626
0.645
L7
9
9.3
0.354
0.366
Ø
3
3.2
0.118
0.126
TO-220FP MECHANICAL DATA


Similar Part No. - STB12NM50

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STB12NM50 STMICROELECTRONICS-STB12NM50 Datasheet
115Kb / 14P
   N-CHANNEL 500V - 0.3W - 12A TO-220/TO-220FP/I PAK MDmesh]Power MOSFET
March 2005 Rev. 2
STB12NM50 STMICROELECTRONICS-STB12NM50 Datasheet
544Kb / 17P
   N-channel 550V @ tjmax - 0.30廓 - 12A TO-220/FP/D2/I2PAK MDmesh??Power MOSFET
logo
VBsemi Electronics Co.,...
STB12NM50 VBSEMI-STB12NM50 Datasheet
1Mb / 8P
   N-Channel 650 V (D-S) MOSFET
logo
STMicroelectronics
STB12NM50-1 STMICROELECTRONICS-STB12NM50-1 Datasheet
115Kb / 14P
   N-CHANNEL 500V - 0.3W - 12A TO-220/TO-220FP/I PAK MDmesh]Power MOSFET
March 2005 Rev. 2
STB12NM50-1 STMICROELECTRONICS-STB12NM50-1 Datasheet
544Kb / 17P
   N-channel 550V @ tjmax - 0.30廓 - 12A TO-220/FP/D2/I2PAK MDmesh??Power MOSFET
More results

Similar Description - STB12NM50

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STF30NM60ND STMICROELECTRONICS-STF30NM60ND Datasheet
289Kb / 15P
   N-channel 600V - 0.11廓 - 25A TO-220/FP/D2PAK/I2PAK/TO-247 FDmesh??II Power MOSFET (with fast diode)
STP15NK50Z STMICROELECTRONICS-STP15NK50Z Datasheet
672Kb / 14P
   N-CHANNEL500V-0.30ohm-14ATO-220/FP/D2PAK/I2PAK/TO-247 Zener-Protected SuperMESH?줡ower MOSFET
STB12NM50FD STMICROELECTRONICS-STB12NM50FD_06 Datasheet
466Kb / 18P
   N-channel 500V - 0.32廓 - 12A - TO-220/FP - D2/I2PAK - TO-247 FDmesh??Power MOSFET (with fast diode)
STB11NM60FD STMICROELECTRONICS-STB11NM60FD Datasheet
495Kb / 17P
   N-channel 600V - 0.40OHM - 11A - TO-220/TO-220FP/D2PAK/I2PAK FDmesh TM Power MOSFET (with fast diode)
STX30NM60ND STMICROELECTRONICS-STX30NM60ND Datasheet
798Kb / 18P
   N-channel 600 V, 0.11 廓, 25 A FDmesh??II Power MOSFET (with fast diode) TO-220, TO-220FP, D2PAK, I2PAK, TO-247
STP20NM50FD STMICROELECTRONICS-STP20NM50FD Datasheet
276Kb / 9P
   N-CHANNEL 500V - 0.22ohm - 20A TO-220/I2PAK FDmesh??Power MOSFET with FAST DIODE
STP14NK50Z STMICROELECTRONICS-STP14NK50Z_06 Datasheet
626Kb / 19P
   N-channel 500V - 0.34OHM - 14A TO-220/FP/D2PAK/I2PAK/TO-247 Zener-protected SuperMESH Power MOSFET
STP14NK60Z STMICROELECTRONICS-STP14NK60Z Datasheet
672Kb / 17P
   N-CHANNEL 600V-0.45ohm-13.5A TO-220/FP/D2PAK/I2PAK/TO-247 Zener-Protected SuperMESH Power MOSFET
STB23NM60ND STMICROELECTRONICS-STB23NM60ND Datasheet
343Kb / 15P
   N-channel 600 V - 0.150 廓 - 20 A - D2/I2PAK - TO-220/FP - TO-247 FDmesh??II Power MOSFET
STP22NM60 STMICROELECTRONICS-STP22NM60 Datasheet
386Kb / 11P
   N-CHANNEL 600V - 0.19 ohm - 22A TO-220/FP/D2PAK/I2PAK/TO-247 MDmesh?줡ower MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com