Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L7912CP Datasheet(PDF) 7 Page - STMicroelectronics

Part # L7912CP
Description  Negative voltage regulators
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L7912CP Datasheet(HTML) 7 Page - STMicroelectronics

Back Button L7912CP Datasheet HTML 3Page - STMicroelectronics L7912CP Datasheet HTML 4Page - STMicroelectronics L7912CP Datasheet HTML 5Page - STMicroelectronics L7912CP Datasheet HTML 6Page - STMicroelectronics L7912CP Datasheet HTML 7Page - STMicroelectronics L7912CP Datasheet HTML 8Page - STMicroelectronics L7912CP Datasheet HTML 9Page - STMicroelectronics L7912CP Datasheet HTML 10Page - STMicroelectronics L7912CP Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
L79xxC
Electrical characteristics
7/21
5
Electrical characteristics
Table 4.
Electrical characteristics of L7905C (refer to the test circuits, TJ = 0 to 125 °C, VI = -10 V,
IO = 500 mA, CI = 2.2 µF, CO = 1 µF unless otherwise specified)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
VO
Output voltage
TJ = 25°C
-4.8
-5
-5.2
V
VO
Output voltage
IO = -5 mA to -1 A, PO ≤ 15 W
VI = -8 to -20 V
-4.75-5-5.25
V
ΔVO(1)
1.
Load and line regulation are specified at constant junction temperature. Changes in VO due to heating effects must be
taken into account separately. Pulse testing with low duty cycle is used.
Line regulation
VI = -7 to -25 V, TJ = 25°C
100
mV
VI = -8 to -12 V, TJ = 25°C
50
ΔVO(1)
Load regulation
IO = 5 mA to 1.5 A, TJ = 25°C
100
mV
IO = 250 to 750 mA, TJ = 25°C
50
Id
Quiescent current
TJ = 25°C
3
mA
ΔId
Quiescent current change
IO = 5 mA to 1 A
0.5
mA
VI = -8 to -25 V
1.3
ΔVO/ΔT Output voltage drift
IO = 5 mA
-0.4
mV/°C
eN
Output noise voltage
B = 10Hz to 100kHz, TJ = 25°C
100
µV
SVR
Supply voltage rejection
ΔVI = 10 V, f = 120Hz
54
60
dB
Vd
Dropout voltage
IO = 1 A, TJ = 25°C, ΔVO = 100 mV
1.4
V
Isc
Short circuit current
2.1
A


Similar Part No. - L7912CP

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L7912CP STMICROELECTRONICS-L7912CP Datasheet
445Kb / 13P
   NEGATIVE VOLTAGE REGULATORS
L7912CP STMICROELECTRONICS-L7912CP Datasheet
414Kb / 16P
   NEGATIVE VOLTAGE REGULATORS
L7912CP STMICROELECTRONICS-L7912CP Datasheet
379Kb / 24P
   Negative voltage regulators
L7912CP STMICROELECTRONICS-L7912CP Datasheet
824Kb / 24P
   Negative voltage regulators
L7912CP STMICROELECTRONICS-L7912CP Datasheet
402Kb / 21P
   Negative voltage regulators
More results

Similar Description - L7912CP

ManufacturerPart #DatasheetDescription
logo
Wing Shing Computer Com...
79L12 WINGS-79L12 Datasheet
130Kb / 3P
   Negative-Voltage Regulators
logo
Texas Instruments
UA79M05 TI1-UA79M05 Datasheet
675Kb / 15P
[Old version datasheet]   NEGATIVE-VOLTAGE REGULATORS
logo
STMicroelectronics
L7912CV-DG STMICROELECTRONICS-L7912CV-DG Datasheet
465Kb / 24P
   Negative voltage regulators
logo
Texas Instruments
UA79M08 TI1-UA79M08 Datasheet
1Mb / 16P
[Old version datasheet]   NEGATIVE-VOLTAGE REGULATORS
logo
STMicroelectronics
L79XXC STMICROELECTRONICS-L79XXC Datasheet
824Kb / 24P
   Negative voltage regulators
logo
Texas Instruments
UA7900 TI1-UA7900_12 Datasheet
537Kb / 14P
[Old version datasheet]   NEGATIVE-VOLTAGE REGULATORS
UA79M00 TI-UA79M00 Datasheet
312Kb / 4P
[Old version datasheet]   NEGATIVE-VOLTAGE REGULATORS
logo
STMicroelectronics
L79L05ACZ-TR STMICROELECTRONICS-L79L05ACZ-TR Datasheet
717Kb / 27P
   Negative voltage regulators
logo
Texas Instruments
UA79M00 TI1-UA79M00_17 Datasheet
1Mb / 15P
[Old version datasheet]   NEGATIVE-VOLTAGE REGULATORS
UA7900 TI1-UA7900_17 Datasheet
878Kb / 13P
[Old version datasheet]   NEGATIVE-VOLTAGE REGULATORS
logo
Estek Electronics Co. L...
ET-79LXXND ESTEK-ET-79LXXND Datasheet
1Mb / 5P
   Negative-Voltage Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com