Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L4941 Datasheet(PDF) 6 Page - STMicroelectronics

Part # L4941
Description  Very low drop 1A regulator
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L4941 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button L4941 Datasheet HTML 2Page - STMicroelectronics L4941 Datasheet HTML 3Page - STMicroelectronics L4941 Datasheet HTML 4Page - STMicroelectronics L4941 Datasheet HTML 5Page - STMicroelectronics L4941 Datasheet HTML 6Page - STMicroelectronics L4941 Datasheet HTML 7Page - STMicroelectronics L4941 Datasheet HTML 8Page - STMicroelectronics L4941 Datasheet HTML 9Page - STMicroelectronics L4941 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
Test circuits
L4941
6/17
4
Test circuits
Figure 3.
DC Parameters
Figure 4.
Load rejection
Figure 5.
Ripple rejection


Similar Part No. - L4941

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L4941 STMICROELECTRONICS-L4941 Datasheet
948Kb / 14P
   VERY LOW DROP 1A REGULATOR
L4941BD2T STMICROELECTRONICS-L4941BD2T Datasheet
948Kb / 14P
   VERY LOW DROP 1A REGULATOR
L4941BDT STMICROELECTRONICS-L4941BDT Datasheet
948Kb / 14P
   VERY LOW DROP 1A REGULATOR
L4941BDT-TR STMICROELECTRONICS-L4941BDT-TR Datasheet
948Kb / 14P
   VERY LOW DROP 1A REGULATOR
L4941BDTTR STMICROELECTRONICS-L4941BDTTR Datasheet
948Kb / 14P
   VERY LOW DROP 1A REGULATOR
More results

Similar Description - L4941

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L4941 STMICROELECTRONICS-L4941 Datasheet
948Kb / 14P
   VERY LOW DROP 1A REGULATOR
L4923 STMICROELECTRONICS-L4923 Datasheet
53Kb / 6P
   WITH RESET AND INHIBIT 5V.1A VERY LOW DROP REGULATOR
L4925 STMICROELECTRONICS-L4925 Datasheet
69Kb / 8P
   VERY LOW DROP VOLTAGE REGULATOR
L4949E STMICROELECTRONICS-L4949E Datasheet
77Kb / 10P
   MULTIFUNCTION VERY LOW DROP VOLTAGE REGULATOR
LDR1833 STMICROELECTRONICS-LDR1833_08 Datasheet
407Kb / 16P
   Very low drop dual voltage regulator
L4940XX STMICROELECTRONICS-L4940XX Datasheet
1Mb / 23P
   Very low drop 1.5 A regulator
L4945 STMICROELECTRONICS-L4945 Datasheet
43Kb / 6P
   5V VERY LOW DROP VOLTAGE REGULATOR
LDRXXYY STMICROELECTRONICS-LDRXXYY Datasheet
384Kb / 13P
   VERY LOW DROP DUAL VOLTAGE REGULATOR
L4949ED-E STMICROELECTRONICS-L4949ED-E Datasheet
475Kb / 19P
   Multifunction very low drop voltage regulator
L4922 STMICROELECTRONICS-L4922 Datasheet
50Kb / 6P
   VERY LOW DROP REGULATOR WITH RESET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com