Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L4978D Datasheet(PDF) 1 Page - STMicroelectronics

Part # L4978D
Description  2A STEP DOWN SWITCHING REGULATOR
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L4978D Datasheet(HTML) 1 Page - STMicroelectronics

  L4978D Datasheet HTML 1Page - STMicroelectronics L4978D Datasheet HTML 2Page - STMicroelectronics L4978D Datasheet HTML 3Page - STMicroelectronics L4978D Datasheet HTML 4Page - STMicroelectronics L4978D Datasheet HTML 5Page - STMicroelectronics L4978D Datasheet HTML 6Page - STMicroelectronics L4978D Datasheet HTML 7Page - STMicroelectronics L4978D Datasheet HTML 8Page - STMicroelectronics L4978D Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
1/13
L4978
May 2005
1
Features
UP TO 2A STEP DOWN CONVERTER
OPERATING INPUT VOLTAGE FROM 8V TO
55V
PRECISE 3.3V (±1%) INTERNAL
REFERENCE VOLTAGE
OUTPUT VOLTAGE ADJUSTABLE FROM
3.3V TO 50V
SWITCHING FREQUENCY ADJUSTABLE UP
TO 300KHz
VOLTAGE FEEDFORWARD
ZERO LOAD CURRENT OPERATION
INTERNAL CURRENT LIMITING (PULSE-
BYPULSE AND HICCUP MODE)
INHIBIT FOR ZERO CURRENT
CONSUMPTION
PROTECTION AGAINST FEEDBACK
DISCONNECTION
THERMAL SHUTDOWN
SOFT START FUNCTION
2
DESCRIPTION
The L4978 is a step down monolithic power
switching regulator delivering 2A at a voltage be-
tween 3.3V and 50V (selected by a simple external
divider). Realized in BCD mixed technology, the
device uses an internal power D-MOS transistor
(with a typical Rdson of 0.25Ω) to obtain very high
efficency and high switching speed.
A switching frequency up to 300KHz is achievable
(the maximum power dissipation of the packages
must be observed). A wide input voltage range be-
tween 8V to 55V and output voltages regulated
from 3.3V to 50V cover the majority of today’s ap-
plications. Features of this new generations of DC-
DC converter include pulse-by-pulse current limit,
hiccup mode for short circuit protection, voltage
feedforward
regulation,
soft-start,
protection
against feedback loop disconnection, inhibit for
zero current consumption and thermal shutdown.
The device is available in plastic dual in line, DIP-
8 for standard assembly, and SO16W for SMD as-
sembly.
2A STEP DOWN SWITCHING REGULATOR
Figure 2. Typical Application Circuit
D98IN837A
5
2
8
4
1
L4978
C1
220
µF
63V
C8
330
µF
VO=3.3V/2A
Vi=8V to 55V
R1
20K
C2
2.7nF
R2
9.1K
C4
22nF
3
7
L1
126
µH
(77120)
6
D1
ST
PS3L60U
C5
100nF
C7
220nF
C6
100nF
Rev. 9
Figure 1. Packages
Table 1. Order Codes
Part Number
Package
L4978
DIP-8
L4978D
SO16
L4978D013TR
SO16 in Tape & Reel
DIP-8
SO16W


Similar Part No. - L4978D

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L4978D STMICROELECTRONICS-L4978D Datasheet
135Kb / 12P
   2A STEP DOWN SWITCHING REGULATOR
May 2000
More results

Similar Description - L4978D

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L5985 STMICROELECTRONICS-L5985 Datasheet
955Kb / 36P
   2A step-down switching regulator
L4978 STMICROELECTRONICS-L4978 Datasheet
135Kb / 12P
   2A STEP DOWN SWITCHING REGULATOR
May 2000
logo
Semtech Corporation
SC4518H SEMTECH-SC4518H Datasheet
266Kb / 15P
   600kHz, 2A Step-Down Switching Regulator
SC4524A SEMTECH-SC4524A_08 Datasheet
776Kb / 19P
   28V 2A Step-Down Switching Regulator
logo
Anpec Electronics Corop...
APW1173 ANPEC-APW1173 Datasheet
444Kb / 21P
   2A SWITCH STEP DOWN SWITCHING REGULATOR
logo
Semtech Corporation
SC4524B SEMTECH-SC4524B Datasheet
770Kb / 18P
   16V 2A Step-Down Switching Regulator
logo
STMicroelectronics
L5973AD STMICROELECTRONICS-L5973AD Datasheet
185Kb / 14P
   2A SWITCH STEP DOWN SWITCHING REGULATOR
logo
Samtec, Inc
SC4524CSETRT SAMTEC-SC4524CSETRT Datasheet
573Kb / 22P
   28V 2A Step-Down Switching Regulator
logo
STMicroelectronics
L5972D STMICROELECTRONICS-L5972D Datasheet
173Kb / 10P
   2A SWITCH STEP DOWN SWITCHING REGULATOR
L5973AD STMICROELECTRONICS-L5973AD_07 Datasheet
488Kb / 21P
   2A switch step down switching regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com