Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M27W101-200F6TR Datasheet(PDF) 1 Page - STMicroelectronics

Part # M27W101-200F6TR
Description  1 Mbit (128Kb x8) Low Voltage UV EPROM and OTP EPROM
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M27W101-200F6TR Datasheet(HTML) 1 Page - STMicroelectronics

  M27W101-200F6TR Datasheet HTML 1Page - STMicroelectronics M27W101-200F6TR Datasheet HTML 2Page - STMicroelectronics M27W101-200F6TR Datasheet HTML 3Page - STMicroelectronics M27W101-200F6TR Datasheet HTML 4Page - STMicroelectronics M27W101-200F6TR Datasheet HTML 5Page - STMicroelectronics M27W101-200F6TR Datasheet HTML 6Page - STMicroelectronics M27W101-200F6TR Datasheet HTML 7Page - STMicroelectronics M27W101-200F6TR Datasheet HTML 8Page - STMicroelectronics M27W101-200F6TR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
April 2006
Rev 3
1/23
1
M27W101
1 Mbit (128Kb x8) Low Voltage UV EPROM and OTP EPROM
Features
2.7V to 3.6V Low Voltage in Read Operation
Access Time:
–70 ns at VCC = 3.0V to 3.6V
–80 ns at VCC = 2.7V to 3.6V
Pin compatible with M27C1001
Low Power Consumption:
– Active Current: 15 mA at 5 MHz
– Standby Current: 15 µA
Programming Time: 100 µs/byte
High Reliability CMOS Technology
– 2,000V ESD Protection
– 200 mA Latch-up Protection Immunity
Electronic Signature
– Manufacturer Code: 20h
– Device Code: 05h
ECOPACK® packages available
FDIP32W (F)
PDIP32 (B)
PLCC32 (K)
TSOP32 (N)
8 x 20 mm
1
32
32
1
www.st.com


Similar Part No. - M27W101-200F6TR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M27W101-200F6TR STMICROELECTRONICS-M27W101-200F6TR Datasheet
103Kb / 15P
   1 Mbit 128Kb x8 Low Voltage UV EPROM and OTP EPROM
More results

Similar Description - M27W101-200F6TR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M27W101 STMICROELECTRONICS-M27W101 Datasheet
103Kb / 15P
   1 Mbit 128Kb x8 Low Voltage UV EPROM and OTP EPROM
M27C1001 STMICROELECTRONICS-M27C1001 Datasheet
159Kb / 17P
   1 Mbit 128Kb x8 UV EPROM and OTP EPROM
M27V101 STMICROELECTRONICS-M27V101 Datasheet
104Kb / 15P
   1 Mbit (128Kb x 8) Low Voltage UV EPROM and OTP EPROM
May 1998
M27W202 STMICROELECTRONICS-M27W202 Datasheet
103Kb / 15P
   2 Mbit 128Kb x16 Low Voltage UV EPROM and OTP EPROM
M27C202 STMICROELECTRONICS-M27C202 Datasheet
174Kb / 15P
   2 Mbit (128Kb x16) UV EPROM and OTP EPROM
M27W801 STMICROELECTRONICS-M27W801_06 Datasheet
202Kb / 24P
   8 Mbit 1Mb x8 Low Voltage UV EPROM and OTP EPROM
M27V801 STMICROELECTRONICS-M27V801 Datasheet
108Kb / 16P
   8 Mbit 1Mb x8 Low Voltage UV EPROM and OTP EPROM
M27W801 STMICROELECTRONICS-M27W801 Datasheet
108Kb / 16P
   8 Mbit 1Mb x8 Low Voltage UV EPROM and OTP EPROM
M27V401 STMICROELECTRONICS-M27V401 Datasheet
103Kb / 15P
   4 Mbit (512Kb x8) Low Voltage UV EPROM and OTP EPROM
May 1998
M27W102 STMICROELECTRONICS-M27W102 Datasheet
104Kb / 15P
   1 Mbit 64Kb x16 Low Voltage UV EPROM and OTP EPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com