Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M40ZTHSMH6F Datasheet(PDF) 4 Page - STMicroelectronics

Part # M40ZTHSMH6F
Description  5V or 3V NVRAM supervisor for up to 8 LPSRAMs
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M40ZTHSMH6F Datasheet(HTML) 4 Page - STMicroelectronics

  M40ZTHSMH6F Datasheet HTML 1Page - STMicroelectronics M40ZTHSMH6F Datasheet HTML 2Page - STMicroelectronics M40ZTHSMH6F Datasheet HTML 3Page - STMicroelectronics M40ZTHSMH6F Datasheet HTML 4Page - STMicroelectronics M40ZTHSMH6F Datasheet HTML 5Page - STMicroelectronics M40ZTHSMH6F Datasheet HTML 6Page - STMicroelectronics M40ZTHSMH6F Datasheet HTML 7Page - STMicroelectronics M40ZTHSMH6F Datasheet HTML 8Page - STMicroelectronics M40ZTHSMH6F Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 25 page
background image
List of figures
M40Z300, M40Z300W
4/25
List of figures
Figure 1.
Logic diagram . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 6
Figure 2.
28-pin SOIC connections . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 7
Figure 3.
M40Z300 16-pin SOIC connections . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 7
Figure 4.
M40Z300W 16-pin SOIC connections . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 7
Figure 5.
Hardware hookup . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 8
Figure 6.
Address-decode time . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 10
Figure 7.
Supply voltage protection . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 12
Figure 8.
AC testing load circuit . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 14
Figure 9.
Power down timing . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 16
Figure 10.
Power up timing . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 16
Figure 11.
SOH28 – 28-lead plastic small outline, 4-socket battery SNAPHAT, package outline . . . . 18
Figure 12.
SH – 4-pin SNAPHAT housing for 48mAh battery, package outline. . . . . . . . . . . . . . . . . . 20
Figure 13.
SH – 4-pin SNAPHAT housing for 120mAh battery, package outline. . . . . . . . . . . . . . . . . 21
Figure 14.
SO16 – 16-lead plastic small outline, 150 mils body width, package outline . . . . . . . . . . . 22


Similar Part No. - M40ZTHSMH6F

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M40ZTHSMH6F STMICROELECTRONICS-M40ZTHSMH6F Datasheet
180Kb / 21P
   5V or 3V NVRAM supervisor for up to two LPSRAMs
More results

Similar Description - M40ZTHSMH6F

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M40Z300 STMICROELECTRONICS-M40Z300_05 Datasheet
348Kb / 21P
   5V or 3V NVRAM Supervisor for Up to 8 LPSRAMs
M40Z111 STMICROELECTRONICS-M40Z111_07 Datasheet
180Kb / 21P
   5V or 3V NVRAM supervisor for up to two LPSRAMs
M40Z111 STMICROELECTRONICS-M40Z111 Datasheet
107Kb / 15P
   5V OR 3V NVRAM SUPERVISOR FOR UP TO TWO LPSRAMs
M40Z300AV STMICROELECTRONICS-M40Z300AV Datasheet
272Kb / 20P
   3V NVRAM Supervisor for Up to 8 LPSRAMs
M40SZ100Y STMICROELECTRONICS-M40SZ100Y Datasheet
285Kb / 19P
   5V or 3V NVRAM SUPERVISOR FOR LPSRAM
M40Z300 STMICROELECTRONICS-M40Z300_10 Datasheet
431Kb / 25P
   5 V or 3 V NVRAM supervisor for up to 8 LPSRAMs
M40SZ100Y STMICROELECTRONICS-M40SZ100Y_07 Datasheet
230Kb / 25P
   5V or 3V NVRAM supervisor for LPSRAM
M40SZ100Y STMICROELECTRONICS-M40SZ100Y_10 Datasheet
442Kb / 24P
   5 V or 3 V NVRAM supervisor for LPSRAM
M41ST85Y STMICROELECTRONICS-M41ST85Y Datasheet
530Kb / 34P
   5.0 OR 3.0V, 512 bit 64 x 8 SERIAL RTC and NVRAM SUPERVISOR
M40Z300 STMICROELECTRONICS-M40Z300 Datasheet
128Kb / 16P
   NVRAM CONTROLLER for up to EIGHT LPSRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com