Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M27V160-150XS6 Datasheet(PDF) 11 Page - STMicroelectronics

Part # M27V160-150XS6
Description  16 Mbit (2Mb x8 or 1Mb x16) Low Voltage UV EPROM and OTP EPROM
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M27V160-150XS6 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button M27V160-150XS6 Datasheet HTML 7Page - STMicroelectronics M27V160-150XS6 Datasheet HTML 8Page - STMicroelectronics M27V160-150XS6 Datasheet HTML 9Page - STMicroelectronics M27V160-150XS6 Datasheet HTML 10Page - STMicroelectronics M27V160-150XS6 Datasheet HTML 11Page - STMicroelectronics M27V160-150XS6 Datasheet HTML 12Page - STMicroelectronics M27V160-150XS6 Datasheet HTML 13Page - STMicroelectronics M27V160-150XS6 Datasheet HTML 14Page - STMicroelectronics M27V160-150XS6 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 25 page
background image
M27V160
Device description
11/26
2.9
Electronic Signature
The Electronic Signature (ES) mode allows the reading out of a binary code from an
EPROM that will identify its manufacturer and type. This mode is intended for use by
programming equipment to automatically match the device to be programmed with its
corresponding programming algorithm. The ES mode is functional in the 25°C ± 5°C
ambient temperature range that is required when programming the M27V160. To activate
the ES mode, the programming equipment must force 11.5V to 12.5V on address line A9 of
the M27V160, with VPP = VCC = 5V.
Two identifier bytes may then be sequenced from the device outputs by toggling address line
A0 from VIL to VIH. All other address lines must be held at VIL during Electronic Signature
mode.
Byte 0 (A0 = VIL) represents the manufacturer code and byte 1 (A0 = VIH) the device
identifier code. For the STMicroelectronics M27V160, these two identifier bytes are given in
Table 3 and can be read-out on outputs Q7 to Q0. Note that the M27V160 and M27C160
have the same identifier bytes.
2.10
Erasure operation (applies to UV EPROM)
The erasure characteristics of the M27V160 is such that erasure begins when the cells are
exposed to light with wavelengths shorter than approximately 4000 Å. It should be noted
that sunlight and some type of fluorescent lamps have wavelengths in the 3000-4000 Å
range. Research shows that constant exposure to room level fluorescent lighting could
erase a typical M27V160 in about 3 years, while it would take approximately 1 week to
cause erasure when exposed to direct sunlight. If the M27V160 is to be exposed to these
types of lighting conditions for extended periods of time, it is suggested that opaque labels
be put over the M27V160 window to prevent unintentional erasure. The recommended
erasure procedure for M27V160 is exposure to short wave ultraviolet light which has a
wavelength of 2537 Å. The integrated dose (i.e. UV intensity x exposure time) for erasure
should be a minimum of 30 W-sec/cm2. The erasure time with this dosage is approximately
30 to 40 minutes using an ultraviolet lamp with 12000 µW/cm2 power rating. The M27V160
should be placed within 2.5 cm (1 inch) of the lamp tubes during the erasure. Some lamps
have a filter on their tubes which should be removed before erasure.
Table 3.
Electronic Signature
Identifier
A0
Q15
and
Q7
Q14
and
Q6
Q13
and
Q5
Q12
and
Q4
Q11
and
Q3
Q10
and
Q2
Q9
and
Q1
Q8
and
Q0
Hex
Data
Manufacturer’s Code
VIL
001
000
00
20h
Device Code
VIH
101
100
01
B1h


Similar Part No. - M27V160-150XS6

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M27V160-150XB1TR STMICROELECTRONICS-M27V160-150XB1TR Datasheet
103Kb / 15P
   16 Mbit (2Mb x8 or 1Mb x16) Low Voltage UV EPROM and OTP EPROM
March 2000
M27V160-150XB6TR STMICROELECTRONICS-M27V160-150XB6TR Datasheet
103Kb / 15P
   16 Mbit (2Mb x8 or 1Mb x16) Low Voltage UV EPROM and OTP EPROM
March 2000
M27V160-150XF1TR STMICROELECTRONICS-M27V160-150XF1TR Datasheet
103Kb / 15P
   16 Mbit (2Mb x8 or 1Mb x16) Low Voltage UV EPROM and OTP EPROM
March 2000
M27V160-150XF6TR STMICROELECTRONICS-M27V160-150XF6TR Datasheet
103Kb / 15P
   16 Mbit (2Mb x8 or 1Mb x16) Low Voltage UV EPROM and OTP EPROM
March 2000
M27V160-150XM1TR STMICROELECTRONICS-M27V160-150XM1TR Datasheet
103Kb / 15P
   16 Mbit (2Mb x8 or 1Mb x16) Low Voltage UV EPROM and OTP EPROM
March 2000
More results

Similar Description - M27V160-150XS6

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M27C160 STMICROELECTRONICS-M27C160 Datasheet
187Kb / 19P
   16 Mbit 2Mb x8 or 1Mb x16 UV EPROM and OTP EPROM
M27V160 STMICROELECTRONICS-M27V160 Datasheet
103Kb / 15P
   16 Mbit (2Mb x8 or 1Mb x16) Low Voltage UV EPROM and OTP EPROM
March 2000
M27V800 STMICROELECTRONICS-M27V800 Datasheet
108Kb / 16P
   8 Mbit 1Mb x8 or 512Kb x16 Low Voltage UV EPROM and OTP EPROM
M27C800 STMICROELECTRONICS-M27C800 Datasheet
171Kb / 18P
   8 Mbit 1Mb x8 or 512Kb x16 UV EPROM and OTP EPROM
M27W801 STMICROELECTRONICS-M27W801_06 Datasheet
202Kb / 24P
   8 Mbit 1Mb x8 Low Voltage UV EPROM and OTP EPROM
M27V801 STMICROELECTRONICS-M27V801 Datasheet
108Kb / 16P
   8 Mbit 1Mb x8 Low Voltage UV EPROM and OTP EPROM
M27W801 STMICROELECTRONICS-M27W801 Datasheet
108Kb / 16P
   8 Mbit 1Mb x8 Low Voltage UV EPROM and OTP EPROM
M27V322 STMICROELECTRONICS-M27V322 Datasheet
112Kb / 13P
   32 Mbit (2Mb x16) Low Voltage UV EPROM and OTP EPROM
March 2000
M27C322 STMICROELECTRONICS-M27C322 Datasheet
112Kb / 13P
   32 Mbit (2Mb x16) UV EPROM and OTP EPROM
April 2000
M27C322 STMICROELECTRONICS-M27C322_06 Datasheet
196Kb / 24P
   32 Mbit (2Mb x16) UV EPROM and OTP EPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com