Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VN5012AKTR-E Datasheet(PDF) 10 Page - STMicroelectronics

Part # VN5012AKTR-E
Description  Single channel high side driver with analog current sense for automotive applications
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VN5012AKTR-E Datasheet(HTML) 10 Page - STMicroelectronics

Back Button VN5012AKTR-E Datasheet HTML 6Page - STMicroelectronics VN5012AKTR-E Datasheet HTML 7Page - STMicroelectronics VN5012AKTR-E Datasheet HTML 8Page - STMicroelectronics VN5012AKTR-E Datasheet HTML 9Page - STMicroelectronics VN5012AKTR-E Datasheet HTML 10Page - STMicroelectronics VN5012AKTR-E Datasheet HTML 11Page - STMicroelectronics VN5012AKTR-E Datasheet HTML 12Page - STMicroelectronics VN5012AKTR-E Datasheet HTML 13Page - STMicroelectronics VN5012AKTR-E Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 31 page
background image
Electrical specifications
VN5012AK-E
10/31
Table 8.
Logic input
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
VIL
Input low level voltage
0.9
V
IIL
Low level input current
VIN=0.9V
1
µA
VIH
Input high level voltage
2.1
V
IIH
High level input current
VIN=2.1V
10
µA
VI(hyst)
Input hysteresis voltage
0.25
V
VICL
Input clamp voltage
IIN=1mA
IIN=-1mA
5.5
-0.7
7V
V
VCSDL
CS_DIS low level voltage
0.9
V
ICSDL
Low level CS_DIS
current
VCSD=0.9V
1
µA
VCSDH
CS_DIS high level
voltage
2.1
V
ICSDH
High level CS_DIS
current
VCSD=2.1V
10
µA
VCSD(hyst)
CS_DIS hysteresis
voltage
0.25
V
VCSCL
CS_DIS clamp voltage
ICSD=1mA
ICSD=-1mA
5.5
-0.7
7V
V
Table 9.
Protections and diagnostics
(1)
1.
To ensure long term reliability under heavy overload or short circuit conditions, protection and related
diagnostic signals must be used together with a proper software strategy. If the device is subjected to
abnormal conditions, this software must limit the duration and number of activation cycles.
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
IlimH
DC Short circuit current
VCC=13V
5V<VCC<36V
45
65
90
90
A
A
IlimL
Short circuit current
during thermal cycling
VCC=13V TR<Tj<TTSD
24
A
TTSD
Shutdown temperature
150
175
200
°C
TR
Reset temperature
TRS + 1 TRS + 5
°C
TRS
Thermal reset of
STATUS
135
°C
THYST
Thermal hysteresis
(TTSD-TR)
7°C
VDEMAG
Turn-off output voltage
clamp
IOUT=2A; VIN=0; L=6mH
VCC-41 VCC-46 VCC-52
V
VON
Output voltage drop
limitation
IOUT= 0.5A;
Tj= -40°C...+150°C
(see Figure 9)
25
mV


Similar Part No. - VN5012AKTR-E

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VN5012AK.E STMICROELECTRONICS-VN5012AK.E Datasheet
1Mb / 22P
   for car body applications
More results

Similar Description - VN5012AKTR-E

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VN5016AJ-E STMICROELECTRONICS-VN5016AJ-E Datasheet
120Kb / 13P
   SINGLE CHANNEL HIGH SIDE DRIVER WITH ANALOG CURRENT SENSE FOR AUTOMOTIVE APPLICATIONS
VN5E010MH-E STMICROELECTRONICS-VN5E010MH-E Datasheet
682Kb / 34P
   Single-channel high-side driver with analog current sense for automotive applications
VN5E006ASP-E STMICROELECTRONICS-VN5E006ASP-E Datasheet
763Kb / 38P
   Single channel high-side driver with analog current sense for automotive applications
March 2015 Rev 9
VN5E050ASO-E STMICROELECTRONICS-VN5E050ASO-E Datasheet
719Kb / 37P
   Single channel high-side driver with analog current sense for automotive applications
September 2013 Rev 5
VN5050AJ-E STMICROELECTRONICS-VN5050AJ-E Datasheet
806Kb / 32P
   Single channel high side driver with analog current sense for automotive applications
VN5E025MJTR-E STMICROELECTRONICS-VN5E025MJTR-E Datasheet
617Kb / 37P
   Single channel high-side driver with analog current sense for automotive applications
VN5E025ASO-E STMICROELECTRONICS-VN5E025ASO-E Datasheet
657Kb / 37P
   Single channel high-side driver with analog current sense for automotive applications
September 2013 Rev 5
VN5E025MJ-E STMICROELECTRONICS-VN5E025MJ-E Datasheet
699Kb / 34P
   Single channel high side driver with analog current sense for automotive applications
October 2013 Rev 2
VN5E010MHTR-E STMICROELECTRONICS-VN5E010MHTR-E Datasheet
802Kb / 34P
   Single-channel high-side driver with analog current sense for automotive applications
VN5012SAKTR-E STMICROELECTRONICS-VN5012SAKTR-E Datasheet
345Kb / 30P
   Single channel high side driver with analog current sense for automotive applications
VN5E050AJ-E STMICROELECTRONICS-VN5E050AJ-E Datasheet
746Kb / 37P
   Single channel high side driver with analog current sense for automotive applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com