Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AAT3514 Datasheet(PDF) 3 Page - Advanced Analogic Technologies

Part # AAT3514
Description  Micropower 關P Reset with Watchdog Timer
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGICTECH [Advanced Analogic Technologies]
Direct Link  http://www.analogictech.com
Logo ANALOGICTECH - Advanced Analogic Technologies

AAT3514 Datasheet(HTML) 3 Page - Advanced Analogic Technologies

  AAT3514 Datasheet HTML 1Page - Advanced Analogic Technologies AAT3514 Datasheet HTML 2Page - Advanced Analogic Technologies AAT3514 Datasheet HTML 3Page - Advanced Analogic Technologies AAT3514 Datasheet HTML 4Page - Advanced Analogic Technologies AAT3514 Datasheet HTML 5Page - Advanced Analogic Technologies AAT3514 Datasheet HTML 6Page - Advanced Analogic Technologies AAT3514 Datasheet HTML 7Page - Advanced Analogic Technologies AAT3514 Datasheet HTML 8Page - Advanced Analogic Technologies AAT3514 Datasheet HTML 9Page - Advanced Analogic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
AAT3510/1/2/3/4/5/6/7/8/9
Micropower µP Reset with Watchdog Timer
3510.2006.03.1.7
3
Absolute Maximum Ratings
1
T
A = 25°C, unless otherwise noted.
Thermal Information
2
Symbol
Description
Value
Units
Θ
JA
Maximum Thermal Resistance
190
°C/W
P
D
Maximum Power Dissipation
526
mW
Symbol
Description
Max
Units
V
CC
V
CC to GND
-0.3 to 6
V
V
MR, VWDI
MR, WDI to GND
-0.3 to V
CC + 0.3
V
V
RESET
RESET to GND (Push-Pull or Bidirectional Output)
-0.3 to V
CC + 0.3
V
RESET to GND (Open Drain Output)
-0.3 to 6
I
VCC, IMR, IWDI
Maximum Continuous Input Current
20
mA
I
RESET
RESET/RESET Output Current
20
mA
dV
CC/dt
Rate of Rise of V
CC
100
V/µs
T
J
Operating Junction Temperature Range (-40°C to +150°C)
150
°C
1. Stresses above those listed in Absolute Maximum Ratings may cause permanent damage to the device. Functional operation at condi-
tions other than the operating conditions specified is not implied. Only one Absolute Maximum Rating should be applied at any one time.
2. Mounted on an FR4 board.


Similar Part No. - AAT3514

ManufacturerPart #DatasheetDescription
logo
Advanced Analog Technol...
AAT3514 AAT-AAT3514 Datasheet
110Kb / 11P
   Micropower uP Reset with Watchdog Timer
logo
Advanced Analogic Techn...
AAT3514IGV-2.63-A-A-T1 ANALOGICTECH-AAT3514IGV-2.63-A-A-T1 Datasheet
157Kb / 12P
   Micropower uP Reset with Watchdog Timer
AAT3514IGV-2.63-A-B-T1 ANALOGICTECH-AAT3514IGV-2.63-A-B-T1 Datasheet
157Kb / 12P
   Micropower uP Reset with Watchdog Timer
AAT3514IGV-2.63-B-A-T1 ANALOGICTECH-AAT3514IGV-2.63-B-A-T1 Datasheet
157Kb / 12P
   Micropower uP Reset with Watchdog Timer
AAT3514IGV-2.63-B-B-T1 ANALOGICTECH-AAT3514IGV-2.63-B-B-T1 Datasheet
157Kb / 12P
   Micropower uP Reset with Watchdog Timer
More results

Similar Description - AAT3514

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT3510 ANALOGICTECH-AAT3510 Datasheet
157Kb / 12P
   Micropower uP Reset with Watchdog Timer
logo
Advanced Analog Technol...
AAT3510 AAT-AAT3510 Datasheet
110Kb / 11P
   Micropower uP Reset with Watchdog Timer
logo
Maxim Integrated Produc...
MAX6821 MAXIM-MAX6821_V01 Datasheet
1Mb / 9P
   Low-Voltage SOT23 關P Supervisors with Manual Reset and Watchdog Timer
2014
MAX6821 MAXIM-MAX6821 Datasheet
167Kb / 9P
   Low-Voltage SOT23 關P Supervisors with Manual Reset and Watchdog Timer
Rev 1; 1/01
logo
ATMEL Corporation
AT83C5112 ATMEL-AT83C5112_14 Datasheet
989Kb / 97P
   Hardware Watchdog Timer with Reset-out
logo
Rohm
BD3004HFP ROHM-BD3004HFP Datasheet
241Kb / 6P
   Voltage Regulator with Watchdog timer Reset
logo
ATMEL Corporation
AT87C5112 ATMEL-AT87C5112_14 Datasheet
989Kb / 97P
   Hardware Watchdog Timer with Reset-out
logo
New Japan Radio
NJU7291 NJRC-NJU7291 Datasheet
276Kb / 10P
   SYSTEM RESET IC WITH WATCHDOG TIMER
logo
Rohm
BD3005HFP ROHM-BD3005HFP Datasheet
356Kb / 6P
   Voltage Regulator with Watchdog Timer Reset
logo
ATMEL Corporation
AT80C5112 ATMEL-AT80C5112_14 Datasheet
989Kb / 97P
   Hardware Watchdog Timer with Reset-out
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com